Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTFL546G Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # HTFL546G
Description  3.3V 14 PIN DIP FIXED FREQUENCY LVCMOS TCXO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

HTFL546G Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  HTFL546G Datasheet HTML 1Page - Connor-Winfield Corporation HTFL546G Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722.
WWW.CONWIN.COM
PRODUCT
DA TA
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
The Connor Winfield
HTFL546G is a 3.3V LVCMOS,
hermetically sealed, fixed
frequency, Temperature
Compensated Crystal Oscillator
(TCXO). The HTFL546G is
designed for use as a
SONET/SDH Network Timing
Source.
1
2
HTFL546G
- 1.544 MHz
TCXO
SERIES
CENTER
FREQUENCY
3.3V OPERATION
LVCMOS OUTPUT
LOW JITTER <1pS RMS
OVERALL FREQUENCY TOLERANCE:
±04.6ppm
TEMPERATURE RANGE: 0 to 70°C
HERMETICALLY SEALED PACKAGE
RoHS COMPLIANT / LEAD FREE
3.3V 14 PIN DIP FIXED FREQUENCY
LVCMOS TCXO
HTFL546G
Tx159
00
08/10/06
ORDERING INFORMATION
FEATURES
DESCRIPTION
CW
0632
HTFL546G
1.544M
ABSOLU TE MAX IMUM RATING S
TABLE 1.0
PARAMETER
UNITS
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Storage Temperature
-40
-
85
°C
Supply Voltage
(Vcc)
-0.5
-
7
Vdc
OPERATING SPECIFIC ATIONS
TABLE 2.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Frequency Range
(Fo)
1.544
-
77.76
MHz
Frequency Tolerance
-4.6
-
4.6
ppm
1
Operating Temperature Range
0
-
70
°C
Supply Voltage
(Vcc)
3.135
3.3
3.465
Vdc
Supply Current
(Icc)
-
9
25
mA
Jitter (BW=10Hz to 20MHz)
-
-
5
ps rms
Jitter (BW=12kHz to 20MHz)
-
-
1
ps rms
SSB Phase Noise at 10Hz offset
-
-80
-
SSB Phase Noise at 100Hz offset
-
-100
-
dBc/Hz
SSB Phase Noise at 1KHz offset
-
-125
-
dBc/Hz
SSB Phase Noise at 10KHz offset
-
-135
-
dBc/Hz
SSB Phase Noise at 100KHz offset
-
-145
-
dBc/Hz
LVCMOS OUTPUT CHARACTERISTICS
TABLE 3.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
LOAD
-
-
15
pF
Voltage
(High)
(Voh)
2.2
2.4
-
Vdc
(Low)
(Vol)
-
0.3
0.4
Vdc
Current
(High)
(Ioh)
-4
-
-
mA
(Low)
(Ioh)
-
-
4
mA
Duty Cycle at 50% of Vcc
45
50
55
%
Rise / Fall Time 10% to 90%
3
5
nS
Note:
1) Inclusive of calibration, frequency vs. t emperature stability, supply voltage c hange, load
change, shock and vibration, 20 years aging.
PACKAG E CHARACTERISTICS
TABLE 4. 0
Package
Hermetically sealed, metal package.


Similar Part No. - HTFL546G

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
HTFL546 CONNOR-WINFIELD-HTFL546 Datasheet
208Kb / 2P
   3.3V 14 PIN DIP HCMOS TCXO
HTFL546-20.48M CONNOR-WINFIELD-HTFL546-20.48M Datasheet
208Kb / 2P
   3.3V 14 PIN DIP HCMOS TCXO
More results

Similar Description - HTFL546G

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
HTFL530 CONNOR-WINFIELD-HTFL530 Datasheet
103Kb / 2P
   3.3V 14 Pin DIP LVCMOS TCXO Crystal Oscillator
HTFL680 CONNOR-WINFIELD-HTFL680 Datasheet
204Kb / 2P
   3.3V 14 PIN DIP HCMOS TCXO
HTFL546 CONNOR-WINFIELD-HTFL546 Datasheet
208Kb / 2P
   3.3V 14 PIN DIP HCMOS TCXO
OFA3AB1AA CONNOR-WINFIELD-OFA3AB1AA Datasheet
223Kb / 2P
   14 PIN DIP 3.3V HCMOS FIXED FREQUENCY OCXO
OFA3AB1AB CONNOR-WINFIELD-OFA3AB1AB Datasheet
217Kb / 2P
   14 PIN DIP 3.3V HCMOS FIXED FREQUENCY OCXO
HC15R5A CONNOR-WINFIELD-HC15R5A Datasheet
205Kb / 2P
   3.3V LVCMOS 14 PIN DIP CRYSTAL CLOCK OSCILLATOR
OVA3AB4AA CONNOR-WINFIELD-OVA3AB4AA Datasheet
130Kb / 2P
   14 PIN DIP 3.3V STRATUM 3 LVCMOS OCVCXO
HTFL2-20.00M CONNOR-WINFIELD-HTFL2-20.00M Datasheet
117Kb / 2P
   3.3V HCMOS TCXO 14 Pin DIP Crystal Oscillator
BGOV3S3G CONNOR-WINFIELD-BGOV3S3G Datasheet
161Kb / 2P
   3.3V 14 PIN DIP STRATUM 3 LVCMOS VCOCXO
ATV562 CONNOR-WINFIELD-ATV562 Datasheet
39Kb / 1P
   14 PIN DIP HCMOS TCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com