Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-098X Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-098X
Description  Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-098X Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-098X Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-098X Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-098X Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-098X Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-098X Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-098X Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-098X Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-098X Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Color Bin Limits
(Dominant Wavelength)
Intensity Range (nm)
Color
Bin
Min.
Max.
Yellow
1
581.50
585.00
2
584.00
587.50
3
586.50
590.00
Green
1
570.00
574.00
2
573.00
577.00
3
576.00
580.00
Note:
Bincategoriesareestablishedforclassification
ofproducts.Productsmaynotbeavailableinall
bincategories.PleaseconsultyourlocalAvago
Technologiesrepresentative.
Intensity Bin Limits for HDSP-078x Series
Bin Category
Min. (mcd)
Max. (mcd)
Condition
A
0.065
0.102
B
0.085
0.138
C
0.114
0.200
LuminousIntensityper
D
0.165
0.300
LED.VDD@5.0V
E
0.260
0.488
F
0.403
0.756
G
0.625
1.172
Intensity Bin Limits for HDSP-079x Series
Bin Category
Min. (mcd)
Max. (mcd)
Condition
E
0.260
0.488
F
0.403
0.756
LuminousIntensityper
G
0.625
1.172
LED.VDD@5.0V
H
0.969
1.820
Intensity Bin Limits for HDSP-088x Series
Bin Category
Min. (mcd)
Max. (mcd)
Condition
A
0.22
0.34
B
0.28
0.46
C
0.38
0.66
LuminousIntensityper
D
0.55
0.99
LED.VDD@5.0V
E
0.82
1.54
F
1.27
2.39
Intensity Bin Limits for HDSP-098x Series
Bin Category
Min. (mcd)
Max. (mcd)
Condition
C
0.30
0.52
D
0.43
0.79
LuminousIntensityper
E
0.65
1.18
LED.VDD@5.0V
F
0.97
1.76
G
1.45
2.63
Electrical Characteristics
TA=–55°Cto+100°C
Device
Description
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
HDSP-0783
PowerDissipation(AllLEDsIlluminated)
PT
IF=2.8mA
72
mW
IF=8mA
224
282
ForwardVoltageperLED
VF
IF=2.8mA
1.6
V
IF=8mA
1.75
2.2
HDSP-0883
PowerDissipation(AllLEDsIlluminated)
PT
IF=8mA
237
282
mW
ForwardVoltageperLED
VF
1.90
2.2
V
HDSP-0983
PowerDissipation(AllLEDsIlluminated)
PT
IF=8mA
243
282
mW
ForwardVoltageperLED
VF
1.85
2.2
V
For product information and a complete list of distributors, please go to our website:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies Limited in the United States and other countries.
Data subject to change. Copyright © 2005-2008 Avago Technologies Limited. All rights reserved. Obsoletes 5989-3188EN
AV02-1334EN - June 6, 2008


Similar Part No. - HDSP-098X

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-098X HP-HDSP-098X Datasheet
124Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
More results

Similar Description - HDSP-098X

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0781 AVAGO-HDSP-0781 Datasheet
151Kb / 9P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
HDSP-0781 AVAGO-HDSP-0781_08 Datasheet
221Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-078X HP-HDSP-078X Datasheet
124Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
HDSP-076 HP-HDSP-076 Datasheet
118Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-076X AVAGO-HDSP-076X Datasheet
148Kb / 9P
   Hexadecimal and Numeric Displays for Industrial Applications
HDSP-0760 AVAGO-HDSP-0760_08 Datasheet
216Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-076X HP-HDSP-076X Datasheet
202Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
Micropac Industries
67023 MICROPAC-67023 Datasheet
133Kb / 7P
   HERMETIC , NUMERIC AND HEXADECIMAL DISPLAYS
logo
Opto Electronics Co,. L...
4N51 E-OEC-4N51 Datasheet
135Kb / 7P
   HERMETIC , NUMERIC AND HEXADECIMAL
logo
Agilent(Hewlett-Packard...
5082-7300 HP-5082-7300 Datasheet
145Kb / 6P
   Hexadecimal and Numeric Indicators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com