Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1396CS8-TR Datasheet(PDF) 5 Page - Linear Technology

Part # LT1396CS8-TR
Description  Single/Dual/Quad 400MHz Current Feedback Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1396CS8-TR Datasheet(HTML) 5 Page - Linear Technology

  LT1396CS8-TR Datasheet HTML 1Page - Linear Technology LT1396CS8-TR Datasheet HTML 2Page - Linear Technology LT1396CS8-TR Datasheet HTML 3Page - Linear Technology LT1396CS8-TR Datasheet HTML 4Page - Linear Technology LT1396CS8-TR Datasheet HTML 5Page - Linear Technology LT1396CS8-TR Datasheet HTML 6Page - Linear Technology LT1396CS8-TR Datasheet HTML 7Page - Linear Technology LT1396CS8-TR Datasheet HTML 8Page - Linear Technology LT1396CS8-TR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LT1395/LT1396/LT1397
139567fc
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ELECTRICAL C
C
HARA TERISTICS
The
denotes specifications which apply over the specified operating temperature range, otherwise specifications are at TA = 25°C.
For each amplifier: VCM = 0V, VS = ±5V, pulse tested, unless otherwise noted. (Note 5)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: This parameter is guaranteed to meet specified performance
through design and characterization. It has not been tested.
Note 3: A heat sink may be required depending on the power supply
voltage and how many amplifiers have their outputs short circuited.
The
θJA specified for the DD package is with minimal PCB heat spreading
metal. Using expanded metal area on all layers of a board reduces
this value.
Note 4: The LT1395C/LT1396C/LT1397C are guaranteed functional over
the operating temperature range of – 40
°C to 85°C. The LT1397H is
guaranteed functional over the operating temperature range of –40
°C
to 125
°C.
Note 5: The LT1395C/LT1396C/LT1397C are guaranteed to meet specified
performance from 0
°C to 70°C. The LT1395C/LT1396C/LT1397C are
designed, characterized and expected to meet specified performance from
–40
°C and 85°C but are not tested or QA sampled at these temperatures.
The LT1397H is guaranteed to meet specified performance from –40
°C to
125
°C. For guaranteed I-grade parts, consult the factory.
Note 6: TJ is calculated from the ambient temperature TA and the
power dissipation PD according to the following formula:
LT1395CS5: TJ = TA + (PD • 250°C/W)
LT1396CS6: TJ = TA + (PD • 230°C/W)
LT1395CS8: TJ = TA + (PD • 150°C/W)
LT1396CS8: TJ = TA + (PD • 150°C/W)
LT1396CMS8: TJ = TA + (PD • 250°C/W)
LT1396CDD: TJ = TA + (PD • 160°C/W)
LT1397CS14: TJ = TA + (PD • 100°C/W)
LT1397CGN16: TJ = TA + (PD • 135°C/W)
LT1397CDE: TJ = TA + (PD • 43°C/W)
LT1397HDE: TJ = TA + (PD • 43°C/W)
Note 7: Slew rate is measured at
±2V on a ±3V output signal.
Note 8: Differential gain and phase are measured using a Tektronix
TSG120YC/NTSC signal generator and a Tektronix 1780R Video
Measurement Set. The resolution of this equipment is 0.1% and 0.1
°.
Ten identical amplifier stages were cascaded giving an effective
resolution of 0.01% and 0.01
°.
Note 9: For LT1395CS6, turn-on delay time (tON) is measured from
control input to appearance of 1V(50%) at the output, for VIN = 1V and
AV = 2. Likewise, turn-off delay time (tOFF) is measured from control
input to appearance of 1V(50%) on the output for VIN = 1V and
AV = 2. This specification is guaranteed by design and characterization.
tON
Turn-On Delay Time (Note 9)
RF = RG = 255Ω, RL = 100Ω, (LT1395CS6 only)
30
75
ns
tOFF
Turn-Off Delay Time (Note 9)
RF = RG = 255Ω, RL = 100Ω, (LT1395CS6 only)
40
100
ns
– 3dB BW
–3dB Bandwidth
AV = 1, RF = 374Ω, RL = 100Ω
400
MHz
AV = 2, RF = RG = 255Ω, RL = 100Ω
350
MHz
0.1dB BW 0.1dB Bandwidth
AV = 1, RF = 374Ω, RL = 100Ω
100
MHz
AV = 2, RF = RG = 255Ω, RL = 100Ω
100
MHz
tr, tf
Small-Signal Rise and Fall Time
RF = RG = 255Ω, RL = 100Ω, VOUT = 1VP-P
1.3
ns
tPD
Propagation Delay
RF = RG = 255Ω, RL = 100Ω, VOUT = 1VP-P
2.5
ns
os
Small-Signal Overshoot
RF = RG = 255Ω, RL = 100Ω, VOUT = 1VP-P
10
%
tS
Settling Time
0.1%, AV = – 1, RF = RG = 280Ω, RL = 150Ω
25
ns
dG
Differential Gain (Note 8)
RF = RG = 255Ω, RL = 150Ω
0.02
%
dP
Differential Phase (Note 8)
RF = RG = 255Ω, RL = 150Ω
0.04
DEG


Similar Part No. - LT1396CS8-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1396CS8 LINER-LT1396CS8 Datasheet
196Kb / 12P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
More results

Similar Description - LT1396CS8-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1397 LINER-LT1397_15 Datasheet
329Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1396 LINER-LT1396_15 Datasheet
329Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1395 LINER-LT1395_15 Datasheet
329Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1395 LINER-LT1395 Datasheet
196Kb / 12P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
logo
Maxim Integrated Produc...
MAX4112 MAXIM-MAX4112 Datasheet
167Kb / 12P
   Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
19-0440; Rev 2; 4/97
MAX4112 MAXIM-MAX4112_V01 Datasheet
577Kb / 12P
   Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
2007
logo
Texas Instruments
LMH6723 TI1-LMH6723 Datasheet
1Mb / 28P
[Old version datasheet]   Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier
logo
National Semiconductor ...
CLC446 NSC-CLC446 Datasheet
157Kb / 12P
   400MHz, 50mW Current-Feedback Op Amp
logo
Intersil Corporation
HA5025 INTERSIL-HA5025 Datasheet
150Kb / 13P
   Quad, 125MHz Video Current Feedback Amplifier
September 1998
logo
National Semiconductor ...
LM6104 NSC-LM6104 Datasheet
118Kb / 6P
   Quad Gray Scale Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com