Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDNS-2100 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDNS-2100
Description  Optical Mouse Sensor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDNS-2100 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HDNS-2100 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDNS-2100 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDNS-2100 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDNS-2100 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDNS-2100 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDNS-2100 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HDNS-2100 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HDNS-2100 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HDNS-2100 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
8
Figure 9. Application using quadrature output pins
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Notes
Storage Temperature
TS
–40
85
˚C
Operating Temperature
TA
–15
55
˚C
Lead Solder Temperature
260
˚C
For 10 seconds, 1.6 mm below seating
plane.
Supply Voltage
VDD
–0.5
5.5
V
ESD
2
kV
All pins, human body model MIL 883
Method 3015
Input Voltage
VIN
–0.5
VDD + 0.5
V
PD, SDIO, SCLK, XA, XB, YA, YB, XY_LED,
R_BIN
Input Voltage
VIN
–0.5
3.6
V
OSC_IN, OSC_OUT, REF_A
Alternative Application using Quadrature Output Pins
GND
GND
12
10
2 XA
XB
3
YB
4
YA
5
16
D+
D–
18 MHz
0.1 µF
REFB
XY_LED
SDIO
6
R1
SURFACE
VDD
VDD
INTERNAL
IMAGE
SENSOR
ADNS-2001 fig 09
ADNS-2051
OSC_IN
OSC_OUT
9
11
CERAMIC RESONATOR
AVX
KBR-18-00-MSA
MURATA
CSALS18M0X55-B0
D+
14
D–
13
XTALIN
10
11
VPP
2
P0.1
P0.2
XTALOUT
3
CYPRESS
CY7C63001A-PC
P0.3 4
17
8
BUTTONS
PANASONIC
EVQ SERIES ENCODER
Z-WHEEL
P1.0
P0.0
1
5
4.7 µF
12
VDD
9
CEXT
1.5 M
GND
SHLD
6 MHz
0.33 µF
REFA
HLMP-ED80
PD
15
P1.1 16
SCLK
1
P1.3 15
18
P0.6
P0.7
13
R_BIN
7
8
14
6 P1.2
19 P0.5
20 P0.4
M
R
L
VSS
7
2.2 µF
0.1 µF
R1 VALUE
(k
Ω)
15.0
15.0
15.0
15.0
15.0
15.0 ~ 18.0
15.0 ~ 22.0
15.0 ~ 27.0
15.0 ~ 33.0
15.0 ~ 37.0
LED
BIN
K
L
M
N
P
Q
R
S
T
U
HDNS-2100
LENS
1.5 k
7.5 k
D- RESISTOR CONNECTION
ALTERNATIVE D- RESISTOR CONNECTION
3.3 V REGULATOR
LP2950AC
Z-3.3


Similar Part No. - HDNS-2100

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDNS-2100 HP-HDNS-2100 Datasheet
203Kb / 12P
   Optical Mouse Sensor
HDNS-2100 HP-HDNS-2100 Datasheet
116Kb / 1P
   Solid-State Optical Mouse Sensor
logo
Analog Devices
HDNS-2100 AD-HDNS-2100 Datasheet
121Kb / 1P
   Solid-State Optical Mouse Sensor Sample Kit
logo
Agilent(Hewlett-Packard...
HDNS-2100 HP-HDNS-2100 Datasheet
717Kb / 51P
   Solid-State Optical Mouse Sensor
HDNS-2100 HP-HDNS-2100 Datasheet
172Kb / 2P
   Solid-State Optical Mouse Lens
More results

Similar Description - HDNS-2100

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
   Optical Mouse Sensor
ADNK-5030 AVAGO-ADNK-5030 Datasheet
89Kb / 1P
   Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-2052 BOARDCOM-ADNK-2052 Datasheet
106Kb / 1P
   Optical Mouse Sensor
ADNK-3000 BOARDCOM-ADNK-3000 Datasheet
58Kb / 1P
   Optical Mouse Sensor
logo
Agilent(Hewlett-Packard...
ADNS-2001 HP-ADNS-2001 Datasheet
203Kb / 12P
   Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-5020-EN AVAGO-ADNK-5020-EN Datasheet
108Kb / 1P
   Optical Mouse Sensor
ADNK-2620 AVAGO-ADNK-2620 Datasheet
107Kb / 1P
   Optical Mouse Sensor
ADNK-3550 AVAGO-ADNK-3550 Datasheet
100Kb / 1P
   Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-2080 BOARDCOM-ADNK-2080 Datasheet
185Kb / 1P
   Optical Mouse Sensor
ADNK-5030 BOARDCOM-ADNK-5030 Datasheet
89Kb / 1P
   Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com