Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6225B142MR-G Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6225B142MR-G
Description  30mA High Speed LDO Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6225B142MR-G Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6225B142MR-G Datasheet HTML 1Page - Torex Semiconductor XC6225B142MR-G Datasheet HTML 2Page - Torex Semiconductor XC6225B142MR-G Datasheet HTML 3Page - Torex Semiconductor XC6225B142MR-G Datasheet HTML 4Page - Torex Semiconductor XC6225B142MR-G Datasheet HTML 5Page - Torex Semiconductor XC6225B142MR-G Datasheet HTML 6Page - Torex Semiconductor XC6225B142MR-G Datasheet HTML 7Page - Torex Semiconductor XC6225B142MR-G Datasheet HTML 8Page - Torex Semiconductor XC6225B142MR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5/15
XC6225
Series
■ELECTRICAL CHARACTERISTICS
XC6225A/B Series
Ta=25℃
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
VOUT(T)≧1.50V
VCE=VIN, IOUT=10mA
×0.98
*3
×1.02
*3
Output Voltage
VOUT(E)
(*2)
VOUT(T)≦1.45V
VCE=VIN, IOUT=10mA
-0.03
*3
VOUT(T)
*4
+0.03
*3
V
VCE=VIN
VIN= VOUT(T)+1.0V
1.5V≦VOUT(T)≦5.0V
Output Current
IOUTMAX
VCE=VIN
VIN=2.5V
0.8V≦VOUT(T)≦1.45V
30
50
-
mA
Load Regulation
ΔVOUT
VCE=VIN
0.1mA≦IOUT≦30mA
-
5
12
mV
Dropout Voltage (*5)
Vdif
IOUT=30mA, VCE=VIN
DROPOUT VOLTAGE
CHART
mV
Supply Current
ISS
VIN=VOUT+1.0V, IOUT=0mA
-
25
50
μ
A
Stand-by Current
ISTBY
VIN=6.0V, VCE=VSS
-
0.01
0.1
μ
A
VOUT(T)+0.5V≦VIN≦6.0V
VOUT(T)≧2.0V,
VCE=VIN, IOUT=10mA
Line Regulation
ΔVOUT/
(ΔVIN・VOUT)
2.5V≦VIN≦6.0V
VOUT(T)≦1.95V
VCE=VIN, IOUT=10mA
-
0.01
0.20
%/V
Input Voltage
VIN
2.5
-
6.0
V
Output Voltage
Temperature
Characteristics
ΔVOUT/
(ΔTa・VOUT)
VCE=VIN, IOUT=30mA
-40℃≦Ta≦85℃
-
±100
-
ppm/℃


Similar Part No. - XC6225B142MR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6220 TOREX-XC6220 Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A TOREX-XC6220A Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A081ER TOREX-XC6220A081ER Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A081ER-G TOREX-XC6220A081ER-G Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220A081MR TOREX-XC6220A081MR Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
More results

Similar Description - XC6225B142MR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6211 TOREX-XC6211 Datasheet
197Kb / 15P
   High Speed LDO Regulator
logo
Holtek Semiconductor In...
HT7121-3 HOLTEK-HT7121-3 Datasheet
1Mb / 15P
   30mA TinyPowerTM LDO
logo
Cystech Electonics Corp...
LM6219-33N5 CYSTEKEC-LM6219-33N5 Datasheet
353Kb / 9P
   300mA High Speed LDO Regulator,
logo
Torex Semiconductor
XCM406 TOREX-XCM406_15 Datasheet
1Mb / 20P
   High Speed Dual LDO Regulator
logo
Cystech Electonics Corp...
LM6219-3.3N5 CYSTEKEC-LM6219-3.3N5 Datasheet
450Kb / 9P
   300mA High Speed LDO Regulator
logo
Holtek Semiconductor In...
HT71XX-2 HOLTEK-HT71XX-2 Datasheet
1Mb / 15P
   30mA Low Power LDO
HT71XX-1 HOLTEK-HT71XX-1 Datasheet
158Kb / 14P
   30mA Low Power LDO
logo
Torex Semiconductor
XCM406 TOREX-XCM406_12 Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
XCM406-12 TOREX-XCM406-12 Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
XCM406 TOREX-XCM406 Datasheet
1Mb / 20P
   High Current High Speed Dual LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com