Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-2820-TR1G Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-2820-TR1G
Description  Surface Mount RF Schottky Barrier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-2820-TR1G Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HSMS-2820-TR1G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMS-2820-TR1G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMS-2820-TR1G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMS-2820-TR1G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMS-2820-TR1G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMS-2820-TR1G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMS-2820-TR1G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMS-2820-TR1G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMS-2820-TR1G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
Quad Capacitance
Capacitance of Schottky diode quads is measured using
an HP4271 LCR meter. This instrument effectively isolates
individual diode branches from the others, allowing ac‑
curate capacitance measurement of each branch or each
diode. The conditions are: 20 mV R.M.S. voltage at 1 MHz.
Avago defines this measurement as “CM”, and it is equiva‑
lent to the capacitance of the diode by itself. The equiva‑
lent diagonal and adjacent capaci‑tances can then be cal‑
culated by the formulas given below.
In a quad, the diagonal capacitance is the capacitance be‑
tween points A and B as shown in the figure below. The
diagonal capacitance is calculated using the following
formula
C1 x C 2
C3 x C 4
CDIAGONAL = _______ + _______
C1 + C 2
C 3 + C 4
1
CADJACENT = C 1 + ____________
1
1
1
–– + –– + ––
C 2 C3 C4
R j =
8.33 X 10 -5 nT
I b + I s
The equivalent adjacent capacitance is the capacitance
between points A and C in the figure below. This capaci‑
tance is calculated using the following formula
C1 x C 2
C3 x C 4
CDIAGONAL = _______ + _______
C1 + C 2
C 3 + C 4
1
CADJACENT = C 1 + ____________
1
1
1
–– + –– + ––
C 2 C3 C4
R j =
8.33 X 10 -5 nT
I b + I s
This information does not apply to cross‑over quad di‑
odes.
C1
C2
C4
C3
A
B
C
SPICE Parameters
Parameter
Units
HSMS-282x
B
V
V
15
C
J0
pF
0.7
E
G
eV
0.69
I
BV
A
1E‑4
I
S
A
2.2E‑8
N
1.08
R
S
Ω
6.0
P
B
V
0.65
P
T
2
M
0.5
Cj
Rj
RS
Rj =
8.33 X 10-5 nT
Ib + Is
where
Ib = externally applied bias current in amps
Is = saturation current (see table of SPICE parameters)
T = temperature,
°K
n = ideality factor (see table of SPICE parameters)
Note:
To effectively model the packaged HSMS-282x product,
please refer to Application Note AN1124.
RS = series resistance (see Table of SPICE parameters)
Cj = junction capacitance (see Table of SPICE parameters)
Linear Equivalent Circuit Model Diode Chip
ESD WARNING:
Handling Precautions Should Be Taken To Avoid Static Discharge.


Similar Part No. - HSMS-2820-TR1G

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS-2820-TR1G HP-HSMS-2820-TR1G Datasheet
212Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
More results

Similar Description - HSMS-2820-TR1G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-281B-BLKG AVAGO-HSMS-281B-BLKG Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
logo
Agilent(Hewlett-Packard...
HSMS-281X HP-HSMS-281X Datasheet
147Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282X HP-HSMS-282X Datasheet
212Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2813 AVAGO-HSMS-2813 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
logo
Broadcom Corporation.
HSMS-2803 BOARDCOM-HSMS-2803 Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2804 BOARDCOM-HSMS-2804 Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2805 BOARDCOM-HSMS-2805 Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2813 BOARDCOM-HSMS-2813 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2823 BOARDCOM-HSMS-2823 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2828 BOARDCOM-HSMS-2828 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com