Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1424-5 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1424-5
Description  Isolated Flyback Switching Regulator with 5V Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1424-5 Datasheet(HTML) 2 Page - Linear Technology

  LT1424-5 Datasheet HTML 1Page - Linear Technology LT1424-5 Datasheet HTML 2Page - Linear Technology LT1424-5 Datasheet HTML 3Page - Linear Technology LT1424-5 Datasheet HTML 4Page - Linear Technology LT1424-5 Datasheet HTML 5Page - Linear Technology LT1424-5 Datasheet HTML 6Page - Linear Technology LT1424-5 Datasheet HTML 7Page - Linear Technology LT1424-5 Datasheet HTML 8Page - Linear Technology LT1424-5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1424-5
sn14245 14245fs
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
Consult factory for Military grade parts.
TJMAX = 145°C, θJA = 130°C/ W (N)
TJMAX = 145°C, θJA = 110°C/ W (S)
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
N8 PACKAGE
8-LEAD PDIP
SHDN
VC
SYNC
SGND
RCCOMP
VIN
VSW
PGND
14245
1424I5
ORDER PART
NUMBER
LT1424CN8-5
LT1424CS8-5
LT1424IN8-5
LT1424IS8-5
S8 PART MARKING
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply
VIN(MIN)
Minimum Operating Voltage
q
2.8
3.1
V
ICC
Supply Current
q
7.0
9.5
mA
Shutdown Mode Supply Current
q
15
40
µA
SHDN Pin Threshold
q
0.3
0.9
1.3
V
Feedback Amplifier
VREF
Reference Voltage
Measured at VSW Pin (Note 2)
5.23
5.30
5.37
V
q
5.18
5.30
5.42
V
gm
Feedback Amplifier Transconductance
∆IC = ±10µA (Note 3)
q
400
1000
1600
µmho
ISOURCE, ISINK Feedback Amplifier Source or Sink Current
q
30
50
80
µA
VCL
Feedback Amplifier Clamp Voltage
1.9
V
Reference Voltage/Current Line Regulation
5V
≤ VIN ≤ 18V
q
0.01
0.04
%/V
Voltage Gain
(Note 4)
500
V/V
Output Switch
BV
Output Switch Breakdown Voltage
IC = 5mA
q
35
50
V
V(VSW)
Output Switch ON Voltage
ISW = 1A
q
0.55
0.85
V
ILIM
Switch Current Limit
Duty Cycle = 50%, 0
°C ≤ TJ ≤ 125°C
q
1.35
1.6
1.95
A
Duty Cycle = 50%, – 40
°C ≤ TJ ≤ 125°C
q
1.20
1.6
1.95
A
Duty Cycle = 80%
1.3
A
Current Amplifier
Control Pin Threshold
Duty Cycle = Minimum
0.95
1.2
1.3
V
q
0.85
1.2
1.4
V
Control Voltage to Switch Transconductance
2
A/V
(Note 1)
Supply Voltage (VIN) ................................................ 20V
Switch Voltage (VSW) .............................................. 35V
SHDN, SYNC Pin Voltage ........................................... 7V
Operating Junction Temperature Range
Commercial .......................................... 0
°C to 125°C
Industrial ......................................... – 40
°C to 125°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V, VSW Open, VC = 1.4V, unless otherwise specified.


Similar Part No. - LT1424-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1424-5 LINER-LT1424-5 Datasheet
201Kb / 16P
   Isolated Flyback Switching Regulator with 5V Output
LT1424-5 LINER-LT1424-5_15 Datasheet
201Kb / 16P
   Isolated Flyback Switching Regulator with 5V Output
More results

Similar Description - LT1424-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1424-5 LINER-LT1424-5_15 Datasheet
201Kb / 16P
   Isolated Flyback Switching Regulator with 5V Output
LT1424-9 LINER-LT1424-9_15 Datasheet
200Kb / 16P
   Isolated Flyback Switching Regulator with 9V Output
LT1424-9 LINER-LT1424-9 Datasheet
141Kb / 16P
   Isolated Flyback Switching Regulator with 9V Output
LT1425 LINER-LT1425 Datasheet
341Kb / 20P
   Isolated Flyback Switching Regulator
LT1425 LINER-LT1425_15 Datasheet
300Kb / 20P
   Isolated Flyback Switching Regulator
logo
STMicroelectronics
STEVAL-ISA136V1 STMICROELECTRONICS-STEVAL-ISA136V1 Datasheet
253Kb / 4P
   3W, 5V output, isolated flyback converter using VIPer??Plus - VIPER06HN
May 2014 Rev 2
logo
Sanken electric
STRW5453A SANKEN-STRW5453A Datasheet
79Kb / 1P
   Resonant Flyback Switching Regulator
logo
NTE Electronics
NTE7166 NTE-NTE7166 Datasheet
30Kb / 3P
   Integrated Circuit Flyback Switching Regulator
logo
Analog Devices
ADUM3070 AD-ADUM3070 Datasheet
739Kb / 20P
   Isolated Switching Regulator
REV. 0
ADUM4070 AD-ADUM4070 Datasheet
561Kb / 20P
   Isolated Switching Regulator with Integrated Feedback
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com