Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBAT-540C-BLKG Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HBAT-540C-BLKG
Description  High Performance Schottky Diode for Transient Suppression
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HBAT-540C-BLKG Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

  HBAT-540C-BLKG Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HBAT-540C-BLKG Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HBAT-540C-BLKG Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HBAT-540C-BLKG Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HBAT-540C-BLKG Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HBAT-540C-BLKG Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HBAT-540C-BLKG Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HBAT-540C-BLKG Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Figure 7. Forward Current vs. Forward Voltage at 25°C.
Becausetheautomatic,pick-and-placeequipmentused
toassembletheseproductsselectsdicefromadjacent
sitesonthewafer,thetwodiodeswhichgointotheHBAT-
540orHBAT-540C(seriespair)arecloselymatched—
withouttheaddedexpenseoftestingandbinning.
Current Handling in Clipping/Clamping Circuits
Thepurposeofaclipping/clampingdiodeistohandle
high currents, protecting delicate circuits downstream
of the diode. Current handling capacity is determined
bytwosetsofcharacteristics,thoseofthechipordevice
itselfandthoseofthepackageintowhichitismounted.
Maximum reliability is obtained in a Schottky diode
when the steady state junction temperature is main-
tainedatorbelow150°C,althoughbriefexcursionsto
higherjunctiontemperaturescanbetoleratedwithno
significant impact upon mean-time-to-failure, MTTF. In
ordertocomputethejunctiontemperature,Equations
(1)and(3)belowmustbesimultaneouslysolved.
Figure 7. Forward Current vs.
Forward Voltage at 25
°C.
VF – FORWARD VOLTAGE (V)
.01
10
1
.1
300
100
0
0.1
0.3
0.2
0.5
0.4
0.6
HSMS-270x
HBAT-540x
current
limiting
pull-down
(or pull-up)
long cross-site cable
noisy data-spikes
Vs
0V
voltage limited to
Vs + Vd
0V – Vd
Figure 8. Two Schottky Diodes Are Used for Clipping/Clamping in a Circuit.
Consider the circuit shown in Figure 8, in which two
Schottkydiodesareusedtoprotectacircuitfromnoise
spikesonastreamofdigitaldata.Theabilityofthediodes
tolimitthevoltagespikesisrelatedtotheirabilitytosink
theassociatedcurrentspikes.Theimportanceofcurrent
handlingcapacityisshowninFigure9,wheretheforward
voltagegeneratedbyaforwardcurrentiscomparedin
twodiodes.ThefirstisaconventionalSchottkydiodeof
thetypegenerallyusedinRFcircuits,withanRSof7.7Ω.
ThesecondisaSchottkydiodeofidenticalcharacteris-
tics,savetheRSof1.0Ω.Fortheconventionaldiode,the
relativelyhighvalueofRScausesthevoltageacrossthe
diode’sterminalstoriseascurrentincreases.Thepower
dissipatedinthediodeheatsthejunction,causingRSto
climb,givingrisetoarunawaythermalcondition.Inthe
seconddiodewithlowRS,suchheatingdoesnottake
placeandthevoltageacrossthediodeterminalsismain-
tainedatalowlimitevenathighvaluesofcurrent.
Figure 9. Comparison of Two Diodes.
0
0.1
0.2
0.3
0.5
0.4
IF – FORWARD CURRENT (mA)
0
3
2
1
6
4
5
Rs = 7.7 Ω
Rs = 1.0 Ω
IF = IS e
–1
11600 (VF – IFRS)
nTJ
(1)
IS = I0
e
TJ
298
2
n
1
TJ
1
298
–4060
(2)
TJ = VFIFθJC + TA
(3)
where:
IF=forwardcurrent
IS=saturationcurrent
VF=forwardvoltage
RS=seriesresistance
TJ=junctiontemperature
IO=saturationcurrentat5°C
n=diodeidealityfactor
θJC=thermalresistancefromjunctiontocase
(diodelead)
packagechip
TA=ambient(diodelead)temperature
Equation(1)describestheforwardV-IcurveofaSchottky
diode.Equation()providesthevalueforthediode’ssat-
urationcurrent,whichvalueispluggedinto(1).Equation
(3)givesthevalueofjunctiontemperatureasafunction
of power dissipated in the diode and ambient (lead)
temperature.
Figure 9. Comparison of Two Diodes.


Similar Part No. - HBAT-540C-BLKG

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HBAT-540C-BLK HP-HBAT-540C-BLK Datasheet
113Kb / 8P
   High Performance Schottky Diode for Transient Suppression
More results

Similar Description - HBAT-540C-BLKG

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2700 AVAGO-HSMS-2700 Datasheet
150Kb / 9P
   High Performance Schottky Diode for Transient Suppression
logo
Agilent(Hewlett-Packard...
HBAT-5400 HP-HBAT-5400 Datasheet
113Kb / 8P
   High Performance Schottky Diode for Transient Suppression
HSMS-2700 HP-HSMS-2700 Datasheet
120Kb / 8P
   High Performance Schottky Diode for Transient Suppression
logo
WALSIN TECHNOLOGY CORPO...
SR241K10DS20CNEEN WALSIN-SR241K10DS20CNEEN Datasheet
1Mb / 24P
   High performance transient voltage suppression
logo
Jinan Jing Heng Electro...
ESD5C5V01V-13P JINGHENG-ESD5C5V01V-13P Datasheet
312Kb / 4P
   Transient Voltage Suppression Diode
ESD3C12V01L JINGHENG-ESD3C12V01L Datasheet
390Kb / 4P
   Transient Voltage Suppression Diode
ESD5A12V01V JINGHENG-ESD5A12V01V Datasheet
462Kb / 4P
   Transient Voltage Suppression Diode
ESD5A24V01V35 JINGHENG-ESD5A24V01V35 Datasheet
359Kb / 4P
   Transient Voltage Suppression Diode
ESD3C12V01V JINGHENG-ESD3C12V01V Datasheet
486Kb / 4P
   Transient Voltage Suppression Diode
ESD3C3V01L JINGHENG-ESD3C3V01L Datasheet
390Kb / 4P
   Transient Voltage Suppression Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com