Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT134 Datasheet(PDF) 1 Page - Suntac Electronic Corp.

Part # BT134
Description  Triacs logic level
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAC [Suntac Electronic Corp.]
Direct Link  
Logo SUNTAC - Suntac Electronic Corp.

BT134 Datasheet(HTML) 1 Page - Suntac Electronic Corp.

  BT134 Datasheet HTML 1Page - Suntac Electronic Corp. BT134 Datasheet HTML 2Page - Suntac Electronic Corp. BT134 Datasheet HTML 3Page - Suntac Electronic Corp. BT134 Datasheet HTML 4Page - Suntac Electronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GENERAL DESCRIPTION
QUICK REFERENCE DATA
Passivated triacs in a plastic envelope,
SYMBOL
PARAMETER
MAX.
UNIT
intended for use in applications requiring
high bidirectional transient and blocking
BT134-
600
voltage capability and high thermal cycling
performance. Typical applications include
motor control, industrial and domestic
V
DRM
Repetitive peak off-state
600
V
lighting, heating and static switching.
voltages
I
T(RMS)
RMS on-state current
4
A
I
TSM
Non-repetitive peak on-state
25
A
current
PINNING - TO126
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
main terminal 1
2
main terminal 2
3
gate
2
LIMITING VALUES
L
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DRM
Repetitive peak off-state
-
600
1
V
voltages
I
T(RMS)
RMS on-state current
full sine wave; T
mb
≤ 107 ˚C
-
4
A
I
TSM
Non-repetitive peak
full sine wave; T
j = 25 ˚C prior to
on-state current
surge
t = 20 ms
-
25
A
t = 16.7 ms
-
27
A
I
2tI2t for fusing
t = 10 ms
-
3.1
A
2s
dI
T/dt
Repetitive rate of rise of
I
TM = 6 A; IG = 0.2 A;
on-state current after
dI
G/dt = 0.2 A/
µs
triggering
T2+ G+
-
50
A/
µs
T2+ G-
-
50
A/
µs
T2- G-
-
50
A/
µs
T2- G+
-
10
A/
µs
I
GM
Peak gate current
-
2
A
V
GM
Peak gate voltage
-
5
V
P
GM
Peak gate power
-
5
W
P
G(AV)
Average gate power
over any 20 ms period
-
0.5
W
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction
-
125
˚C
temperature
T1
T2
G
12 3
tab
1 Although not recommended, off-state voltages up to 800V may be applied without damage, but the triac may
switch to the on-state. The rate of rise of current should not exceed 3 A/
µs.
June 2001
1
Rev 1.400
BT134 series
Triacs logic level


Similar Part No. - BT134

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT134 PHILIPS-BT134 Datasheet
46Kb / 6P
   Triacs
August 1997 Rev 1.200
BT134 PHILIPS-BT134 Datasheet
45Kb / 6P
   Triacs logic level
August 1997 Rev 1.200
BT134 PHILIPS-BT134 Datasheet
45Kb / 6P
   Triacs sensitive gate
August 1997 Rev 1.200
logo
Continental Device Indi...
BT134 CDIL-BT134 Datasheet
72Kb / 2P
   Triac Series
logo
JILIN SINO-MICROELECTRO...
BT134 JSMC-BT134 Datasheet
369Kb / 6P
   AC switching
More results

Similar Description - BT134

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT131 UTC-UT131 Datasheet
189Kb / 5P
   TRIACS LOGIC LEVEL
logo
NXP Semiconductors
BT131 PHILIPS-BT131 Datasheet
49Kb / 6P
   Triacs logic level
April 1998 Rev 1.000
BT131W PHILIPS-BT131W Datasheet
53Kb / 7P
   Triacs logic level
July 1998 Rev 1.000
BT137D PHILIPS-BT137D Datasheet
49Kb / 6P
   Triacs logic level
September 1997 Rev 1.200
logo
Unisonic Technologies
UT131 UTC-UT131_12 Datasheet
297Kb / 5P
   TRIACS LOGIC LEVEL
logo
NXP Semiconductors
BT134-600D127 NXP-BT134-600D127 Datasheet
107Kb / 8P
   Triacs logic level
October 1997
logo
Tiger Electronic Co.,Lt...
BT137S-600 TGS-BT137S-600 Datasheet
321Kb / 1P
   Triacs logic level
logo
NXP Semiconductors
BT137S-600D PHILIPS-BT137S-600D Datasheet
42Kb / 6P
   Triacs logic level
June 2001-Rev 1.400
BT134W PHILIPS-BT134W Datasheet
56Kb / 7P
   Triacs logic level
September 1997 Rev 1.200
BT136B PHILIPS-BT136B Datasheet
49Kb / 6P
   Triacs logic level
October 1997 Rev 1.100
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com