Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-2823-BLKG Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-2823-BLKG
Description  Surface Mount RF Schottky Barrier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-2823-BLKG Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HSMS-2823-BLKG Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMS-2823-BLKG Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMS-2823-BLKG Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMS-2823-BLKG Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMS-2823-BLKG Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMS-2823-BLKG Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMS-2823-BLKG Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMS-2823-BLKG Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMS-2823-BLKG Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
Applications Information
Product Selection
Avago’s family of surface mount Schottky diodes provide
unique solutions to many design problems. Each is opti‑
mized for certain applications.
The first step in choosing the right product is to select
the diode type. All of the products in the HSMS‑282x fam‑
ily use the same diode chip–they differ only in package
configuration. The same is true of the HSMS‑280x, ‑281x,
285x, ‑286x and ‑270x families. Each family has a different
set of characteristics, which can be compared most easily
by consulting the SPICE parameters given on each data
sheet.
The HSMS‑282x family has been optimized for use in RF
applications, such as
• DC biased small signal detectors to 1.5 GHz.
• Biased or unbiased large signal detectors (AGC or
power monitors) to 4 GHz.
• Mixers and frequencymultipliers to 6 GHz.
TheotherfeatureoftheHSMS‑282xfamilyisitsunit‑to‑unit
and lot‑to‑lot consistency. The silicon chip used in this
series has been designed to use the fewest possible pro‑
cessing steps to minimize variations in diode characteris‑
tics. Statistical data on the consistency of this product, in
terms of SPICE parameters, is available from Avago.
For those applications requiring very high breakdown
voltage, use the HSMS‑280x family of diodes. Turn to the
HSMS‑281x when you need very low flicker noise. The
HSMS‑285x is a family of zero bias detector diodes for small
signal applications. For high frequency detector or mixer
applications, use the HSMS‑286x family. The HSMS‑270x
is a series of specialty diodes for ultra high speed clipping
and clamping in digital circuits.
Schottky Barrier Diode Characteristics
Stripped of its package, a Schottky barrier diode chip
consists of a metal‑semiconductor barrier formed by de‑
position of a metal layer on a semiconductor. The most
common of several different types, the passivated diode,
is shown in Figure 10, along with its equivalent circuit.
R
S is the parasitic series resistance of the diode, the sum
of the bondwire and leadframe resistance, the resistance
of the bulk layer of silicon, etc. RF energy coupled into R
S
is lost as heat—it does not contribute to the rectified out‑
put of the diode. C
J is parasitic junction capacitance of the
diode, controlled by the thick‑ness of the epitaxial layer
and the diameter of the Schottky contact. R
j is the junc‑
tion resistance of the diode, a function of the total current
flowing through it.
8.33 X 10 -5 nT
R j = –––––––––––– = R V – R s
I S + I b
0.026
≈ ––––– at 25 °C
I S + I b
V - IR S
I = I S (e
–––––
– 1)
0.026
where
n = ideality factor (see table of SPICE parameters)
T = temperature in °K
I
S = saturation current (see table of SPICE parameters)
I
b = externally applied bias current in amps
R
v = sum of junction and series resistance, the slope of the
V‑I curve
I
S is a function of diode barrier height, and can range from
picoamps for high barrier diodes to as much as 5 µA for
very low barrier diodes.
The Height of the Schottky Barrier
The current‑voltage characteristic of a Schottky barrier
diode at room temperature is described by the following
equation:
8.33 X 10 -5 nT
R j = –––––––––––– = R V – R s
I S + I b
0.026
≈ ––––– at 25 °C
I S + I b
V - IR S
I = I S (e
–––––
– 1)
0.026
On a semi‑log plot (as shown in the Avago catalog) the
current graph will be a straight line with inverse slope 2.3
X 0.026 = 0.060 volts per cycle (until the effect of R
S is seen
in a curve that droops at high current). All Schottky diode
curves have the same slope, but not necessarily the same
value of current for a given voltage. This is determined
by the saturation current, I
S, and is related to the barrier
height of the diode.
Through the choice of p‑type or n‑type silicon, and the
selection of metal, one can tailor the characteristics of a
Schottky diode. Barrier height will be altered, and at the
same time CJ and RS will be changed. In general, very low
barrier height diodes (with high values of IS, suitable for
zero bias applications) are realized on p‑type silicon. Such
diodes suffer from higher values of RS than do the n‑type.
HSMS-285A/6A fig 9
RS
Rj
Cj
METAL
SCHOTTKY JUNCTION
PASSIVATION
PASSIVATION
N-TYPE OR P-TYPE EPI LAYER
N-TYPE OR P-TYPE SILICON SUBSTRATE
CROSS-SECTION OF SCHOTTKY
BARRIER DIODE CHIP
EQUIVALENT
CIRCUIT
Figure 10. Schottky Diode Chip.


Similar Part No. - HSMS-2823-BLKG

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS-2823-BLKG HP-HSMS-2823-BLKG Datasheet
212Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
More results

Similar Description - HSMS-2823-BLKG

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-281B-BLKG AVAGO-HSMS-281B-BLKG Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
logo
Agilent(Hewlett-Packard...
HSMS-281X HP-HSMS-281X Datasheet
147Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282X HP-HSMS-282X Datasheet
212Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2813 AVAGO-HSMS-2813 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
logo
Broadcom Corporation.
HSMS-2803 BOARDCOM-HSMS-2803 Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2804 BOARDCOM-HSMS-2804 Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2805 BOARDCOM-HSMS-2805 Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2813 BOARDCOM-HSMS-2813 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2823 BOARDCOM-HSMS-2823 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2828 BOARDCOM-HSMS-2828 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com