Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1432-3.3 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1432-3.3
Description  3.3V High Efficiency Step-Down Switching Regulator Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1432-3.3 Datasheet(HTML) 4 Page - Linear Technology

  LT1432-3.3 Datasheet HTML 1Page - Linear Technology LT1432-3.3 Datasheet HTML 2Page - Linear Technology LT1432-3.3 Datasheet HTML 3Page - Linear Technology LT1432-3.3 Datasheet HTML 4Page - Linear Technology LT1432-3.3 Datasheet HTML 5Page - Linear Technology LT1432-3.3 Datasheet HTML 6Page - Linear Technology LT1432-3.3 Datasheet HTML 7Page - Linear Technology LT1432-3.3 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LT1432-3.3
Shutdown Current vs Input
Voltage
Battery Current in Shutdown*
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Minimum Input Voltage to Start –
Normal Mode (Diode to Input)
Efficiency vs Input Voltage
Efficiency vs Load Current
Minimum Running Voltage –
Normal Mode*
Burst Mode Operation Minimum
Input Voltage
Minimum Input Voltage –
Normal Mode (Diode to Output)
Current Limit Sense Voltage*
INPUT VOLTAGE (V)
0
60
70
80
90
100
510
15
20
LT1432-3.3 G01
25
30
TJ = 25°C
LT1271, L = 50
µH
DIODE TO INPUT
IOUT = 1A
DIODE TO OUTPUT
0
75
80
85
90
95
0.5
1.0
1.5
2.0
LT1432-3.3 G02
2.5
3.0
TJ = 25°C
VIN = 7V
LOAD CURRENT (A)
LT1270
LT1271
INPUT VOLTAGE (V)
0
0
10
20
30
40
50
5
10
15
20
LT1432-3.3 G07
25
30
TJ = 25°C
TEMPERATURE (
°C)
0
20
30
100
LT1432-3.3 G08
10
0
25
50
75
40
VIN = 6V
VIN = 30V
*DOES NOT INCLUDE LT1271 SWITCH LEAKAGE.
JUNCTION TEMPERATURE (
°C)
0
60
70
100
LT1432-3.3 G9
50
40
25
50
75
80
* TEMPERATURE COEFFICIENT OF SENSE VOLTAGE IS
DESIGNED TO TRACK COPPER RESISTANCE.
OUTPUT CURRENT (A)
0
4.5
5.0
5.5
4
LT1432-3.3 G05
4.0
3.5
3.0
1
2
3
5
TJ = 25°C
LT1271
LT1270
LT1171
*SEE MINIMUM INPUT VOLTAGE TO START
LOAD CURRENT (mA)
0
4.5
5.0
40
LT1432-3.3 G06
4.0
3.5
10
20
30
50
5.5
TJ = 25°C
OUTPUT CURRENT (A)
0
5.5
6.0
6.5
4
LT1432-3.3 G03
5.0
4.5
4.0
1
2
3
5
TJ = 25°C
LT1171
LT1271
LT1270
DIODE
TO INPUT
OUTPUT CURRENT (A)
0
7.0
8.0
9.0
4
LT1432-3.3 G04
6.0
5.0
4.0
1
2
3
5
TJ = 25°C
LT1171
LT1271
DIODE
TO INPUT


Similar Part No. - LT1432-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1432-3.3 LINER-LT1432-3.3 Datasheet
275Kb / 8P
   3.3V High Efficiency Step-Down Switching Regulator Controller
LT1432-3.3 LINER-LT1432-3.3_15 Datasheet
275Kb / 8P
   3.3V High Efficiency Step-Down Switching Regulator Controller
More results

Similar Description - LT1432-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1432-3.3 LINER-LT1432-3.3_15 Datasheet
275Kb / 8P
   3.3V High Efficiency Step-Down Switching Regulator Controller
logo
Analog Devices
ADP1147 AD-ADP1147_15 Datasheet
203Kb / 12P
   High Efficiency Step-Down Switching Regulator Controller
REV. 0
logo
ON Semiconductor
LV5068V ONSEMI-LV5068V Datasheet
119Kb / 6P
   high efficiency Step-down Switching Regulator Controller
August, 2013
logo
Rohm
BD9775FV ROHM-BD9775FV_11 Datasheet
426Kb / 15P
   High Efficiency Step-down Switching Regulator Controller
logo
Linear Technology
LT1432 LINER-LT1432 Datasheet
611Kb / 28P
   5V High Efficiency Step-Down Switching Regulator Controller
LT1432 LINER-LT1432_15 Datasheet
833Kb / 28P
   5V High Efficiency Step-Down Switching Regulator Controller
LTC1649 LINER-LTC1649_15 Datasheet
224Kb / 16P
   3.3V Input High Power Step-Down Switching Regulator Controller
LTC1649 LINER-LTC1649_1 Datasheet
218Kb / 16P
   3.3V Input High Power Step-Down Switching Regulator Controller
LTC1649 LINER-LTC1649 Datasheet
201Kb / 16P
   3.3V Input High Power Step-Down Switching Regulator Controller
logo
Rohm
BD9137MUV ROHM-BD9137MUV Datasheet
590Kb / 17P
   High Efficiency Step-down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com