Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M88F-010.0M Datasheet(PDF) 3 Page - Connor-Winfield Corporation

Part # M88F-010.0M
Description  Precision Sub-Miniature 3.2x5.0mm TCXO / VCTCXO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

M88F-010.0M Datasheet(HTML) 3 Page - Connor-Winfield Corporation

  M88F-010.0M Datasheet HTML 1Page - Connor-Winfield Corporation M88F-010.0M Datasheet HTML 2Page - Connor-Winfield Corporation M88F-010.0M Datasheet HTML 3Page - Connor-Winfield Corporation M88F-010.0M Datasheet HTML 4Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630-851-4722
Fax: 630-851-5040
www.conwin.com
US Headquarters:
630-851-4722
European Headquarters:
+353-61-472221
Bulletin
Page
Revision
Date
Tx193
3of4
P05
29 May 2008
Electrical Specifications for all Models
Specifications subject to change without notice. All dimensions in inches. © Copyright 2008 The Connor-Winfield Corporation
Features
Test Circuit
2.5V or 3.3V Operation
Clipped Sinewave Output Logic
Sub-Miniature 3.2x5.0mm SMT Package
Frequency Stabilities Available:
±1.00ppm or ±2. 0ppm
Temperature Ranges Available:
0to70 C
-20 to 70 C
-30 to 8 C
Low Power <2mA
Low Jitter <1pS RMS
Tape and Reel Packaging
RoHS Compliant / Lead Free
Recommended for new designs
±0.50ppm,
0
5
°
°
°
4
5
2
3
6
7
8
1
Vcc
Supply
Voltage
N/C - TCXO
VC - VCTCXO
DNC
N/C N/C
.01 uF
Bypass
Output
10 pF
10Kohm
N/C
AC Coupling
Capacitor
ABSOLUTE MAXIMUM RATINGS
PARAMETER
UNITS
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Storage Temperature
-55
-
125
°C
Supply Voltage
(Vcc)
-0.5
-
6.0
Vdc
Input Voltage
(Vc)
-0.5
-
Vcc+0.5
Vdc
OPERATING SPECIFICATIONS
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Frequency Range
6.4
-
40
MHz
Frequency Calibration
(TCXO Models)
-1.00
-
1.00
ppm
1
Aging First Year
-1.0
-
1.0
ppm
Total Aging for 10 years
-4.6
-
4.6
ppm
Supply Voltage Variation. (Vcc±5%)
-0.025
-
0.025
ppm
Load Coefficient, ±5pF
-0.025
-
0.025
ppm
Static Temperature Hysteresis
-0.4
-
0.4
ppm
2
Frequency shift after reflow soldering
-1.00
-
1.00
ppm
3
Supply Voltage
2.5v Models
(Vcc)
2.375
2.500
2.625
Vdc
4
3.3V Models
(Vcc)
3.135
3.300
3.465
Vdc
4
Supply Current
(Icc)
-
-
2
mA
Jitter (BW=10Hz to 20MHz)
-
-
5
ps rms
Jitter (BW=12kHz to 20MHz)
-
-
1
ps rms
SSB Phase Noise at 10Hz offset
-
-80
-
dBc/Hz
SSB Phase Noise at 100Hz offset
-
-110
-
dBc/Hz
SSB Phase Noise at 1KHz offset
-
-130
-
dBc/Hz
SSB Phase Noise at >10KHz offset
-
-145
-
dBc/Hz
INPUT CHARACTERISTICS for VOLTAGE CONTROL (Pad 1)
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
Notes
Control Voltage Range
2.5v Models
(Vc)
0.2
1.2
2.2
Vdc
3.3v Models
(Vc)
0.5
1.5
2.5
Frequency Tuning
±10
-
-
ppm
Linearity
±5
-
-
%
Slope
Positive
CLIPPED SINEWAVE OUTPUT CHARACTERISTICS (Pad 6)
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
Notes
Output Voltage
1.00
-
-
V pk-pk
Load
5
Output Load Resistance
-
10K
-
Ohms
Output Load Capacitance
-
10
-
pF
ENVIRONMENTALS
Vibration:
Vibration per Mil Std 883E Method 2007.3 Test Condition A
Shock:
Mechanical Shock per Mil Std 883E Method 2002.4 Test Condition B.
Soldering:
RoHS compliant, lead free. See solder profile page 4.
Sollderability
Sollderability per Mil Std 883E Method 2003
PACKAGE CHARACTERISTICS
Package
Ceramic Surface Mount Package.
Note:
1) TCXO: Initial calibration @ 25 C. Specifications at time of shipment after 48 hours of
operation.
2) Frequency change after reciprocal temperature ramped over the operating range.
Frequency measured before and after at 25ºC.
3) Within two hours after reflow.
4) For best in application performance, careful selection of an external power source is
critical. Select an external regulator that meets or exceeds to following specifications
regarding voltage regulation tolerance, initial accuracy, temperature coefficient, voltage
noise, and low voltage noise density. Factory Test Conditions: Initial Accuracy ±2mv,
Noise (0.1Hz to 10 KHz) 15uV p-p, Voltage Noise Density = 50nV/sqrt Hz, Temperature
Coefficient < 5ppm/°C.
5) Output is DC coupled


Similar Part No. - M88F-010.0M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M88 STMICROELECTRONICS-M88 Datasheet
54Kb / 7P
   In-System Programmable ISP Multiple-Memory and Logic FLASHPSD Systems with CPLD for MCUs
logo
Tyco Electronics
M88 MACOM-M88 Datasheet
135Kb / 2P
   TRIPLE-BALANCED MIXER
M88 MACOM-M88 Datasheet
443Kb / 3P
   Triple-Balanced Mixer
logo
M/A-COM Technology Solu...
M88 MA-COM-M88 Datasheet
1Mb / 3P
   Triple-Balanced Mixer
logo
OTTO Engineering, Inc
M8805/106-01 OTTO-M8805/106-01 Datasheet
841Kb / 3P
   SUBMINIATURE BASIC SWITCHES
More results

Similar Description - M88F-010.0M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
M602-012.8M CONNOR-WINFIELD-M602-012.8M Datasheet
186Kb / 4P
   Precision Sub-Miniature 5.0x3.2mm TCXO / VCTCXO
C31020.0M CONNOR-WINFIELD-C31020.0M Datasheet
90Kb / 2P
   Ultra-Miniature Precision TCXO / VCTCXO
TA5C-020.0M CONNOR-WINFIELD-TA5C-020.0M Datasheet
192Kb / 4P
   High Precision TCXO / VCTCXO
TFLD5C-010.0M CONNOR-WINFIELD-TFLD5C-010.0M Datasheet
198Kb / 4P
   High Precision TCXO / VCTCXO
M100V-010M CONNOR-WINFIELD-M100V-010M Datasheet
457Kb / 4P
   High Precision TCXO / VCTCXO Oscillators
T100F-020M CONNOR-WINFIELD-T100F-020M Datasheet
502Kb / 6P
   High Precision TCXO / VCTCXO Oscillators
T100F-010M CONNOR-WINFIELD-T100F-010M Datasheet
502Kb / 6P
   High Precision TCXO / VCTCXO Oscillators
T200F-040M CONNOR-WINFIELD-T200F-040M Datasheet
502Kb / 6P
   High Precision TCXO / VCTCXO Oscillators
logo
Fox Electronics
FOX914 FOX-FOX914_09 Datasheet
170Kb / 1P
   3.0V Ultra Miniature SMD TCXO/VCTCXO
FOX914 FOX-FOX914 Datasheet
70Kb / 1P
   3.0V ULTRA MINIATURE SMD TCXO/VCTCXO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com