Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1460HCS3-3 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1460HCS3-3
Description  Micropower Precision Series Reference Family
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1460HCS3-3 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1460HCS3-3 Datasheet HTML 6Page - Linear Technology LT1460HCS3-3 Datasheet HTML 7Page - Linear Technology LT1460HCS3-3 Datasheet HTML 8Page - Linear Technology LT1460HCS3-3 Datasheet HTML 9Page - Linear Technology LT1460HCS3-3 Datasheet HTML 10Page - Linear Technology LT1460HCS3-3 Datasheet HTML 11Page - Linear Technology LT1460HCS3-3 Datasheet HTML 12Page - Linear Technology LT1460HCS3-3 Datasheet HTML 13Page - Linear Technology LT1460HCS3-3 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LT1460
10
1460f
OUTPUT CURRENT (mA)
0.1
4
5
6
7
8
1
10
100
1460 G25
3
2
1
0
9
10
–55
°C
25
°C
125
°C
INPUT/OUTPUT VOLTAGE (V)
0
0.1
100
0.5
1.0
1.5
2.0
2.5
1460 G24
10
1
–55
°C
125
°C
25
°C
OUTPUT CURRENT (mA)
0
60
80
100
4
1460 G26
40
20
50
70
90
30
10
0
1
2
3
5
–55
°C
125
°C
25
°C
FREQUENCY (Hz)
90
80
70
60
50
40
30
20
10
0
100
10k
100k
1M
1460 G19
1k
FREQUENCY (Hz)
10
1k
100
10
1
0.1
1k
100
10k
100k
1M
1460 G20
CL = 0
CL= 0.1µF
CL= 1µF
IOUT = 10mA
0.2ms/DIV
10
1
0.1
0
1460 G21
FREQUENCY (Hz)
100
1000
2000
3000
10
1k
10k
1460 G22
100
100k
TIME (SEC)
0
1
23
45
6
78
910
1460 G23
5V Power Supply Rejection Ratio
vs Frequency
5V Output Impedance vs
Frequency
5V Transient Responses
5V Output Voltage Noise
Spectrum
5V Output Noise 0.1Hz to 10Hz
10V Minimum Input/Output
Voltage Differential
10V Load Regulation, Sourcing
10V Load Regulation, Sinking
TYPICAL PERFOR A CE CHARACTERISTICS
LT1460-10 (N8, S8, MS8, Z Packages)
LT1460-5 (N8, S8, MS8, Z Packages)


Similar Part No. - LT1460HCS3-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460HCS3-3 LINER-LT1460HCS3-3 Datasheet
197Kb / 12P
   Family of Micropower Series References in SOT-23
LT1460HCS3-3-TRMPBF LINER-LT1460HCS3-3-TRMPBF Datasheet
1Mb / 26P
   Micropower Precision Series Reference Family
LT1460HCS3-3-TRPBF LINER-LT1460HCS3-3-TRPBF Datasheet
1Mb / 26P
   Micropower Precision Series Reference Family
LT1460HCS3-3.3 LINER-LT1460HCS3-3.3 Datasheet
197Kb / 12P
   Family of Micropower Series References in SOT-23
LT1460HCS3-3.3-TRMPBF LINER-LT1460HCS3-3.3-TRMPBF Datasheet
1Mb / 26P
   Micropower Precision Series Reference Family
More results

Similar Description - LT1460HCS3-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460 LINER-LT1460_10 Datasheet
1Mb / 26P
   Micropower Precision Series Reference Family
LT1460 LINER-LT1460_15 Datasheet
1Mb / 26P
   Micropower Precision Series Reference Family
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1461 LINER-LT1461 Datasheet
254Kb / 16P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1460-10 LINER-LT1460-10 Datasheet
287Kb / 12P
   Micropower Precision Series Reference
LT1460-5 LINER-LT1460-5 Datasheet
289Kb / 12P
   Micropower Precision Series Reference
logo
National Semiconductor ...
LM4128 NSC-LM4128_08 Datasheet
412Kb / 18P
   Precision Micropower Series Voltage Reference
logo
List of Unclassifed Man...
REF50Z ETC-REF50Z Datasheet
238Kb / 9P
   5V MICROPOWER PRECISION REFERENCE
logo
STMicroelectronics
TS33 STMICROELECTRONICS-TS33 Datasheet
853Kb / 24P
   Micropower high precision series voltage reference
December 2021 Rev 5
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com