Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M85G-010.0M Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # M85G-010.0M
Description  Precision Sub-Miniature 3.2x5.0mm TCXO / VCTCXO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

M85G-010.0M Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  M85G-010.0M Datasheet HTML 1Page - Connor-Winfield Corporation M85G-010.0M Datasheet HTML 2Page - Connor-Winfield Corporation M85G-010.0M Datasheet HTML 3Page - Connor-Winfield Corporation M85G-010.0M Datasheet HTML 4Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications subject to change without notice. All dimensions in inches. © Copyright 2008 The Connor-Winfield Corporation
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630- 851- 5040
www.conwin.com
Bulletin
Tx193
Page
1of4
Revision
P05
Date
29 May 2008
US Headquarters:
630-851-4722
European Headquarters:
+353-61-472221
Description
Package Layout
Standard Frequencies Available *
Features:
Pin Connections
Example Part Number
Ordering Information
M77F - 010.0M
TCXO
SERIES
CENTER
FREQUENCY
Precision Sub-Miniature
3.2x5.0mm
TCXO / VCTCXO
Applications
GPS Receivers
Instrumentation
Femtocells
FTTH, FTTC
6.4 MHz 9.72 MHz 10.0 MHz 10.24 MHz 12.5 Mhz
19.44 MHz 20.0 MHz 20.48 MHz
12.8 MHz
13.5 MHz
25 MHz 27 MHz 38.88 MHz
* Available frequencies from the factory for small quantity orders or quick delivery. Additional frequencies are available.
The Connor-Winfield
3.2x5.0mm Temperature
Compensated Crystal Oscillators and
Voltage Controlled Temperature
Compensated Crystal Oscillators are
designed for use in applications
requiring tight frequency stability in a
small package. Through the use of
Analog Temperature Compensation,
this device is capable of holding sub
1-ppm stabilities over wide
temperature ranges.
2.5V or 3.3V Operation
Clipped Sinewave Output Logic
Sub-Miniature 3.2x5.0mm SMT Package
Frequency Stabilities Available:
±1.00ppm or ±2. 0ppm
Temperature Ranges Available:
0to70 C
-20 to 70 C
-30 to 8 C
Low Power <2mA
Low Jitter <1pS RMS
Tape and Reel Packaging
RoHS Compliant / Lead Free
Recommended for new designs
±0.50ppm,
0
5
°
°
°
Pad
Connection
1
Voltage Control or N/C
2N/C
3
Do not connect
4
Ground
5
Output
6N/C
7
Do not connect
8
Supply, Vcc
Ordering Information
7
Type:
Precision
TCXO
VCTCXO
3.2x5mm
Features:
4 = TCXO, Clipped Sinewave, 2.5Vdc.
7=
8=VC
9=VC
TCXO, Clipped Sinewave, 3.3Vdc.
TCXO, Clipped Sinewave, 2.5Vdc.
TCXO, Clipped Sinewave, 3.3Vdc.
Temperature Range:
5=0to
7 = -20 to
8 = -30 to 85
70° C
70° C
°C
Frequency Stability:
F=
E=
G=
± 0.50 ppm
± 2.00 ppm
± 1.00 ppm
M
7
F
010.0M
-
0.126
(3.2mm)
0.197
(5.0mm)
0.083 Max.
(2.1mm)
0.050
(1.27mm)
0.016
(0.41mm)
0.042
(1.07mm)
0.008 Typ.
(0.20mm)
0.006 Typ.
(0.15mm)
0.028
(0.71mm)
0.042
(1.07mm)
0.065
(1.65mm)
0.028
(0.71mm)
Top
View
Bottom
View
Pad 1
Pad 8
Dimensional Tolerance:
+/-0.005 (+/-0.127mm)
Output Frequency:
Frequency Format
-xxx.xM Min.*
-xxx.xxxxxxM Max.*
*Amount of numbers
after the decimal point.
M = MHz
Example:
M77F-010.0M = 3.2x5mm, TCXO, Clipped Sinwave,
3.3Vdc, -20 to 70C, +/-1.00ppm, Output Frequency 10.0MHz
To order an M77F with an output frequency of:
6.4 MHz = M77F-006.4M
20 MHz = M77F-020.0M
38.88 MHz = M77F-038.88M


Similar Part No. - M85G-010.0M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M85 MACOM-M85 Datasheet
135Kb / 2P
   DOUBLE-BALANCED MIXER
M85 MACOM-M85 Datasheet
467Kb / 3P
   Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M85 MA-COM-M85 Datasheet
1Mb / 3P
   Double-Balanced Mixer
M85 MA-COM-M85 Datasheet
1Mb / 3P
   Double-Balanced Mixer
M85 MA-COM-M85 Datasheet
672Kb / 4P
   Double-Balanced Mixer
More results

Similar Description - M85G-010.0M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
M602-012.8M CONNOR-WINFIELD-M602-012.8M Datasheet
186Kb / 4P
   Precision Sub-Miniature 5.0x3.2mm TCXO / VCTCXO
C31020.0M CONNOR-WINFIELD-C31020.0M Datasheet
90Kb / 2P
   Ultra-Miniature Precision TCXO / VCTCXO
TA5C-020.0M CONNOR-WINFIELD-TA5C-020.0M Datasheet
192Kb / 4P
   High Precision TCXO / VCTCXO
TFLD5C-010.0M CONNOR-WINFIELD-TFLD5C-010.0M Datasheet
198Kb / 4P
   High Precision TCXO / VCTCXO
M100V-010M CONNOR-WINFIELD-M100V-010M Datasheet
457Kb / 4P
   High Precision TCXO / VCTCXO Oscillators
T100F-020M CONNOR-WINFIELD-T100F-020M Datasheet
502Kb / 6P
   High Precision TCXO / VCTCXO Oscillators
T100F-010M CONNOR-WINFIELD-T100F-010M Datasheet
502Kb / 6P
   High Precision TCXO / VCTCXO Oscillators
T200F-040M CONNOR-WINFIELD-T200F-040M Datasheet
502Kb / 6P
   High Precision TCXO / VCTCXO Oscillators
logo
Fox Electronics
FOX914 FOX-FOX914_09 Datasheet
170Kb / 1P
   3.0V Ultra Miniature SMD TCXO/VCTCXO
FOX914 FOX-FOX914 Datasheet
70Kb / 1P
   3.0V ULTRA MINIATURE SMD TCXO/VCTCXO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com