Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK13 Datasheet(PDF) 2 Page - Surge Components

Part # SK13
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere???
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SURGE [Surge Components]
Direct Link  http://www.surgecomponents.com
Logo SURGE - Surge Components

SK13 Datasheet(HTML) 2 Page - Surge Components

  SK13 Datasheet HTML 1Page - Surge Components SK13 Datasheet HTML 2Page - Surge Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - SK13

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SK13 MOSPEC-SK13 Datasheet
228Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
logo
Monolithic Power System...
SK13 MPS-SK13 Datasheet
449Kb / 12P
   3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
5/28/2008 Rev. 1.9
logo
Exar Corporation
SK13 EXAR-SK13 Datasheet
737Kb / 12P
   2A 18V Synchronous PFM/PWM Step-Down Regulator
logo
Won-Top Electronics
SK13 WTE-SK13 Datasheet
45Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
DONGGUAN YOU FENG WEI E...
SK13 YFWDIODE-SK13 Datasheet
98Kb / 2P
   Schottky rectifier
More results

Similar Description - SK13

ManufacturerPart #DatasheetDescription
logo
Surge Components
SS12 SURGE-SS12 Datasheet
136Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere
logo
Rectron Semiconductor
SS20L RECTRON-SS20L Datasheet
441Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 100 Volts CURRENT 1.0 Ampere
FM120 RECTRON-FM120 Datasheet
26Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 100 Volts CURRENT 1.0 Ampere)
SR120 RECTRON-SR120_02 Datasheet
32Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 100 Volts CURRENT 1.0 Ampere
1S20 RECTRON-1S20_V01 Datasheet
87Kb / 5P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 100 Volts CURRENT 1.0 Ampere
2009-10 REV:A
FM120M RECTRON-FM120M Datasheet
79Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere)
FM120L RECTRON-FM120L Datasheet
359Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
FM120B RECTRON-FM120B_11 Datasheet
36Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
FM5817 RECTRON-FM5817_06 Datasheet
355Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
FM5817 RECTRON-FM5817 Datasheet
22Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com