Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-2822 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-2822
Description  Surface Mount RF Schottky Barrier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-2822 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSMS-2822 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMS-2822 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMS-2822 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMS-2822 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMS-2822 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMS-2822 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSMS-2822 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HSMS-2822 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HSMS-2822 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
Sampling Applications
The six lead HSMS‑282P can be used in a sampling circuit,
as shown in Figure 25. As was the case with the six lead
HSMS‑282R in the mixer, the open bridge quad is closed
with traces on the circuit board. The quad was not closed
internally so that it could be used in other applications,
such as illustrated in Figure 17.
HSMS-282P
sampling
pulse
sample
point
sampling circuit
Figure 25. Sampling Circuit.
Thermal Considerations
The obvious advantage of the SOT‑323 and SOT‑363 over
the SOT‑23 and SOT‑142 is combination of smaller size
and extra leads. However, the copper leadframe in the
SOT‑3x3 has a thermal conductivity four times higher than
the Alloy 42 leadframe of the SOT‑23 and SOT‑143, which
enables the smaller packages to dissipate more power.
The maximum junction temperature for these three fami‑
lies of Schottky diodes is 150°C under all operating con‑
ditions. The following equation applies to the thermal
analysis of diodes:
Tj = (V
f If + PRF) θjc + Ta
(1)
where
T
j = junction temperature
T
a = diode case temperature
θ
jc = thermal resistance
V
fIf = DC power dissipated
P
RF = RF power dissipated
Note that θ
jc, the thermal resistance from diode junction
to the foot of the leads, is the sum of two component re‑
sistances,
θ
jc = θ pkg + θchip
(2)
Package thermal resistance for the SOT‑3x3 package is ap‑
proximately 100°C/W, and the chip thermal resistance for
the HSMS‑282x family of diodes is approximately 40°C/W.
The designer will have to add in the thermal resistance
from diode case to ambient—a poor choice of circuit
board material or heat sink design can make this number
very high.
Equation (1) would be straightforward to solve but for the
fact that diode forward voltage is a function of tempera‑
ture as well as forward current. The equation for V
f is:
11600 (Vf – If R s )
nT
I f = I S e
– 1
2
1
1
n – 4060 ( T – 298)
I s = I 0
( T ) e
298
(3)
where
n = ideality factor
T = temperature in °K
R
s = diode series resistance
and I
S (diode saturation current) is given by
11600 (Vf – If R s )
nT
I f = I S e
– 1
2
1
1
n – 4060 ( T – 298)
I s = I 0
( T ) e
298
(4)
Equation (4) is substituted into equation (3), and equa‑
tions (1) and (3) are solved simultaneously to obtain the
value of junction temperature for given values of diode
case temperature, DC power dissipation and RF power
dissipation.


Similar Part No. - HSMS-2822

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS-2822 HP-HSMS-2822 Datasheet
212Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2822 AVAGO-HSMS-2822 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
logo
Broadcom Corporation.
HSMS-2822 BOARDCOM-HSMS-2822 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
logo
Agilent(Hewlett-Packard...
HSMS-2822-BLK HP-HSMS-2822-BLK Datasheet
209Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2822-BLK HP-HSMS-2822-BLK Datasheet
212Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
More results

Similar Description - HSMS-2822

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-281B-BLKG AVAGO-HSMS-281B-BLKG Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
logo
Agilent(Hewlett-Packard...
HSMS-281X HP-HSMS-281X Datasheet
147Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282X HP-HSMS-282X Datasheet
212Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2813 AVAGO-HSMS-2813 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
logo
Broadcom Corporation.
HSMS-2803 BOARDCOM-HSMS-2803 Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2804 BOARDCOM-HSMS-2804 Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2805 BOARDCOM-HSMS-2805 Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2813 BOARDCOM-HSMS-2813 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2823 BOARDCOM-HSMS-2823 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2828 BOARDCOM-HSMS-2828 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com