Electronic Components Datasheet Search |
|
XC6419BD14MR Datasheet(PDF) 8 Page - Torex Semiconductor |
|
XC6419BD14MR Datasheet(HTML) 8 Page - Torex Semiconductor |
8 / 29 page 8/29 XC6419 Series ■OPERATIONAL DESCRIPTION The voltage divided by resistors Rx1 and Rx2 is compared with the internal reference voltage by the error amplifier. The P-channel MOSFET connected to the VOUT pin is then driven by the subsequent output signal. The output voltage at the VOUT pin is controlled and stabilized by a system of negative feedback. The current limit circuit and short protect circuit operate in relation to the level of output current. Further, the IC's internal circuitry can be shutdown via the EN pin's signal. <CL Auto-Discharge Function> XC6419xB/Bx/xD/Dx series can quickly discharge the electric charge at the output capacitor (CL) through the N-channel transistor located between the VOUT pin and the VSS pin (refer to the BLOCK DIAGRAM) when a low level signal is applied to the EN pin. The CL discharge resistance is set to 550Ω when VIN is 6.0V (TYP.) and VOUT is 4.0V (TYP.). Moreover, discharge time of the output capacitor (CL) is set by the CL auto-discharge resistance (R) and the output capacitor (CL). By setting time constant of a CL auto-discharge resistance value [R] and an output capacitor value (CL) as τ(τ=C x R), the output voltage after discharge via the N channel transistor is calculated by the following formulae. V = VOUT x e –t/τ, or t = τln(VOUT (E) / V) where V: Output voltage after discharge, VOUT (E): Output voltage, t: Discharge time, τ: CL auto-discharge resistance RDCHG×CL capacitance C CL high-speed discharge function can be set by each regulator. <Current Limiter, Short-Circuit Protection> The XC6419 series includes a fold-back circuit, which aid the operations of the current limiter and circuit protection. When the load current reaches the current limit level, the fold-back circuit operates and output voltage drops. As a result of this drop in output voltage, output current also decreases. When the output pin is shorted, the output current flows go down to 30mA / ch1 and 15mA/ch2 (TYP.). <EN Pin> Each regulator can be shut-downed via the signal from the EN pin with the XC6419 series. In shutdown mode, output at the VOUT pin will be pulled down to the VSS level via Rx1 & Rx2. However, as for the XC6419xB/Bx/xD/Dx series, the CL auto-discharge resistor is connected in parallel to Rx1 and Rx2 while the power supply is applied to the VIN pin. Therefore, time until the VOUT pin reaches the VSS level becomes short. The output voltage becomes unstable, when the EN pin is open. If this IC is used with the correct output voltage for the EN pin, the logic is fixed and the IC will operate normally. However, supply current may increase as a result of through current in the IC's internal circuitry when medium |
Similar Part No. - XC6419BD14MR |
|
Similar Description - XC6419BD14MR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |