Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1468 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1468
Description  90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1468 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1468_1 Datasheet HTML 6Page - Linear Technology LT1468_1 Datasheet HTML 7Page - Linear Technology LT1468_1 Datasheet HTML 8Page - Linear Technology LT1468_1 Datasheet HTML 9Page - Linear Technology LT1468_1 Datasheet HTML 10Page - Linear Technology LT1468_1 Datasheet HTML 11Page - Linear Technology LT1468_1 Datasheet HTML 12Page - Linear Technology LT1468_1 Datasheet HTML 13Page - Linear Technology LT1468_1 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT1468
10
1468fa
APPLICATIONS INFORMATION
The LT1468 may be inserted directly into many operational
amplifier applications improving both DC and AC perfor-
mance, provided that the nulling circuitry is removed.
The suggested nulling circuit for the LT1468 is shown
below.
contacts to the inputs can exceed the inherent drift of
the amplifier. Air currents over device leads should be
minimized, package leads should be short, and the two
input leads should be as close together as possible and
maintained at the same temperature.
Make no connection to Pin 8. This pin is used for factory
trim of the inverting input current.
The parallel combination of the feedback resistor and gain
setting resistor on the inverting input can combine with the
input capacitance to form a pole that can cause peaking
or even oscillations. For feedback resistors greater than
2k, a feedback capacitor of the value:
CF > (RG)(CIN/RF)
should be used to cancel the input pole and optimize dy-
namic performance. For applications where the DC noise
gain is one, and a large feedback resistor is used, CF should
be greater than or equal to CIN. An example would be a
DAC I-to-V converter as shown on the front page of this
data sheet where the DAC can have many tens of pF of
output capacitance. Another example would be a gain of –1
with 5k resistors; a 5pF to 10pF capacitor should be added
across the feedback resistor. The frequency response in a
gain of –1 is shown in the Typical Performance curves with
2k and 5.1k resistors with a 5pF feedback capacitor.
Offset Nulling
+
LT1468
1
5
100k
V
V+
4
2.2μF
0.1μF
2.2μF
0.1μF
7 6
3
2
1468 AI01
Layout and Passive Components
The LT1468 requires attention to detail in board layout
in order to maximize DC and AC performance. For best
AC results (for example fast settling time) use a ground
plane, short lead lengths, and RF-quality bypass capacitors
(0.01μF to 0.1μF) in parallel with low ESR bypass capaci-
tors (1μF to 10μF tantalum). For best DC performance, use
“star” grounding techniques, equalize input trace lengths
and minimize leakage (i.e., 1.5GΩ of leakage between an
input and a 15V supply will generate 10nA—equal to the
maximum IB– specification.)
Board leakage can be minimized by encircling the input
circuitry with a guard ring operated at a potential close
to that of the inputs. For inverting configurations tie the
ring to ground, in noninverting connections tie the ring
to the inverting input (note the input capacitance will
increase which may require a compensating capacitor as
discussed below.)
Microvolt level error voltages can also be generated in
the external circuitry. Thermocouple effects caused by
temperature gradients across dissimilar metals at the
Nulling Input Capacitance
+
LT1468
1468 AI02
RG
RF
CIN
CF
VIN
VOUT


Similar Part No. - LT1468_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1468 LINER-LT1468_15 Datasheet
228Kb / 16P
   90MHz, 22V/s 16-Bit Accurate Operational Amplifier
More results

Similar Description - LT1468_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1469 LINER-LT1469_1 Datasheet
238Kb / 20P
   Dual 90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
LT1468 LINER-LT1468_15 Datasheet
228Kb / 16P
   90MHz, 22V/s 16-Bit Accurate Operational Amplifier
LT1469 LINER-LT1469_15 Datasheet
2Mb / 20P
   Dual 90MHz, 22V/s 16-Bit Accurate Operational Amplifier
LT1468 LINER-LT1468_09 Datasheet
223Kb / 16P
   16-Bit Accurate Operational Amplifi er
LT1468 LINER-LT1468 Datasheet
304Kb / 12P
   90MHz, 22V/us 16-Bit Accurate Operational Amplifier
LT1469 LINER-LT1469 Datasheet
179Kb / 12P
   Dual 90MHz, 22V/us 16-Bit Accurate Operational Amplifier
RH1814 LINER-RH1814 Datasheet
120Kb / 2P
   Dual 3mA, 100MHz, 750V/關s Operational Amplifi er
RH1814 LINER-RH1814_15 Datasheet
130Kb / 2P
   Dual 3mA, 100MHz, 750V/s Operational Amplifi er
LT1812 LINER-LT1812_15 Datasheet
250Kb / 16P
   3mA, 100MHz, 750V/s Operational Amplifi er with Shutdown
LT1468-2 LINER-LT1468-2_15 Datasheet
260Kb / 14P
   200MHz, 30V/s 16-Bit Accurate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com