Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1461ACS8-3 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1461ACS8-3
Description  Micropower Precision Low Dropout Series Voltage Reference Family
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1461ACS8-3 Datasheet(HTML) 4 Page - Linear Technology

  LT1461ACS8-3 Datasheet HTML 1Page - Linear Technology LT1461ACS8-3 Datasheet HTML 2Page - Linear Technology LT1461ACS8-3 Datasheet HTML 3Page - Linear Technology LT1461ACS8-3 Datasheet HTML 4Page - Linear Technology LT1461ACS8-3 Datasheet HTML 5Page - Linear Technology LT1461ACS8-3 Datasheet HTML 6Page - Linear Technology LT1461ACS8-3 Datasheet HTML 7Page - Linear Technology LT1461ACS8-3 Datasheet HTML 8Page - Linear Technology LT1461ACS8-3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1461
ELECTRICAL CHARACTERISTICS
Note 8: Long-term drift typically has a logarithmic characteristic and
therefore, changes after 1000 hours tend to be much smaller than before
that time. Total drift in the second thousand hours is normally less than
one third that of the first thousand hours with a continuing trend toward
reduced drift with time. Long-term drift will also be affected by differential
stresses between the IC and the board material created during board
assembly. See the Applications Information section.
Note 9: Hysteresis in output voltage is created by package stress that
depends on whether the IC was previously at a higher or lower
temperature. Output voltage is always measured at 25
°C, but the IC is
cycled hot or cold before successive measurements. Hysteresis is roughly
proportional to the square of the temperature change. Hysteresis is not
normally a problem for operational temperature excursions where the
instrument might be stored at high or low temperature. See Applications
Information section.
TEMPERATURE (
°C)
–60 – 40 –20
2.4980
2.4985
2.4995
2.5000
2.5005
60
80 100
1461 G01
2.4990
0
20
40
120
2.5010
2.5015
2.5020
TEMPCO –60
°C TO 120°C
3 TYPICAL PARTS
2.5V Reference Voltage
vs Temperature
TEMPERATURE (
°C)
–40 – 20
–4
–2
120
1461 G03
–6
–8
0
40
80
100
20
60
0
–5
–3
–7
–1
SUPPLY
∆ = 15V
5V – 20V
2.5V Line Regulation
vs Temperature
2.5V Load Regulation
OUTPUT CURRENT (mA)
0.1
800
1200
1600
1
10
100
1461 G02
400
0
125
°C
25
°C
–55
°C
VIN = 7.5V
TYPICAL PERFOR A CE CHARACTERISTICS Characteristic curves are similar for most LT1461s.
Curves from the LT1461-2.5 and the LT1461-5 represent the extremes of the voltage options. Characteristic curves for other output
voltages fall between these curves and can be estimated based on their output.
2.5V Ripple Rejection Ratio
vs Frequency
2.5V Minimum Input/Output
Voltage Differential vs Load Current
OUTPUT CURRENT (mA)
0.1
0.1
1
10
1
10
100
1461 G04
–55
°C
25
°C
125
°C
2.5V Supply Current
vs Input Voltage
INPUT VOLTAGE (V)
1000
1461 G05
10
100
525
20
15
10
0
125
°C
–55
°C
25
°C
FREQUENCY (kHz)
0.01
40
50
60
70
80
0.1
1
100
10
1000
1641 G06
30
20
10
0
90
100


Similar Part No. - LT1461ACS8-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1461ACS8-3#PBF LINER-LT1461ACS8-3#PBF Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1461ACS8-3#TRPBF LINER-LT1461ACS8-3#TRPBF Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1461ACS8-3.3#PBF LINER-LT1461ACS8-3.3#PBF Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1461ACS8-3.3#TRPBF LINER-LT1461ACS8-3.3#TRPBF Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
More results

Similar Description - LT1461ACS8-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
logo
National Semiconductor ...
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI1-LM4120 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4120 NSC-LM4120_05 Datasheet
721Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
   Precision Micropower Low Dropout Voltage Reference
logo
Maxim Integrated Produc...
MAX6034 MAXIM-MAX6034 Datasheet
322Kb / 13P
   Precision, Micropower, Low-Dropout, SC70 Series Voltage Reference
Rev 0; 4/02
logo
Texas Instruments
LM4120 TI-LM4120_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM4120 Precision Micropower Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com