Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1468IN8-PBF Datasheet(PDF) 8 Page - Linear Technology

Part # LT1468IN8-PBF
Description  90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1468IN8-PBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1468IN8-PBF Datasheet HTML 4Page - Linear Technology LT1468IN8-PBF Datasheet HTML 5Page - Linear Technology LT1468IN8-PBF Datasheet HTML 6Page - Linear Technology LT1468IN8-PBF Datasheet HTML 7Page - Linear Technology LT1468IN8-PBF Datasheet HTML 8Page - Linear Technology LT1468IN8-PBF Datasheet HTML 9Page - Linear Technology LT1468IN8-PBF Datasheet HTML 10Page - Linear Technology LT1468IN8-PBF Datasheet HTML 11Page - Linear Technology LT1468IN8-PBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LT1468
8
1468fa
TYPICAL PERFORMANCE CHARACTERISTICS
Gain and Phase vs Frequency
Power Supply Rejection Ratio
vs Frequency
Common Mode Rejection Ratio
vs Frequency
Frequency Response
vs Supply Voltage, AV = 1
Frequency Response
vs Supply Voltage, AV = – 1
Frequency Response
vs Capacitive Load, AV = 1
Frequency Response
vs Capacitive Load, AV = –1
Slew Rate vs Supply Voltage
Slew Rate vs Temperature
FREQUENCY (Hz)
20
40
50
70
10k
1M
10M
100M
1468 G16
0
100k
60
30
10
–10
0
40
60
100
–40
80
20
–20
–60
PHASE
GAIN
±15V
±15V
±5V
±5V
TA = 25°C
AV = –1
RF = RG = 5.1k
CF = 5pF
RL = 2k
FREQUENCY (Hz)
100
60
80
100
100k
10M
1468 G20
40
20
0
1k
10k
1M
120
140
160
100M
–PSRR
+PSRR
VS = ±15V
TA = 25°C
FREQUENCY (Hz)
100
0
20
40
60
80
120
1k
10k
100k
1M
1468 G21
10M
100M
100
VS = ±15V
TA = 25°C
FREQUENCY (Hz)
100k
–1
0
1
2
3
1M
10M
100M
1468 G22
–2
–3
–4
–5
4
5
TA = 25°C
AV = 1
RL = 2k
±5V
±15V
FREQUENCY (Hz)
100k
–1
0
1
2
3
1M
10M
100M
1468 G23
–2
–3
–4
–5
4
5
TA = 25°C
AV = –1
RL = 2k
CF = 5pF
RF = RG = 2k
±5V
±15V
RF = RG = 5.1k
±5V
±15V
FREQUENCY (Hz)
100k
2
4
6
8
10
1M
10M
100M
1468 G24
0
–2
–4
–6
12
14
VS = ±15V
TA = 25°C
AV = 1
NO RL
100pF
10pF
50pF
20pF
FREQUENCY (Hz)
100k
2
4
6
8
10
1M
10M
100M
1468 G25
0
–2
–4
–6
12
14
VS = ±15V
TA = 25°C
AV = –1
RF = RG = 5.1k
CF = 5pF
NO RL
300pF
200pF
50pF
100pF
SUPPLY VOLTAGE (±V)
0
22
24
26
20
1468 G26
20
18
14
5
10
15
16
30
28
–SR
+SR
TA = 25°C
AV = –1
RL = 2k
TEMPERATURE (°C)
–50
40
25
1468 G27
25
–SR
+SR
15
–25
0
50
10
5
45
35
30
20
75
100
125
VS = ±15V
AV = –1
RL = 2k


Similar Part No. - LT1468IN8-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1468IN8 LINER-LT1468IN8 Datasheet
304Kb / 12P
   90MHz, 22V/us 16-Bit Accurate Operational Amplifier
More results

Similar Description - LT1468IN8-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1469 LINER-LT1469_1 Datasheet
238Kb / 20P
   Dual 90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
LT1468 LINER-LT1468_15 Datasheet
228Kb / 16P
   90MHz, 22V/s 16-Bit Accurate Operational Amplifier
LT1469 LINER-LT1469_15 Datasheet
2Mb / 20P
   Dual 90MHz, 22V/s 16-Bit Accurate Operational Amplifier
LT1468 LINER-LT1468_09 Datasheet
223Kb / 16P
   16-Bit Accurate Operational Amplifi er
LT1468 LINER-LT1468 Datasheet
304Kb / 12P
   90MHz, 22V/us 16-Bit Accurate Operational Amplifier
LT1469 LINER-LT1469 Datasheet
179Kb / 12P
   Dual 90MHz, 22V/us 16-Bit Accurate Operational Amplifier
RH1814 LINER-RH1814 Datasheet
120Kb / 2P
   Dual 3mA, 100MHz, 750V/關s Operational Amplifi er
RH1814 LINER-RH1814_15 Datasheet
130Kb / 2P
   Dual 3mA, 100MHz, 750V/s Operational Amplifi er
LT1812 LINER-LT1812_15 Datasheet
250Kb / 16P
   3mA, 100MHz, 750V/s Operational Amplifi er with Shutdown
LT1468-2 LINER-LT1468-2_15 Datasheet
260Kb / 14P
   200MHz, 30V/s 16-Bit Accurate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com