Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1468IS8-PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LT1468IS8-PBF
Description  90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1468IS8-PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1468IS8-PBF Datasheet HTML 3Page - Linear Technology LT1468IS8-PBF Datasheet HTML 4Page - Linear Technology LT1468IS8-PBF Datasheet HTML 5Page - Linear Technology LT1468IS8-PBF Datasheet HTML 6Page - Linear Technology LT1468IS8-PBF Datasheet HTML 7Page - Linear Technology LT1468IS8-PBF Datasheet HTML 8Page - Linear Technology LT1468IS8-PBF Datasheet HTML 9Page - Linear Technology LT1468IS8-PBF Datasheet HTML 10Page - Linear Technology LT1468IS8-PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT1468
7
1468fa
TYPICAL PERFORMANCE CHARACTERISTICS
Output Voltage Swing
vs Supply Voltage
Output Voltage Swing
vs Load Current
Output Short-Circuit Current
vs Temperature
Settling Time to 0.01%
vs Output Step, VS = ± 15V
Settling Time to 0.01%
vs Output Step, VS = ± 5V
Settling Time to 150μV
vs Output Step
Gain Bandwidth and Phase
Margin vs Supply Voltage
Gain Bandwidth and Phase
Margin vs Temperature
Output Impedance vs Frequency
SUPPLY VOLTAGE (±V)
0
1
V
4
3
2
–4
–3
–2
V+
–1
5
1468 G10
10
15
20
RL = 2k
RL = 10k
RL = 2k
TA = 25°C
RL = 10k
OUTPUT CURRENT (mA)
–20
V0.5
1.0
2.0
2.5
V+ –0.5
–2.0
–10
0
5
1468 G11
1.5
–1.5
–1.0
–2.5
–15
–5
10
15
20
VS = ±15V
85°C
85°C
40°C
25°C
25°C
–40°C
TEMPERATURE (°C)
–50
10
15
25
30
35
60
45
0
50
75
1468 G12
20
50
55
40
–25
25
100
125
VS = ±15V
VIN = ±0.2V
SOURCE
SINK
SETTLING TIME (ns)
0
2
6
10
800
1468 G13
–2
–6
0
4
8
–4
–8
–10
200
400
600
1000
AV = –1
AV = –1
AV = 1
AV = 1
VS = ±15V
RL = 1k
SETTLING TIME (ns)
300
1
3
5
700
1468 G14
–1
–3
0
2
4
–2
–4
–5
400
500
600
800
AV = –1
AV = –1
AV = 1
AV = 1
VS = ±5V
RL = 1k
SETTLING TIME (ns)
0
2
6
10
800
1468 G15
–2
–6
0
4
8
–4
–8
–10
200
400
600
1000
VS = ±15V
AV = –1
RF = RG = 2k
CF = 8pF
SUPPLY VOLTAGE (±V)
0
90
92
94
20
1468 G17
88
86
82
5
10
15
84
98
96
36
38
40
34
32
28
30
44
42
TA = 25°C
AV = –1
RF = RG = 5.1k
CF = 5pF
RL = 2k
PHASE MARGIN
GAIN BANDWIDTH
TEMPERATURE (°C)
–55
84
86
90
92
94
104
98
0
50
75
1468 G18
88
100
102
96
26
28
32
34
36
46
40
30
42
44
38
–25
25
100
125
VS = 5V
VS = ±5V
VS = 15V
VS = ±15V
GAIN BANDWIDTH
PHASE MARGIN
FREQUENCY (Hz)
0.01
0.1
1
10
100
10k
1M
10M
100M
1468 G19
0.001
100k
VS = ±15V
TA = 25°C
AV = 100
AV = 10
AV = 1


Similar Part No. - LT1468IS8-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1468IS8-2-PBF LINER-LT1468IS8-2-PBF Datasheet
187Kb / 12P
   200MHz, 30V/關s 16-Bit Accurate AV ??2 Op Amp
LT1468IS8-2-TRPBF LINER-LT1468IS8-2-TRPBF Datasheet
187Kb / 12P
   200MHz, 30V/關s 16-Bit Accurate AV ??2 Op Amp
LT1468IS8-2PBF LINER-LT1468IS8-2PBF Datasheet
194Kb / 12P
   16-Bit DAC Current-to-Voltage Converter
LT1468IS8-2TRPBF LINER-LT1468IS8-2TRPBF Datasheet
194Kb / 12P
   16-Bit DAC Current-to-Voltage Converter
More results

Similar Description - LT1468IS8-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1469 LINER-LT1469_1 Datasheet
238Kb / 20P
   Dual 90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
LT1468 LINER-LT1468_15 Datasheet
228Kb / 16P
   90MHz, 22V/s 16-Bit Accurate Operational Amplifier
LT1469 LINER-LT1469_15 Datasheet
2Mb / 20P
   Dual 90MHz, 22V/s 16-Bit Accurate Operational Amplifier
LT1468 LINER-LT1468_09 Datasheet
223Kb / 16P
   16-Bit Accurate Operational Amplifi er
LT1468 LINER-LT1468 Datasheet
304Kb / 12P
   90MHz, 22V/us 16-Bit Accurate Operational Amplifier
LT1469 LINER-LT1469 Datasheet
179Kb / 12P
   Dual 90MHz, 22V/us 16-Bit Accurate Operational Amplifier
RH1814 LINER-RH1814 Datasheet
120Kb / 2P
   Dual 3mA, 100MHz, 750V/關s Operational Amplifi er
RH1814 LINER-RH1814_15 Datasheet
130Kb / 2P
   Dual 3mA, 100MHz, 750V/s Operational Amplifi er
LT1812 LINER-LT1812_15 Datasheet
250Kb / 16P
   3mA, 100MHz, 750V/s Operational Amplifi er with Shutdown
LT1468-2 LINER-LT1468-2_15 Datasheet
260Kb / 14P
   200MHz, 30V/s 16-Bit Accurate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com