Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1468CDD-PBF Datasheet(PDF) 4 Page - Linear Technology

Part # LT1468CDD-PBF
Description  90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1468CDD-PBF Datasheet(HTML) 4 Page - Linear Technology

  LT1468CDD-PBF Datasheet HTML 1Page - Linear Technology LT1468CDD-PBF Datasheet HTML 2Page - Linear Technology LT1468CDD-PBF Datasheet HTML 3Page - Linear Technology LT1468CDD-PBF Datasheet HTML 4Page - Linear Technology LT1468CDD-PBF Datasheet HTML 5Page - Linear Technology LT1468CDD-PBF Datasheet HTML 6Page - Linear Technology LT1468CDD-PBF Datasheet HTML 7Page - Linear Technology LT1468CDD-PBF Datasheet HTML 8Page - Linear Technology LT1468CDD-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT1468
4
1468fa
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCM = 0V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
VSUPPLY
MIN
TYP
MAX
UNITS
ts
Settling Time
10V Step, 0.01%, AV = –1
10V Step, 150μV, AV = –1
5V Step, 0.01%, AV = –1
±15V
±15V
±5V
760
900
770
ns
ns
ns
RO
Output Resistance
AV = 1, f = 100kHz
±15V
0.02
Ω
IS
Supply Current
±15V
±5V
3.9
3.6
5.2
5.0
mA
mA
SYMBOL
PARAMETER
CONDITIONS
VSUPPLY
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
N8, S8
±15V
±5V
150
250
μV
μV
LT1468A, DD Package
±15V
±5V
150
250
μV
μV
LT1468, DD Package
±15V
±5V
300
400
μV
μV
Input VOS Drift
(Note 7)
±5V to ±15V
0.7
2.0
μV/°C
IOS
Input Offset Current
±5V to ±15V
65
nA
Input Offset Current Drift
±5V to ±15V
60
pA/°C
IB–
Inverting Input Bias Current
±5V to ±15V
±15
nA
Negative Input Current Drift
±5V to ±15V
40
pA/°C
IB+
Noninverting Input Bias Current
±5V to ±15V
±50
nA
CMRR
Common Mode Rejection Ratio
VCM = ±12.5V
VCM = ±2.5V
±15V
±5V
94
94
dB
dB
PSRR
Power Supply Rejection Ratio
VS = ±4.5V to ±15V
98
dB
AVOL
Large-Signal Voltage Gain
VOUT = ±12.5V, RL = 10k
VOUT = ±12.5V, RL = 2k
VOUT = ±2.5V, RL = 10k
VOUT = ±2.5V, RL = 2k
±15V
±15V
±5V
±5V
500
250
500
250
V/mV
V/mV
V/mV
V/mV
VOUT
Output Swing
RL = 10k
RL = 2k
RL = 10k
RL = 2k
±15V
±15V
±5V
±5V
±12.9
±12.7
±2.9
±2.7
V
V
V
V
IOUT
Output Current
VOUT = ±12.5V
VOUT = ±2.5V
±15V
±5V
±12.5
±12.5
mA
mA
ISC
Short-Circuit Current
VOUT = 0V, VIN = ±0.2V
±15V
±17
mA
SR
Slew Rate
AV = –1, RL = 2k (Note 5)
±15V
±5V
13
9
V/μs
V/μs
GBW
Gain Bandwidth
f = 100kHz, RL = 2k
±15V
±5V
55
50
MHz
MHz
IS
Supply Current
±15V
±5V
6.5
6.3
mA
mA
The
l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
0°C ≤ TA ≤ 70°C, VCM = 0V unless otherwise noted.


Similar Part No. - LT1468CDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1468CDD-2-PBF LINER-LT1468CDD-2-PBF Datasheet
187Kb / 12P
   200MHz, 30V/關s 16-Bit Accurate AV ??2 Op Amp
LT1468CDD-2-TRPBF LINER-LT1468CDD-2-TRPBF Datasheet
187Kb / 12P
   200MHz, 30V/關s 16-Bit Accurate AV ??2 Op Amp
LT1468CDD-2PBF LINER-LT1468CDD-2PBF Datasheet
194Kb / 12P
   16-Bit DAC Current-to-Voltage Converter
LT1468CDD-2TRPBF LINER-LT1468CDD-2TRPBF Datasheet
194Kb / 12P
   16-Bit DAC Current-to-Voltage Converter
More results

Similar Description - LT1468CDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1469 LINER-LT1469_1 Datasheet
238Kb / 20P
   Dual 90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
LT1468 LINER-LT1468_15 Datasheet
228Kb / 16P
   90MHz, 22V/s 16-Bit Accurate Operational Amplifier
LT1469 LINER-LT1469_15 Datasheet
2Mb / 20P
   Dual 90MHz, 22V/s 16-Bit Accurate Operational Amplifier
LT1468 LINER-LT1468_09 Datasheet
223Kb / 16P
   16-Bit Accurate Operational Amplifi er
LT1468 LINER-LT1468 Datasheet
304Kb / 12P
   90MHz, 22V/us 16-Bit Accurate Operational Amplifier
LT1469 LINER-LT1469 Datasheet
179Kb / 12P
   Dual 90MHz, 22V/us 16-Bit Accurate Operational Amplifier
RH1814 LINER-RH1814 Datasheet
120Kb / 2P
   Dual 3mA, 100MHz, 750V/關s Operational Amplifi er
RH1814 LINER-RH1814_15 Datasheet
130Kb / 2P
   Dual 3mA, 100MHz, 750V/s Operational Amplifi er
LT1812 LINER-LT1812_15 Datasheet
250Kb / 16P
   3mA, 100MHz, 750V/s Operational Amplifi er with Shutdown
LT1468-2 LINER-LT1468-2_15 Datasheet
260Kb / 14P
   200MHz, 30V/s 16-Bit Accurate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com