Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB6C-020.0M Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # TB6C-020.0M
Description  High Precision TCXO / VCTCXO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

TB6C-020.0M Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  TB6C-020.0M Datasheet HTML 1Page - Connor-Winfield Corporation TB6C-020.0M Datasheet HTML 2Page - Connor-Winfield Corporation TB6C-020.0M Datasheet HTML 3Page - Connor-Winfield Corporation TB6C-020.0M Datasheet HTML 4Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications subject to change without notice. All dimensions in inches. © Copyright 2008 The Connor-Winfield Corporation
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630- 851- 5040
www.conwin.com
Bulletin
Tx180
Page
1of4
Revision
05
Date
25 Aug 2008
US Headquarters:
630-851-4722
European Headquarters:
+353-61-472221
Description
The Connor-Winfield
5.0x7.0mm Temperature
Compensated Crystal
Controlled Oscillators
and Voltage Controlled Temperature
Compensated Crystal Controlled Oscillators
are designed for use inapplications requiring
tight frequency stability in a small package.
Through the use of Analog Temperature
Compensation, this device is capable of
holding sub 1-ppm stabilities over the
commercial or the industrial temperature
ranges.
Package Layout
Standard Frequencies Available *
Features:
3.3V or 5.0V Operation
CMOS or Clipped Sinewave Output Logic
Frequency Stabilities Available:
Tx5E / Tx6E Series: ±0.50ppm
Tx5F / Tx6F Series: ±1.00ppm
Temperature Ranges Available:
Tx5x Series: 0 to 70°C
Tx6x Series: -40 to 85°C
Low Jitter <1pS RMS
Tri-State Enable/Disable Function
Miniature 5x7mm Surface Mount Package
Tape and Reel Packaging
RoHS Compliant / Lead Free
Pin Connections
0.276 0.006
(7.0mm)
±
0.197
0.006
(5.0mm)
±
0.079 Max.
(2.0mm)
TA5C 0715
20.0MHz
0.025(6 Places)
(0.635mm)
0.100
(2.54mm)
0.040
(1.02mm)
(6 Places)
0.030
(0.762mm)
(4 Places)
0.100
(2.54mm)
Pin 1
0.038
(0.965mm)
(4 Places)
Dimensional Tolerance:
±.005 (.127mm)
±.02 (.508mm)
1
23
4
5
6
7
8
9
10
Bottom
View
1
Do not connect
2
Do not connect
3
Do not connect
4
Ground
5
Output
6
Do not connect
7
Do not connect
8
Tri-state Enable / Disable
9
Supply, Vcc
10
Voltage Control (VCTCXO)
N/C (TCXO)
TA
5C
0715
20.0
Mhz
Tx5C / Tx6C Series: ±0.25ppm
High
Precision
TCXO / VCTCXO
Applications
Recommended for new designs
GPS Receivers
ranges.
Instrumentation
Femtocells
FTTH, FTTC
6.4 MHz 9.72 MHz 10.0 MHz 10.24 MHz 12.5 Mhz
19.44 MHz 20.0 MHz 20.48 MHz
12.8 MHz 13.5 MHz 19.2 MHz
25 MHz 27 MHz 38.88 MHz
* Available frequencies from the factory for small quantity orders or quick delivery. Additional frequencies are available.
Ordering Information
A
Type:
Precision
TCXO
VCTCXO
5x7mm
Features:
A = TCXO, LVCMOS, 3.3Vdc.
B=
E=VC
F=VC
TCXO, Clipped Sinewave, 3.3Vdc.
C = TCXO, HCMOS, 5.0Vdc.
D = TCXO, Clipped Sinewave, 5.0Vdc.
TCXO, LVCMOS, 3.3Vdc.
TCXO, Clipped Sinewave, 3.3Vdc.
G = VCTCXO, HCMOS, 5.0Vdc.
H = VCTCXO, Clipped Sinewave, 5.0Vdc.
Temperature Range:
5=0to
6 = -40 to 85
70° C
°C
Frequency Stability:
C = +/-0.25
E = +/-
F = +/-
ppm
0.50 ppm
1.00 ppm
T
5
C
020.0M
-
Output Frequency:
Frequency Format
-xxx.xM Min.*
-xxx.xxxxxxM Max.*
*Amount of numbers
after the decimal point.
M = MHz
Example:
TA5C-020.0M = 5x7mm, TCXO, LVCMOS,
3.3Vdc, 0 to 70C, +/-0.25ppm, Output Frequency 20.0MHz
To order an TA5C with an output frequency of:
6.4 MHz = TA5C-006.4M
10 MHz = TA5C-010.0M
38.88 MHz = TA5C-038.88M


Similar Part No. - TB6C-020.0M

ManufacturerPart #DatasheetDescription
logo
DONG IL TECHNOLOGY LTD.
TB6-2 DIT-TB6-2 Datasheet
1Mb / 4P
   EMI/EMC FILTER
TB6-2100C3CG DIT-TB6-2100C3CG Datasheet
2Mb / 10P
   EMI/EMC FILTER
TB6-2100C3CH DIT-TB6-2100C3CH Datasheet
2Mb / 10P
   EMI/EMC FILTER
TB6-2100C3DG DIT-TB6-2100C3DG Datasheet
2Mb / 10P
   EMI/EMC FILTER
TB6-2100C3DH DIT-TB6-2100C3DH Datasheet
2Mb / 10P
   EMI/EMC FILTER
More results

Similar Description - TB6C-020.0M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
TFLD5C-010.0M CONNOR-WINFIELD-TFLD5C-010.0M Datasheet
198Kb / 4P
   High Precision TCXO / VCTCXO
M100V-010M CONNOR-WINFIELD-M100V-010M Datasheet
457Kb / 4P
   High Precision TCXO / VCTCXO Oscillators
T100F-020M CONNOR-WINFIELD-T100F-020M Datasheet
502Kb / 6P
   High Precision TCXO / VCTCXO Oscillators
T100F-010M CONNOR-WINFIELD-T100F-010M Datasheet
502Kb / 6P
   High Precision TCXO / VCTCXO Oscillators
T200F-040M CONNOR-WINFIELD-T200F-040M Datasheet
502Kb / 6P
   High Precision TCXO / VCTCXO Oscillators
C31020.0M CONNOR-WINFIELD-C31020.0M Datasheet
90Kb / 2P
   Ultra-Miniature Precision TCXO / VCTCXO
DOT050F-012M CONNOR-WINFIELD-DOT050F-012M Datasheet
464Kb / 4P
   Precision TCXO / VCTCXO Models DOT050F / DOT050V
M602-012.8M CONNOR-WINFIELD-M602-012.8M Datasheet
186Kb / 4P
   Precision Sub-Miniature 5.0x3.2mm TCXO / VCTCXO
M77F-010.0M CONNOR-WINFIELD-M77F-010.0M Datasheet
170Kb / 4P
   Precision Sub-Miniature 3.2x5.0mm TCXO / VCTCXO
logo
Abracon Corporation
ASGTX ABRACON-ASGTX Datasheet
5Mb / 10P
   Configurable High Performance SMD TCXO/VCTCXO
10.16.14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com