Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1469IN8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1469IN8
Description  Dual 90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1469IN8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1469IN8 Datasheet HTML 5Page - Linear Technology LT1469IN8 Datasheet HTML 6Page - Linear Technology LT1469IN8 Datasheet HTML 7Page - Linear Technology LT1469IN8 Datasheet HTML 8Page - Linear Technology LT1469IN8 Datasheet HTML 9Page - Linear Technology LT1469IN8 Datasheet HTML 10Page - Linear Technology LT1469IN8 Datasheet HTML 11Page - Linear Technology LT1469IN8 Datasheet HTML 12Page - Linear Technology LT1469IN8 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT1469
9
1469fa
TYPICAL PERFORMANCE CHARACTERISTICS
Open-Loop Gain and Phase vs
Frequency
Gain Bandwidth and Phase
Margin vs Supply Voltage
Gain Bandwidth and Phase
Margin vs Temperature
Gain vs Frequency, AV = 1
Gain vs Frequency, AV = – 1
Gain vs Frequency, AV = 1
Gain vs Frequency, AV = –1
Slew Rate vs Supply Voltage
Slew Rate vs Temperature
FREQUENCY (Hz)
20
40
50
70
10k
1M
10M
100M
1469 G19
0
100k
60
30
10
–10
0
40
60
100
–40
80
20
–20
–60
PHASE
GAIN
±15V
±15V
±5V
±5V
TA = 25°C
AV = –1
RF = RG = 5.1k
CF = 5pF
RL = 2k
SUPPLY VOLTAGE (±V)
0
90
92
20
1469 G20
88
86
82
5
10
15
84
36
38
40
34
32
TA = 25°C
AV = –1
RF = RG = 5.1k
CF = 5pF
RL = 2k
PHASE MARGIN
GAIN BANDWIDTH
TEMPERATURE (°C)
–55
84
86
90
92
94
0
50
75
1469 G21
88
32
34
36
40
30
42
38
–25
25
100
125
VS = ±5V
VS = ±5V
VS = ±15V
VS = ±15V
GAIN BANDWIDTH
PHASE MARGIN
FREQUENCY (Hz)
100k
–1
0
1
2
3
1M
10M
100M
1469 G22
–2
–3
–4
–5
4
5
TA = 25°C
AV = 1
RL = 2k
VS = ±5V
VS = ±15V
FREQUENCY (Hz)
100k
–1
0
1
2
3
1M
10M
100M
1469 G23
–2
–3
–4
–5
4
5
TA = 25°C
AV = –1
RL = 2k
CF = 5pF
RF = RG = 2k
VS = ±5V
VS = ±15V
RF = RG = 5.1k
VS = ±5V
VS = ±15V
FREQUENCY (Hz)
100k
2
4
6
8
10
1M
10M
100M
1469 G24
0
–2
–4
–6
12
14
VS = ±15V
TA = 25°C
AV = 1
NO RL
100pF
10pF
50pF
20pF
FREQUENCY (Hz)
100k
2
4
6
8
10
1M
10M
100M
1469 G25
0
–2
–4
–6
12
14
VS = ±15V
TA = 25°C
AV = –1
RF = RG = 5.1k
CF = 5pF
NO RL
300pF
200pF
50pF
100pF
SUPPLY VOLTAGE (±V)
0
22
24
26
20
1469 G26
20
18
14
5
10
15
16
30
28
–SR
+SR
TA = 25°C
AV = –1
RL = 2k
TEMPERATURE (°C)
–50
40
25
1469 G27
25
–SR
+SR
15
–25
0
50
10
5
45
35
30
20
75
100
125
VS = ±15V
AV = –1
RL = 2k


Similar Part No. - LT1469IN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1469IN8 LINER-LT1469IN8 Datasheet
179Kb / 12P
   Dual 90MHz, 22V/us 16-Bit Accurate Operational Amplifier
More results

Similar Description - LT1469IN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1468 LINER-LT1468_1 Datasheet
215Kb / 16P
   90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
LT1469 LINER-LT1469_15 Datasheet
2Mb / 20P
   Dual 90MHz, 22V/s 16-Bit Accurate Operational Amplifier
LT1468 LINER-LT1468_15 Datasheet
228Kb / 16P
   90MHz, 22V/s 16-Bit Accurate Operational Amplifier
LT1469 LINER-LT1469 Datasheet
179Kb / 12P
   Dual 90MHz, 22V/us 16-Bit Accurate Operational Amplifier
LT1468 LINER-LT1468_09 Datasheet
223Kb / 16P
   16-Bit Accurate Operational Amplifi er
LT1468 LINER-LT1468 Datasheet
304Kb / 12P
   90MHz, 22V/us 16-Bit Accurate Operational Amplifier
RH1814 LINER-RH1814 Datasheet
120Kb / 2P
   Dual 3mA, 100MHz, 750V/關s Operational Amplifi er
RH1814 LINER-RH1814_15 Datasheet
130Kb / 2P
   Dual 3mA, 100MHz, 750V/s Operational Amplifi er
LT1469-2 LINER-LT1469-2_15 Datasheet
201Kb / 12P
   Dual 200MHz, 30V/s 16-Bit Accurate
LT1812 LINER-LT1812_15 Datasheet
250Kb / 16P
   3mA, 100MHz, 750V/s Operational Amplifi er with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com