Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1469CS8-TRPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LT1469CS8-TRPBF
Description  Dual 90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1469CS8-TRPBF Datasheet(HTML) 3 Page - Linear Technology

  LT1469CS8-TRPBF Datasheet HTML 1Page - Linear Technology LT1469CS8-TRPBF Datasheet HTML 2Page - Linear Technology LT1469CS8-TRPBF Datasheet HTML 3Page - Linear Technology LT1469CS8-TRPBF Datasheet HTML 4Page - Linear Technology LT1469CS8-TRPBF Datasheet HTML 5Page - Linear Technology LT1469CS8-TRPBF Datasheet HTML 6Page - Linear Technology LT1469CS8-TRPBF Datasheet HTML 7Page - Linear Technology LT1469CS8-TRPBF Datasheet HTML 8Page - Linear Technology LT1469CS8-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT1469
3
1469fa
ELECTRICAL CHARACTERISTICS T
A = 25°C, VCM = 0V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
VSUPPLY
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
N8, S8 Packages
±15V
±5V
50
50
125
200
μV
μV
LT1469A, DF Package
±15V
±5V
50
50
125
200
μV
μV
LT1469, DF Package
±15V
±5V
100
150
225
300
μV
μV
IOS
Input Offset Current
±5V to ±15V
13
±50
nA
IB
Inverting Input Bias Current
±5V to ±15V
3
±10
nA
IB+
Noninverting Input Bias Current
±5V to ±15V
–10
±40
nA
Input Noise Voltage
0.1Hz to 10Hz
±5V to ±15V
0.3
μVP-P
en
Input Noise Voltage Density
f = 10kHz
±5V to ±15V
5
nV/√Hz
in
Input Noise Current Density
f = 10kHz
±5V to ±15V
0.6
pA/√Hz
RIN
Input Resistance
Common Mode, VCM = ±12.5V
Differential
±15V
±15V
100
50
240
150
CIN
Input Capacitance
±15V
4
pF
VCM
Input Voltage Range (Positive)
Guaranteed by CMRR
±15V
±5V
12.5
2.5
13.5
3.6
V
V
Input Voltage Range (Negative)
Guaranteed by CMRR
±15V
±5V
–14.3
–4.4
–12.5
–2.5
V
V
CMRR
Common Mode Rejection Ratio
VCM = ±12.5V
VCM = ±2.5V
±15V
±5V
96
96
110
112
dB
dB
Minimum Supply Voltage
Guaranteed by PSRR
±2.5
±4.5
V
PSRR
Power Supply Rejection Ratio
VS = ±4.5V to ±15V
100
112
dB
AVOL
Large-Signal Voltage Gain
VOUT = ±12.5V, RL = 10k
VOUT = ±12.5V, RL = 2k
VOUT = ±2.5V, RL = 10k
VOUT = ±2.5V, RL = 2k
±15V
±15V
±5V
±5V
300
300
200
200
2000
2000
8000
8000
V/mV
V/mV
V/mV
V/mV
VOUT
Maximum Output Swing
RL = 10k, 1mV Overdrive
RL = 2k, 1mV Overdrive
RL = 10k, 1mV Overdrive
RL = 2k, 1mV Overdrive
±15V
±15V
±5V
±5V
±13.0
±12.8
±3.0
±2.8
±13.6
±13.5
±3.7
±3.6
V
V
V
V
IOUT
Maximum Output Current
VOUT = ±12.5V, 1mV Overdrive
VOUT = ±2.5V, 1mV Overdrive
±15V
±5V
±15
±15
±22
±22
mA
mA
ISC
Output Short-Circuit Current
VOUT = 0V, 0.2V Overdrive (Note 3)
±15V
±25
±40
mA
SR
Slew Rate
AV = –10, RL = 2k (Note 6)
±15V
±5V
15
11
22
17
V/μs
V/μs
FPBW
Full-Power Bandwidth
10V Peak, (Note 7)
3V Peak, (Note 7)
±15V
±5V
350
900
kHz
kHz
GBW
Gain Bandwidth Product
f = 100kHz, RL = 2k
±15V
±5V
60
55
90
88
MHz
MHz
tr, tf
Rise Time, Fall Time
AV = 1, 10% to 90%, 0.1V Step
±15V
±5V
11
12
ns
ns
OS
Overshoot
AV = 1, 0.1V Step
±15V
±5V
30
35
%
%
tPD
Propagation Delay
AV = 1, 50% VIN to 50% VOUT, 0.1V Step
±15V
±5V
9
10
ns
ns


Similar Part No. - LT1469CS8-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1469CS8-2-PBF LINER-LT1469CS8-2-PBF Datasheet
190Kb / 12P
   Dual 200MHz, 30V/關s 16-Bit Accurate AV ??2 Op Amp
LT1469CS8-2-TRPBF LINER-LT1469CS8-2-TRPBF Datasheet
190Kb / 12P
   Dual 200MHz, 30V/關s 16-Bit Accurate AV ??2 Op Amp
More results

Similar Description - LT1469CS8-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1468 LINER-LT1468_1 Datasheet
215Kb / 16P
   90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
LT1469 LINER-LT1469_15 Datasheet
2Mb / 20P
   Dual 90MHz, 22V/s 16-Bit Accurate Operational Amplifier
LT1468 LINER-LT1468_15 Datasheet
228Kb / 16P
   90MHz, 22V/s 16-Bit Accurate Operational Amplifier
LT1469 LINER-LT1469 Datasheet
179Kb / 12P
   Dual 90MHz, 22V/us 16-Bit Accurate Operational Amplifier
LT1468 LINER-LT1468_09 Datasheet
223Kb / 16P
   16-Bit Accurate Operational Amplifi er
LT1468 LINER-LT1468 Datasheet
304Kb / 12P
   90MHz, 22V/us 16-Bit Accurate Operational Amplifier
RH1814 LINER-RH1814 Datasheet
120Kb / 2P
   Dual 3mA, 100MHz, 750V/關s Operational Amplifi er
RH1814 LINER-RH1814_15 Datasheet
130Kb / 2P
   Dual 3mA, 100MHz, 750V/s Operational Amplifi er
LT1469-2 LINER-LT1469-2_15 Datasheet
201Kb / 12P
   Dual 200MHz, 30V/s 16-Bit Accurate
LT1812 LINER-LT1812_15 Datasheet
250Kb / 16P
   3mA, 100MHz, 750V/s Operational Amplifi er with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com