Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1461BCS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1461BCS8
Description  Micropower Precision Low Dropout Series Voltage Reference Family
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1461BCS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1461BCS8 Datasheet HTML 7Page - Linear Technology LT1461BCS8 Datasheet HTML 8Page - Linear Technology LT1461BCS8 Datasheet HTML 9Page - Linear Technology LT1461BCS8 Datasheet HTML 10Page - Linear Technology LT1461BCS8 Datasheet HTML 11Page - Linear Technology LT1461BCS8 Datasheet HTML 12Page - Linear Technology LT1461BCS8 Datasheet HTML 13Page - Linear Technology LT1461BCS8 Datasheet HTML 14Page - Linear Technology LT1461BCS8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1461
The most effective technique to improve PC board stress
is to cut slots in the board around the reference to serve as
a strain relief. These slots can be cut on three sides of the
reference and the leads can exit on the fourth side. This
“tongue” of PC board material can be oriented in the long
direction of the board to further reduce stress transferred
to the reference.
The results of slotting the PC boards of Figures 5a and
5b are shown in Figures 6a and 6b. In this example the
slots can improve the output shift from about 100ppm to
nearly zero.
relative output deviation is noted. The result shown in
Figure 5a is for two LT1461S8-2.5s mounted vertically and
Figure 5b is for two LT1461S8-2.5s mounted horizontally.
The parts oriented in Figure 5a impart less stress into the
package because stress is absorbed in the leads. Figures
5a and 5b show the deviation to be between 125
µV and
250
µV and implies a 50ppm and 100ppm change respec-
tively. This corresponds to a 13- to 14-bit system and is
not a problem for most 10- to 12-bit systems unless the
system has a calibration. In this case, as with temperature
hysteresis, this low level can be important and even more
careful techniques are required.
SLOT
2
1
0
0
40
30
20
FLEXURE NUMBER
10
1461 F06a
–1
Figure 6a. Same Two LT1461S8-2.5s in Figure 5a, but with Slots
SLOT
2
1
0
0
40
30
20
FLEXURE NUMBER
10
1461 F06b
–1
Figure 6b. Same Two LT1461S8-2.5s in Figure 5b, but with Slots
LONG DIMENSION
2
1
0
0
40
30
20
FLEXURE NUMBER
10
1461 F05a
–1
Figure 5a. Two Typical LT1461S8-2.5s,
Vertical Orientation Without Slots
FLEXURE NUMBER
1461 F05b
LONG DIMENSION
2
1
0
0
40
30
20
10
–1
Figure 5b. Two Typical LT1461S8-2.5s,
Horizontal Orientation Without Slots
APPLICATIO S I FOR ATIO


Similar Part No. - LT1461BCS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1461BCS8-2.5#PBF LINER-LT1461BCS8-2.5#PBF Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1461BCS8-2.5#TRPBF LINER-LT1461BCS8-2.5#TRPBF Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1461BCS8-3#PBF LINER-LT1461BCS8-3#PBF Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1461BCS8-3#TRPBF LINER-LT1461BCS8-3#TRPBF Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1461BCS8-3.3#PBF LINER-LT1461BCS8-3.3#PBF Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
More results

Similar Description - LT1461BCS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
logo
National Semiconductor ...
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI1-LM4120 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4120 NSC-LM4120_05 Datasheet
721Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
   Precision Micropower Low Dropout Voltage Reference
logo
Maxim Integrated Produc...
MAX6034 MAXIM-MAX6034 Datasheet
322Kb / 13P
   Precision, Micropower, Low-Dropout, SC70 Series Voltage Reference
Rev 0; 4/02
logo
Texas Instruments
LM4120 TI-LM4120_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM4120 Precision Micropower Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com