Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1461CCS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1461CCS8
Description  Micropower Precision Low Dropout Series Voltage Reference Family
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1461CCS8 Datasheet(HTML) 5 Page - Linear Technology

  LT1461CCS8 Datasheet HTML 1Page - Linear Technology LT1461CCS8 Datasheet HTML 2Page - Linear Technology LT1461CCS8 Datasheet HTML 3Page - Linear Technology LT1461CCS8 Datasheet HTML 4Page - Linear Technology LT1461CCS8 Datasheet HTML 5Page - Linear Technology LT1461CCS8 Datasheet HTML 6Page - Linear Technology LT1461CCS8 Datasheet HTML 7Page - Linear Technology LT1461CCS8 Datasheet HTML 8Page - Linear Technology LT1461CCS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1461
2.5V Turn-On Time
2.5V Output Impedance
vs Frequency
2.5V Turn-On Time
FREQUENCY (kHz)
0.01
1
10
100
1000
0.1
1
10
1461 G07
COUT = 2µF
COUT = 1µF
TIME (100
µs/DIV)
VIN
20
10
0
2
1
0
1461 G08
CIN = 1µF
CL = 2µF
RL =
VOUT
TIME (100
µs/DIV)
VIN
20
10
0
2
1
0
1461 G09
CIN = 1µF
CL = 2µF
RL = 50Ω
VOUT
TYPICAL PERFOR A CE CHARACTERISTICS Characteristic curves are similar for most LT1461s.
Curves from the LT1461-2.5 and the LT1461-5 represent the extremes of the voltage options. Characteristic curves for other output
voltages fall between these curves and can be estimated based on their output.
2.5V Transient Response to 10mA
Load Step
IOUT
0mA
10mA/DIV
VOUT
50mV/DIV
1461 G10
2.5V Line Transient Response
5V
VIN
VOUT
50mV/DIV
1461 G11
CIN = 0.1µF
2.5V Output Noise
0.1Hz
≤ f ≤ 10Hz
CL = 2µF
TIME (2SEC/DIV)
1461 G12
4V


Similar Part No. - LT1461CCS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1461CCS8-2.5#PBF LINER-LT1461CCS8-2.5#PBF Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1461CCS8-2.5#TRPBF LINER-LT1461CCS8-2.5#TRPBF Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1461CCS8-3#PBF LINER-LT1461CCS8-3#PBF Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1461CCS8-3#TRPBF LINER-LT1461CCS8-3#TRPBF Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1461CCS8-3.3#PBF LINER-LT1461CCS8-3.3#PBF Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
More results

Similar Description - LT1461CCS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
logo
National Semiconductor ...
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI1-LM4120 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4120 NSC-LM4120_05 Datasheet
721Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
   Precision Micropower Low Dropout Voltage Reference
logo
Maxim Integrated Produc...
MAX6034 MAXIM-MAX6034 Datasheet
322Kb / 13P
   Precision, Micropower, Low-Dropout, SC70 Series Voltage Reference
Rev 0; 4/02
logo
Texas Instruments
LM4120 TI-LM4120_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM4120 Precision Micropower Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com