Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1469IS8-TR Datasheet(PDF) 11 Page - Linear Technology

Part # LT1469IS8-TR
Description  Dual 90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1469IS8-TR Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1469IS8-TR Datasheet HTML 7Page - Linear Technology LT1469IS8-TR Datasheet HTML 8Page - Linear Technology LT1469IS8-TR Datasheet HTML 9Page - Linear Technology LT1469IS8-TR Datasheet HTML 10Page - Linear Technology LT1469IS8-TR Datasheet HTML 11Page - Linear Technology LT1469IS8-TR Datasheet HTML 12Page - Linear Technology LT1469IS8-TR Datasheet HTML 13Page - Linear Technology LT1469IS8-TR Datasheet HTML 14Page - Linear Technology LT1469IS8-TR Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT1469
11
1469fa
TYPICAL PERFORMANCE CHARACTERISTICS
Small-Signal Transient, AV = 1
Small-Signal Transient, AV = – 1
Large-Signal Transient, AV = 1
Large-Signal Transient, AV = – 1
Layout and Passive Components
The LT1469 requires attention to detail in board layout
in order to maximize DC and AC performance. For best
AC results (for example, fast settling time) use a ground
plane, short lead lengths and RF quality bypass capacitors
(0.01μF to 0.1μF) in parallel with low ESR bypass capaci-
tors (1μF to 10μF tantalum). For best DC performance, use
“star” grounding techniques, equalize input trace lengths
and minimize leakage (e.g., 1.5GΩ of leakage between an
input and a 15V supply will generate 10nA—equal to the
maximum IB– specification).
Board leakage can be minimized by encircling the input
circuitry with a guard ring operated at a potential close
to that of the inputs: for inverting configurations tie the
ring to ground, in noninverting connections tie the ring
to the inverting input (note the input capacitance will
increase which may require a compensating capacitor as
discussed below).
Microvolt level error voltages can also be generated in
the external circuitry. Thermocouple effects caused by
temperature gradients across dissimilar metals at the
contacts to the inputs can exceed the inherent drift of
APPLICATIONS INFORMATION
VS = ±15V
1469 G37
VS = ±15V
1469 G38
VS = ±15V
1469 G39
VS = ±15V
1469 G40


Similar Part No. - LT1469IS8-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1469IS8-2-PBF LINER-LT1469IS8-2-PBF Datasheet
190Kb / 12P
   Dual 200MHz, 30V/關s 16-Bit Accurate AV ??2 Op Amp
LT1469IS8-2-TRPBF LINER-LT1469IS8-2-TRPBF Datasheet
190Kb / 12P
   Dual 200MHz, 30V/關s 16-Bit Accurate AV ??2 Op Amp
More results

Similar Description - LT1469IS8-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1468 LINER-LT1468_1 Datasheet
215Kb / 16P
   90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
LT1469 LINER-LT1469_15 Datasheet
2Mb / 20P
   Dual 90MHz, 22V/s 16-Bit Accurate Operational Amplifier
LT1468 LINER-LT1468_15 Datasheet
228Kb / 16P
   90MHz, 22V/s 16-Bit Accurate Operational Amplifier
LT1469 LINER-LT1469 Datasheet
179Kb / 12P
   Dual 90MHz, 22V/us 16-Bit Accurate Operational Amplifier
LT1468 LINER-LT1468_09 Datasheet
223Kb / 16P
   16-Bit Accurate Operational Amplifi er
LT1468 LINER-LT1468 Datasheet
304Kb / 12P
   90MHz, 22V/us 16-Bit Accurate Operational Amplifier
RH1814 LINER-RH1814 Datasheet
120Kb / 2P
   Dual 3mA, 100MHz, 750V/關s Operational Amplifi er
RH1814 LINER-RH1814_15 Datasheet
130Kb / 2P
   Dual 3mA, 100MHz, 750V/s Operational Amplifi er
LT1469-2 LINER-LT1469-2_15 Datasheet
201Kb / 12P
   Dual 200MHz, 30V/s 16-Bit Accurate
LT1812 LINER-LT1812_15 Datasheet
250Kb / 16P
   3mA, 100MHz, 750V/s Operational Amplifi er with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com