Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1469IDF-2-TRPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LT1469IDF-2-TRPBF
Description  Dual 200MHz, 30V/關s 16-Bit Accurate AV ??2 Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1469IDF-2-TRPBF Datasheet(HTML) 1 Page - Linear Technology

  LT1469IDF-2-TRPBF Datasheet HTML 1Page - Linear Technology LT1469IDF-2-TRPBF Datasheet HTML 2Page - Linear Technology LT1469IDF-2-TRPBF Datasheet HTML 3Page - Linear Technology LT1469IDF-2-TRPBF Datasheet HTML 4Page - Linear Technology LT1469IDF-2-TRPBF Datasheet HTML 5Page - Linear Technology LT1469IDF-2-TRPBF Datasheet HTML 6Page - Linear Technology LT1469IDF-2-TRPBF Datasheet HTML 7Page - Linear Technology LT1469IDF-2-TRPBF Datasheet HTML 8Page - Linear Technology LT1469IDF-2-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LT1469-2
1
14692f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Dual 200MHz, 30V/µs
16-Bit Accurate AV ≥ 2 Op Amp
The LT®1469-2 is a dual, precision high speed opera-
tional amplifier with 16-bit accuracy, decompensated to
be stable in a gain of 2 or greater. The combination of
precision and AC performance makes the LT1469-2 the
optimum choice for high accuracy applications such as
DAC current-to-voltage conversion and ADC buffers. The
initial accuracy and drift characteristics of the input offset
voltage and inverting input bias current are tailored for
inverting applications.
The 200MHz gain bandwidth ensures high open-loop gain
at frequency for reducing distortion. In noninverting ap-
plications such as an ADC buffer, the low distortion and
DC accuracy allow full 16-bit AC and DC performance.
The high slew rate of the LT1469-2 improves large-signal
performance in applications such as active filters and
instrumentation amplifiers compared to other precision
op amps.
The LT1469-2 is specified on power supply voltages of
±5V and ±15V and from –40°C to 85°C. It is available in
an 8-lead SOIC package and a space saving 4mm × 4mm
leadless package. For a unity-gain stable op amp with same
DC performance, see the LT1469 datasheet.
n Stable in Gain AV ≥ 2 (AV = –1)
n 200MHz Gain Bandwidth Product
n 30V/μs Slew Rate
n Settling Time: 800ns (150μV, 10V Step)
n Specified at ±5V and ±15V Supplies
n Maximum Input Offset Voltage: 125μV
n Low Distortion: –96.5dB for 100kHz, 10VP-P
n Maximum Input Offset Voltage Drift: 3μV/°C
n Maximum Inverting Input Bias Current: 10nA
n Minimum DC Gain: 300V/mV
n Minimum Output Swing into 2k: ±12.8V
n Input Noise Voltage: 5nV/√Hz
n Input Noise Current: 0.6pA/√Hz
n Total Input Noise Optimized for 1kΩ < RS < 20kΩ
n Available in 8-Lead Plastic SO and
12-Lead (4mm × 4mm) DFN Packages
n Precision Instrumentation
n High Accuracy Data Acquisition Systems
n 16-Bit DAC Current-to-Voltage Converter
n ADC Buffer
n Low Distortion Active Filters
n Photodiode Amplifiers
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
16-Bit DAC I-to-V Converter
Large-Signal Transient, AV = –1
20pF
6k
LTC
®1597
1/2
LT1469-2
16
DAC
INPUTS
+
OFFSET: VOS + IB (6kΩ) < 1LSB
SETTLING TIME TO 150μV = 1.6μs
SETTLING LIMITED BY 6k AND 20pF TO COMPENSATE DAC OUTPUT CAPACITANCE
VOUT
2k
50pF
OPTIONAL NOISE FILTER
14692 TA01a
200ns/DIV
10V
14692 TA02
0V
VS = ±15V
AV = –1
RF = RG = 2k
CF = 22pF
2V/DIV


Similar Part No. - LT1469IDF-2-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1469IDF-PBF LINER-LT1469IDF-PBF Datasheet
238Kb / 20P
   Dual 90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
LT1469IDF-TRPBF LINER-LT1469IDF-TRPBF Datasheet
238Kb / 20P
   Dual 90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
More results

Similar Description - LT1469IDF-2-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1468-2 LINER-LT1468-2 Datasheet
187Kb / 12P
   200MHz, 30V/關s 16-Bit Accurate AV ??2 Op Amp
LT1469-2 LINER-LT1469-2_15 Datasheet
201Kb / 12P
   Dual 200MHz, 30V/s 16-Bit Accurate
LT1468-2 LINER-LT1468-2_15 Datasheet
260Kb / 14P
   200MHz, 30V/s 16-Bit Accurate
LT1469 LINER-LT1469_1 Datasheet
238Kb / 20P
   Dual 90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
logo
Maxim Integrated Produc...
MAX4430 MAXIM-MAX4430 Datasheet
748Kb / 12P
   Dual-Supply, 180MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 0; 7/00
logo
Linear Technology
LT1468 LINER-LT1468_1 Datasheet
215Kb / 16P
   90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
LT1469 LINER-LT1469_15 Datasheet
2Mb / 20P
   Dual 90MHz, 22V/s 16-Bit Accurate Operational Amplifier
logo
Micrel Semiconductor
MIC912 MICREL-MIC912_07 Datasheet
1Mb / 12P
   200MHz Low-Power SOT23-5 Op Amp
logo
Linear Technology
LT6274 LINER-LT6274 Datasheet
1Mb / 20P
   90MHz, 2200V/關s 30V Low Power Op Amps
LT1468 LINER-LT1468_15 Datasheet
228Kb / 16P
   90MHz, 22V/s 16-Bit Accurate Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com