Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1490A Datasheet(PDF) 8 Page - Linear Technology

Part # LT1490A
Description  Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1490A Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1490A Datasheet HTML 4Page - Linear Technology LT1490A Datasheet HTML 5Page - Linear Technology LT1490A Datasheet HTML 6Page - Linear Technology LT1490A Datasheet HTML 7Page - Linear Technology LT1490A Datasheet HTML 8Page - Linear Technology LT1490A Datasheet HTML 9Page - Linear Technology LT1490A Datasheet HTML 10Page - Linear Technology LT1490A Datasheet HTML 11Page - Linear Technology LT1490A Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1490A/LT1491A
sn1490, 14901afbs
FREQUENCY (kHz)
1
10
20
30
40
50
10
100
1000
1490A G10
0
–10
–20
–30
60
70
–20
0
20
40
60
–40
–60
–80
–100
80
100
VS = ±2.5V
PHASE
GAIN
Gain and Phase Shift
vs Frequency
Slew Rate vs Temperature
Gain Bandwidth Product
vs Temperature
Gain Bandwidth Product and
Phase Margin vs Supply Voltage
PSRR vs Frequency
Gain Bandwidth Product and
Phase Margin vs Load Resistance
CMRR vs Frequency
Channel Separation vs Frequency
Output Impedance vs Frequency
TEMPERATURE (
°C)
–50
0
50
75
1490A G12
0.04
0.06
0.10
0.12
0.08
–25
25
100
125
RISING, VS = ±15V
RISING, VS = ±1.5V
FALLING, VS = ±1.5V
FALLING, VS = ±15V
TOTAL SUPPLY VOLTAGE (V)
0
150
160
180
190
200
250
220
10
20
25
45
1490A G13
170
230
240
210
10
30
60
20
50
40
515
30
35
40
RL = 10k
f = 1kHz
PHASE MARGIN
GAIN BANDWIDTH
FREQUENCY (kHz)
1
10
120
100
80
60
40
20
100
1490A G14
VS = ±15V
VS = ±1.5V
FREQUENCY (kHz)
1
–20
0
20
40
60
10
100
1490A G15
–10
10
30
50
70
80
VS = ±2.5V
POSITIVE SUPPLY
NEGATIVE SUPPLY
LOAD RESISTANCE (k
Ω)
1
50
100
150
200
250
350
10
100
1490A G16
300
20
30
40
50
60
80
70
VS = ±2.5V
AV = –1
RF = RG = 100k
f = 1kHz
PHASE MARGIN
GAIN BANDWIDTH
FREQUENCY (kHz)
0.1
90
100
110
120
130
1
10
100
1490A G17
80
70
50
40
60
VS = ±15V
FREQUENCY (kHz)
0.1
100
1k
10k
1
10
100
1490A G18
10
1
0.1
VS = ±2.5V
AV = 100
AV = 10
AV = 1
TEMPERATURE (
°C)
–50
120
140
160
260
200
0
50
75
1490A G11
100
220
240
180
–25
25
100
125
VS = ±15V
VS = ±1.5V
f = 1kHz
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LT1490A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1490A LINER-LT1490A Datasheet
201Kb / 12P
   Dual Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1490A LINER-LT1490A Datasheet
860Kb / 22P
   Dual/Quad 3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amp
LT1490A LINER-LT1490A Datasheet
234Kb / 18P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1490A LINER-LT1490A Datasheet
1,014Kb / 22P
   3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amps
LT1490A LINER-LT1490A Datasheet
770Kb / 22P
   Dual Micropower, 1.4V/關s Precision Rail-to-Rail Output Amplifier
More results

Similar Description - LT1490A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1490A LINER-LT1490A_15 Datasheet
234Kb / 18P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1491A LINER-LT1491A_15 Datasheet
234Kb / 18P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1674 LINER-LT1674_15 Datasheet
220Kb / 12P
   Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1673 LINER-LT1673_15 Datasheet
220Kb / 12P
   Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1672 LINER-LT1672_15 Datasheet
220Kb / 12P
   Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1490A LINER-LT1490A Datasheet
201Kb / 12P
   Dual Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1636 LINER-LT1636 Datasheet
136Kb / 12P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1636 LINER-LT1636_15 Datasheet
398Kb / 16P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1636 LINER-LT1636_1 Datasheet
393Kb / 16P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1639 LINER-LT1639_15 Datasheet
262Kb / 18P
   1.2MHz, 0.4V/s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com