Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1490ACMS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1490ACMS8
Description  Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1490ACMS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1490ACMS8 Datasheet HTML 2Page - Linear Technology LT1490ACMS8 Datasheet HTML 3Page - Linear Technology LT1490ACMS8 Datasheet HTML 4Page - Linear Technology LT1490ACMS8 Datasheet HTML 5Page - Linear Technology LT1490ACMS8 Datasheet HTML 6Page - Linear Technology LT1490ACMS8 Datasheet HTML 7Page - Linear Technology LT1490ACMS8 Datasheet HTML 8Page - Linear Technology LT1490ACMS8 Datasheet HTML 9Page - Linear Technology LT1490ACMS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1490A/LT1491A
sn1490, 14901afbs
LT1490AH/LT1491AH
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IS
Supply Current per Amplifier (Note 7)
40
50
µA
70
µA
GBW
Gain Bandwidth Product (Note 6)
f = 1kHz
110
180
kHz
60
kHz
SR
Slew Rate (Note 8)
AV = – 1, RL = ∞
0.035
0.06
V/
µs
0.015
V/
µs
VOS
Input Offset Voltage (Note 5)
LT1490AHS8
150
700
µV
2700
µV
LT1490AHMS8, LT1491AHS
250
1200
µV
3200
µV
Input Offset Voltage Drift (Note 9)
37
µV/°C
IOS
Input Offset Current
2nA
IB
Input Bias Current
20
nA
Input Voltage Range
–14.7
29
V
CMRR
Common Mode Rejection Ratio
VCM = –14.7V to 29V
72
dB
AVOL
Large-Signal Voltage Gain
VO = ±14V, RL = 10k
100
250
V/mV
4V/mV
VO
Output Voltage Swing
No Load
±14.8
mV
IOUT = ±2.5mA
±14.3
mV
PSRR
Power Supply Rejection Ratio
VS = ±1.25V to ±22V
84
dB
IS
Supply Current per Amplifier
50
70
µA
95
µA
GBW
Gain Bandwidth Product
f = 1kHz
125
200
kHz
75
kHz
SR
Slew Rate
AV = – 1, RL = ∞
0.0375
0.07
V/
µs
0.02
V/
µs
ELECTRICAL CHARACTERISTICS The denotes specifications which apply over the full operating temperature
range of – 40
°C ≤ TA ≤ 125°C. VS = ±15V, VCM = 0V, VOUT = 0V unless otherwise noted. (Note 4)
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: A heat sink may be required to keep the junction temperature
below absolute maximum. This depends on the power supply voltage and
how many amplifiers are shorted. The
θJA specified for the DD and DHC
package is with minimal PCB heat spreading metal. Using expanded metal
area on all layers of a board reduces this value.
Note 3: The LT1490AC/LT1491AC and LT1490AI/LT1491AI are guaranteed
functional over the operating temperature range of – 40
°C to 85°C. The
LT1490AH/LT1491AH are guaranteed functional over the operating
temperature range of – 40
°C to 125°C.
Note 4: The LT1490AC/LT1491AC are guaranteed to meet specified
performance from 0
°C to 70°C. The LT1490AC/LT1491AC are designed,
characterized and expected to meet specified performance from – 40
°C to
85
°C but are not tested or QA sampled at these temperatures. The
LT1490AI/LT1491AI are guaranteed to meet specified performance from
–40
°C to 85°C. The LT1490AH/LT1491AH are guaranteed to meet
specified performance from – 40
°C to 125°C.
Note 5: ESD (Electrostatic Discharge) sensitive device. Extensive use of
ESD protection devices are used internal to the LT1490A/LT1491A.
However, high electrostatic discharge can damage or degrade the device.
Use proper ESD handling precautions.
Note 6: VS = 5V limits are guaranteed by correlation to VS = 3V and
VS = ±15V tests.
Note 7: VS = 3V limits are guaranteed by correlation to VS = 5V and
VS = ±15V tests.
Note 8: Guaranteed by correlation to slew rate at VS = ±15V and GBW
at VS = 3V and VS = ±15V tests.
Note 9: This parameter is not 100% tested.


Similar Part No. - LT1490ACMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1490ACMS8 LINER-LT1490ACMS8 Datasheet
201Kb / 12P
   Dual Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
More results

Similar Description - LT1490ACMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1490A LINER-LT1490A_15 Datasheet
234Kb / 18P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1491A LINER-LT1491A_15 Datasheet
234Kb / 18P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1674 LINER-LT1674_15 Datasheet
220Kb / 12P
   Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1673 LINER-LT1673_15 Datasheet
220Kb / 12P
   Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1672 LINER-LT1672_15 Datasheet
220Kb / 12P
   Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1490A LINER-LT1490A Datasheet
201Kb / 12P
   Dual Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1636 LINER-LT1636 Datasheet
136Kb / 12P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1636 LINER-LT1636_15 Datasheet
398Kb / 16P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1636 LINER-LT1636_1 Datasheet
393Kb / 16P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1639 LINER-LT1639_15 Datasheet
262Kb / 18P
   1.2MHz, 0.4V/s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com