Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWT803-S Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # AWT803-S
Description  surface-mount LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

AWT803-S Datasheet(HTML) 4 Page - Seoul Semiconductor

  AWT803-S Datasheet HTML 1Page - Seoul Semiconductor AWT803-S Datasheet HTML 2Page - Seoul Semiconductor AWT803-S Datasheet HTML 3Page - Seoul Semiconductor AWT803-S Datasheet HTML 4Page - Seoul Semiconductor AWT803-S Datasheet HTML 5Page - Seoul Semiconductor AWT803-S Datasheet HTML 6Page - Seoul Semiconductor AWT803-S Datasheet HTML 7Page - Seoul Semiconductor AWT803-S Datasheet HTML 8Page - Seoul Semiconductor AWT803-S Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Rev. 01
Rev. 01
April 2008
April 2008
www.ZLED.com
www.ZLED.com
2. Absolute maximum ratings*1
ºC
-40 ~ +100
T
stg
Storage Temperature
ºC
-40 ~ +100
T
opr
Operating Temperature
V
5
V
R
Reverse Voltage
mA
90
I
FM
*2
Peak Forward Current
mA
30
I
F
Forward Current
mW
111
P
d
Power Dissipation
Unit
Value
Symbol
Parameter
*1 Care is to be taken that power dissipation does not exceed the absolute maximum rating of the product.
*2 I
FM was measured at TW ≤ 1msec of pulse width and D ≤ 1/10 of duty ratio.
3. Electro-Optical characteristics
deg.
-
115
-
I
F =20mA
2
θ
½
Viewing Angle *2
KV
-
-
1
1.5kΩ ;
100pF
ESD ( HBM )
mcd
2,100
1,500
1,100
I
F =20mA
I
V
Luminous Intensity*1
µA
10
-
-
V
R=5V
I
R
Reverse Current
V
3.7
3.3
2.7
I
F =20mA
V
F
Forward Voltage
Unit
Max
Typ
Min
Condition
Symbol
Parameter
*1. The luminous intensity IV was measured at the peak of the spatial pattern which may not be aligned with the mechanical
axis of the LED package. Luminous Intensity Measurement allowance is ±10%
*2. 2
θ½ is the off-axis where the luminous intensity is 1/2 of the peak intensity.
[Note] All measurements were made under the standardized environment of SSC.


Similar Part No. - AWT803-S

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
AWT801-S SEOUL-AWT801-S Datasheet
651Kb / 16P
   surface-mount LED
More results

Similar Description - AWT803-S

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
SMD22 VCC-SMD22 Datasheet
23Kb / 1P
   SURFACE MOUNT LED MOUNT
logo
Marktech Corporate
TLGE1005B MARKTECH-TLGE1005B Datasheet
81Kb / 3P
   Surface Mount LED
TLPGE1005B MARKTECH-TLPGE1005B Datasheet
80Kb / 3P
   Surface Mount LED
logo
Dialight Corporation
597-3XX1-1XX DIALIGHT-597-3XX1-1XX Datasheet
21Kb / 1P
   Surface Mount LED
597-3XX1-2XX DIALIGHT-597-3XX1-2XX Datasheet
28Kb / 2P
   Surface Mount LED
logo
Visual Communications C...
CMDA2 VCC-CMDA2 Datasheet
571Kb / 1P
   Surface Mount LED
logo
Seoul Semiconductor
KWT803-S SEOUL-KWT803-S Datasheet
649Kb / 14P
   surface-mount LED
MWT801-S SEOUL-MWT801-S Datasheet
318Kb / 13P
   surface-mount LED
USBT801 SEOUL-USBT801 Datasheet
490Kb / 12P
   surface-mount LED
AWT801-S SEOUL-AWT801-S Datasheet
651Kb / 16P
   surface-mount LED
CFT732-S SEOUL-CFT732-S Datasheet
924Kb / 22P
   surface-mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com