Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TV604-019.2M Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part # TV604-019.2M
Description  Telecom Performance TCXO / VCTCXO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

TV604-019.2M Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  TV604-019.2M Datasheet HTML 1Page - Connor-Winfield Corporation TV604-019.2M Datasheet HTML 2Page - Connor-Winfield Corporation TV604-019.2M Datasheet HTML 3Page - Connor-Winfield Corporation TV604-019.2M Datasheet HTML 4Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630-851-4722
Fax: 630-851-5040
www.conwin.com
TCXO
VCTCXO
3.3V Operation
LVCMOS Output
Clipped Sinewave Output
Frequency Stability:
TV50x/TV60xSeries+/-0.28ppm
TV51x/TV61x-Series+/-0.50ppm
TV52x/TV62x-Series+/-1.00ppm
Temperature Range:
TV5xx-Series 0 to 70°C
TV6xx-Series -40 to 85°C
Low Jitter <1pS RMS
Surface Mount Package
Tape and Reel Packing
RoHS Compliant / Lead Free
Recommended for New Designs
Matches Vectron’s VTC1-Series
Footprint
Specifications subject to change without notice. All dimensions in inches.
© Copyright 2008 The Connor-Winfield Corporation
LVCMOS Test Circuit
Features
Absolute Maximum Ratings
Table 2.0
Parameter
Minimum
Nominal
Maximum
Units
Notes
Storage Temperature
-55
-
125
°C
Supply Voltage (Vcc)
-0.5
-
6.0
Vdc
Input Voltage (Vcc)
-0.5
-
Vcc+0.6
Vdc
Model Specifications
US Headquarters:
630-851-4722
European Headquarters:
+353-61-472221
Bulletin
Page
Revision
Date
Tx215
2of4
01
25 Aug 2008
TV504
0808
19.2MHZ
Clipped Sinewave Test Circuit
4
1
2
3
N/C - TCXO
VC- VCTCXO
DNC DNC DNC
DNC DNC
Output
15 pF
Vcc
Supply
Voltage
.01 uF
Bypass
DNC
10 pF
10Kohm
4
1
2
3
N/C - TCXO
VC- VCTCXO
DNC DNC DNC
DNC DNC
Output
Vcc
Supply
Voltage
.01 uF
Bypass
DNC
Table 3.0
Model Number
TV502
TV503
TV504
TV505
Notes
Output Type
LVCMOS
Clipped Sinewave
LVCMOS
Clipped Sinewave
TCXO / VCTCXO
TCXO
TCXO
VCTCXO
VCTCXO
Frequency Range
6.4 to 40 MHz
Frequency Stability
±0.28ppm
1
Supply Voltage
3.3Vdc
Temperature Range
0 to 70°C
Holdover Stability
±0.32ppm
2
Table 4.0
Model Number
TV602
TV603
TV604
TV605
Notes
Output Type
LVCMOS
Clipped Sinewave
LVCMOS
Clipped Sinewave
TCXO / VCTCXO
TCXO
TCXO
VCTCXO
VCTCXO
Frequency Range
6.4 to 40 MHz
Frequency Stability
±0.28ppm
1
Supply Voltage
3.3Vdc
Temperature Range
-40 to 85°C
Holdover Stability
±0.32ppm
2
Table 5.0
Model Number
TV512
TV513
TV514
TV515
Notes
Output Type
LVCMOS
Clipped Sinewave
LVCMOS
Clipped Sinewave
TCXO / VCTCXO
TCXO
TCXO
VCTCXO
VCTCXO
Frequency Range
6.4 to 40 MHz
Frequency Stability
±0.50ppm
1
Supply Voltage
3.3Vdc
Temperature Range
0 to 70°C
Table 6.0
Model Number
TV612
TV613
TV614
TV615
Notes
Output Type
LVCMOS
Clipped Sinewave
LVCMOS
Clipped Sinewave
TCXO / VCTCXO
TCXO
TCXO
VCTCXO
VCTCXO
Frequency Range
6.4 to 40 MHz
Frequency Stability
±0.50ppm
1
Supply Voltage
3.3Vdc
Temperature Range
-40 to 85°C
Table 7.0
Model Number
TV522
TV523
TV524
TV525
Notes
Output Type
LVCMOS
Clipped Sinewave
LVCMOS
Clipped Sinewave
TCXO / VCTCXO
TCXO
TCXO
VCTCXO
VCTCXO
FrequencyRange
6.4to52MHz
Frequency Stability
±1.00ppm
1
Supply Voltage
3.3Vdc
Temperature Range
0 to 70°C
Table 8.0
Model Number
TV622
TV623
TV624
TV625
Notes
Output Type
LVCMOS
Clipped Sinewave
LVCMOS
Clipped Sinewave
TCXO / VCTCXO
TCXO
TCXO
VCTCXO
VCTCXO
FrequencyRange
6.4to52MHz
Frequency Stability
±1.00ppm
1
Supply Voltage
3.3Vdc
Temperature Range
-40 to 85°C
Notes:
1) Frequency stability vs. change in temperature. [±(Fmax – Fmin)/2.Fo].
2) Inclusive of frequency stability, supply voltage change (±1%), aging, for 24 hours.


Similar Part No. - TV604-019.2M

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
TV600GB-2K YHDC-TV600GB-2K Datasheet
5Mb / 1P
   Voltage type voltage transformer
TV600GB-3K YHDC-TV600GB-3K Datasheet
5Mb / 1P
   Voltage type voltage transformer
TV600GB-4K YHDC-TV600GB-4K Datasheet
5Mb / 1P
   Voltage type voltage transformer
TV600GB-5K YHDC-TV600GB-5K Datasheet
5Mb / 1P
   Voltage type voltage transformer
TV600GB-6K YHDC-TV600GB-6K Datasheet
5Mb / 1P
   Voltage type voltage transformer
More results

Similar Description - TV604-019.2M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
T504-019.44M CONNOR-WINFIELD-T504-019.44M Datasheet
203Kb / 4P
   Telecom Performance TCXO / VCTCXO
T604-020M CONNOR-WINFIELD-T604-020M Datasheet
1Mb / 6P
   Telecom Performance 5x7mm TCXO / VCTCXO T / TV Series
T602-030M CONNOR-WINFIELD-T602-030M Datasheet
1Mb / 6P
   Telecom Performance 5x7mm TCXO / VCTCXO T / TV Series
logo
Abracon Corporation
ASGTX ABRACON-ASGTX Datasheet
5Mb / 10P
   Configurable High Performance SMD TCXO/VCTCXO
10.16.14
logo
Connor-Winfield Corpora...
TA5C-020.0M CONNOR-WINFIELD-TA5C-020.0M Datasheet
192Kb / 4P
   High Precision TCXO / VCTCXO
logo
Fox Electronics
T3HN FOX-T3HN Datasheet
187Kb / 2P
   3.2x2.5mm HCMOS TCXO/VCTCXO
logo
Connor-Winfield Corpora...
TF5B-019.2M CONNOR-WINFIELD-TF5B-019.2M Datasheet
205Kb / 2P
   Ultra Precise TCXO/VCTCXO
TFLD5C-010.0M CONNOR-WINFIELD-TFLD5C-010.0M Datasheet
198Kb / 4P
   High Precision TCXO / VCTCXO
logo
Fox Electronics
FOX307H FOX-FOX307H Datasheet
71Kb / 1P
   3.0V SMD TCXO/VCTCXO
logo
Advanced Crystal Techno...
STE01 ACT-STE01_13 Datasheet
360Kb / 3P
   HCMOS / TTL TCXO/ VCTCXO
09/10/2013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com