Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TV524-019.2M Datasheet(PDF) 3 Page - Connor-Winfield Corporation

Part # TV524-019.2M
Description  Telecom Performance TCXO / VCTCXO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

TV524-019.2M Datasheet(HTML) 3 Page - Connor-Winfield Corporation

  TV524-019.2M Datasheet HTML 1Page - Connor-Winfield Corporation TV524-019.2M Datasheet HTML 2Page - Connor-Winfield Corporation TV524-019.2M Datasheet HTML 3Page - Connor-Winfield Corporation TV524-019.2M Datasheet HTML 4Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630-851-4722
Fax: 630-851-5040
www.conwin.com
Electrical Specifications for all Models
Specifications subject to change without notice. All dimensions in inches.
© Copyright 2008 The Connor-Winfield Corporation
US Headquarters:
630-851-4722
European Headquarters:
+353-61-472221
Bulletin
Page
Revision
Date
Tx215
3of4
01
25 Aug 2008
LVCMOS Test Circuit
TV504
0808
19.2MHZ
Clipped Sinewave Test Circuit
4
1
2
3
N/C - TCXO
VC- VCTCXO
DNC DNC DNC
DNC DNC
Output
15 pF
Vcc
Supply
Voltage
.01 uF
Bypass
DNC
10 pF
10Kohm
4
1
2
3
N/C - TCXO
VC- VCTCXO
DNC DNC DNC
DNC DNC
Output
Vcc
Supply
Voltage
.01 uF
Bypass
DNC
TCXO
VCTCXO
3.3V Operation
LVCMOS Output
Clipped Sinewave Output
Frequency Stability:
TV50x/TV60xSeries+/-0.28ppm
TV51x/TV61x-Series+/-0.50ppm
TV52x/TV62x-Series+/-1.00ppm
Temperature Range:
TV5xx-Series 0 to 70°C
TV6xx-Series -40 to 85°C
Low Jitter <1pS RMS
Surface Mount Package
Tape and Reel Packing
RoHS Compliant / Lead Free
Recommended for New Designs
Matches Vectron’s VTC1-Series
Footprint
Features
Notes:
1) TCXO: Initial calibration @ 25 C. Specifications at time of shipment after 48
hours of operation.
2) Frequency change after reciprocal temperature ramped over the operating
range. Frequency measured before and after at 25°C.
3) Inclusive of calibration @ 25 C, frequency vs. change in temperature, change in
supply voltage (±5%), load change (±5%), reflow soldering process and 20
years aging.
4) For best in application performance, careful selection of an external power
source is critical. Select an external regulator that meets or exceeds to following
specifications regarding voltage regulation tolerance, initial accuracy,
temperature coefficient, voltage noise, and low voltage noise density.
Factory Test Conditions: Initial Accuracy ±2mv, Noise (0.1Hz to 10 KHz) 15uV
p-p, Voltage Noise Density = 50nV/? Hz, Temperature Coefficient < 5ppmºC.
5) Additional pull ranges are available; please contact the factory for additional
information.
6) Output is AC coupled.
Operating Specifications
Table 9.0
Parameter
Minimum
Nominal
Maximum
Units
Notes
TCXO Frequency Calibration @ 25 C
-1.00
-
1.00
ppm
1
Supply Voltage Variation. (Vcc±5%)
-0.2
-
0.2
ppm
Load Coefficient, ±5pF
-0.2
-
0.2
ppm
Static Temperature Hysteresis
-0.4
-
0.4
ppm
2
Total Frequency Tolerance
-4.60
-
4.60
ppm
3
Supply Voltage
(Vcc)
3.135
3.3
3.465
Vdc
4
Supply Current
(Icc)
-
6
10
mA
Period Jitter
-
3
5
ps rms
Integrated Phase Jitter (BW=12kHz to 20MHz)
-
0.3
1.0
ps rms
SSB Phase Noise at 10Hz offset
-
-80
-70
dBc/Hz
SSB Phase Noise at 100Hz offset
-
-110
-100
dBc/Hz
SSB Phase Noise at 1KHz offset
-
-135
-130
dBc/Hz
SSB Phase Noise at >10KHz offset
-
-150
-145
dBc/Hz
SSB Phase Noise at >100KHz offset
-
-150
-150
dBc/Hz
Start Up Time
-
-
10
ms
Input Characteristics For Voltage Control (Pad 1)
Table 10.0
Parameter
Minimum
Nominal
Maximum
Units
Notes
Control Voltage Range (Vcc = 3.3V)
(Vc)
0.3
1.65
3.0
Vdc
Frequency Tuning
±10
-
-
ppm
5
Linearity
±5
-
-
%
Slope
Positive
LVCMOS Output Characteristics
Table 11.0
Parameter
Minimum
Nominal
Maximum
Units
Notes
LOAD
-
-
15
pF
Voltage
(High)
(Voh)
90%Vcc
-
-
Vdc
(Low)
(Vol)
-
-
10%Vcc
Vdc
Current
(High)
(Ioh)
-4
-
-
mA
(Low)
(Iol)
-
-
4
mA
Duty Cycle at 50% of Vcc
455055
%
Rise / Fall Time 10% to 90%
-
-
8
ns
Clipped Sinewave Output Characteristics
Table 12.0
Parameter
Minimum
Nominal
Maximum
Units
Notes
Load
-
-
6
Output Load Resistance
-
10K
-
Ohms
Output Load Capacitance
-
10
-
pF
Output Voltage (< 40 MHz)
1.00
-
-
V pk-pk
Output Voltage (> 40 MHz)
0.80
-
-
V pk-pk


Similar Part No. - TV524-019.2M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TV5 ETC-TV5 Datasheet
114Kb / 1P
   TO-220 HEAT SINKS
logo
Comchip Technology
TV50C101J-G COMCHIP-TV50C101J-G Datasheet
125Kb / 6P
   SMD Transient Voltage Suppressor
TV50C101J-HF COMCHIP-TV50C101J-HF Datasheet
125Kb / 6P
   SMD Transient Voltage Suppressor
TV50C101JB-G COMCHIP-TV50C101JB-G Datasheet
125Kb / 6P
   SMD Transient Voltage Suppressor
TV50C101JB-HF COMCHIP-TV50C101JB-HF Datasheet
125Kb / 6P
   SMD Transient Voltage Suppressor
More results

Similar Description - TV524-019.2M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
T504-019.44M CONNOR-WINFIELD-T504-019.44M Datasheet
203Kb / 4P
   Telecom Performance TCXO / VCTCXO
T604-020M CONNOR-WINFIELD-T604-020M Datasheet
1Mb / 6P
   Telecom Performance 5x7mm TCXO / VCTCXO T / TV Series
T602-030M CONNOR-WINFIELD-T602-030M Datasheet
1Mb / 6P
   Telecom Performance 5x7mm TCXO / VCTCXO T / TV Series
logo
Abracon Corporation
ASGTX ABRACON-ASGTX Datasheet
5Mb / 10P
   Configurable High Performance SMD TCXO/VCTCXO
10.16.14
logo
Connor-Winfield Corpora...
TA5C-020.0M CONNOR-WINFIELD-TA5C-020.0M Datasheet
192Kb / 4P
   High Precision TCXO / VCTCXO
logo
Fox Electronics
T3HN FOX-T3HN Datasheet
187Kb / 2P
   3.2x2.5mm HCMOS TCXO/VCTCXO
logo
Connor-Winfield Corpora...
TF5B-019.2M CONNOR-WINFIELD-TF5B-019.2M Datasheet
205Kb / 2P
   Ultra Precise TCXO/VCTCXO
TFLD5C-010.0M CONNOR-WINFIELD-TFLD5C-010.0M Datasheet
198Kb / 4P
   High Precision TCXO / VCTCXO
logo
Fox Electronics
FOX307H FOX-FOX307H Datasheet
71Kb / 1P
   3.0V SMD TCXO/VCTCXO
logo
Advanced Crystal Techno...
STE01 ACT-STE01_13 Datasheet
360Kb / 3P
   HCMOS / TTL TCXO/ VCTCXO
09/10/2013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com