Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV7001 Datasheet(PDF) 1 Page - HBH Microwave GmbH

Part # HV7001
Description  21.1 GHz to 21.4 GHz VCO
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH

HV7001 Datasheet(HTML) 1 Page - HBH Microwave GmbH

  HV7001 Datasheet HTML 1Page - HBH Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
21.1 GHz to 21.4 GHz VCO
PRELIMINARY
HBH Microwave GmbH, Helmholtzstr 9, 76297 Stutensee, Germany
Internet: http://www.hbhmw.de
Email: info@hbhmw.de
Phone +49-7244-6098490
Fax +49-7244-6098489
Date: 03/10/2003
HBH
Microwave GmbH
HV7001
General Description
The HV7001 is a voltage tuneable oscillator in the frequency range from 21.2 to 21.4 GHz. It comes in
a hermetically sealed package.
Electrical Performance
Typical Data @25 °C
Parameter
Min
Typ
Max
Units
Frequency Range
21.2
21.4
GHz
Tuning Bandwidth
+/- 100
MHz
Phase Noise@100kHz
-85
dBc/Hz
Phase Noise@1MHz
-110
dBc/Hz
Tuning Voltage
2
8
V
Power Output
2
5
8
dBm
Harmonic suppression
<-30
dB
DC Voltage
+5 / -5
V
DC Current
tbd
150
mA
Package
M207
Size
35 x 25 x 12
mm
Rev. 1.0


Similar Part No. - HV7001

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HV7002 HBH-HV7002 Datasheet
21Kb / 1P
   23.8 GHz to 24.2 GHz VCO
More results

Similar Description - HV7001

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HV7002 HBH-HV7002 Datasheet
21Kb / 1P
   23.8 GHz to 24.2 GHz VCO
HV6001 HBH-HV6001 Datasheet
19Kb / 1P
   10.6 GHz to 10.9 GHz VCO
logo
Analog Devices
HMC8364 AD-HMC8364 Datasheet
465Kb / 17P
   18.10 GHz to 26.60 GHz Quadband VCO
HMC8362 AD-HMC8362 Datasheet
335Kb / 17P
   11.90 GHz to 18.30 GHz Quadband VCO
ADF5709 AD-ADF5709 Datasheet
265Kb / 9P
   9.85 GHz to 20.5 GHz, Wideband, MMIC VCO
logo
HBH Microwave GmbH
HV6002 HBH-HV6002 Datasheet
13Kb / 1P
   12 GHz VCO
logo
RF Micro Devices
RFVC1800 RFMD-RFVC1800 Datasheet
953Kb / 6P
   WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 8 GHz to 12 GHz
logo
Analog Devices
HMC1162 AD-HMC1162 Datasheet
245Kb / 11P
   9.25 GHz to 10.10 GHz MMIC VCO with Half Frequency Output
HMC1160 AD-HMC1160 Datasheet
236Kb / 10P
   MMIC VCO with Half Frequency Output, 8.45 GHz to 9.30 GHz
HMC1164 AD-HMC1164 Datasheet
233Kb / 10P
   10.38 GHz to 11.30 GHz MMIC VCO with Half Frequency Output
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com