Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6419CA22MR Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6419CA22MR
Description  Dual LDO Regulator (ch1=300mA, ch2=100mA) with ON/OFF Switch
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6419CA22MR Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6419CA22MR Datasheet HTML 1Page - Torex Semiconductor XC6419CA22MR Datasheet HTML 2Page - Torex Semiconductor XC6419CA22MR Datasheet HTML 3Page - Torex Semiconductor XC6419CA22MR Datasheet HTML 4Page - Torex Semiconductor XC6419CA22MR Datasheet HTML 5Page - Torex Semiconductor XC6419CA22MR Datasheet HTML 6Page - Torex Semiconductor XC6419CA22MR Datasheet HTML 7Page - Torex Semiconductor XC6419CA22MR Datasheet HTML 8Page - Torex Semiconductor XC6419CA22MR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1/29
XC6419 Series
Dual LDO Regulator (ch1=300mA, ch2=100mA) with ON/OFF Switch
VOUT=2.8V
0
50
100
150
200
250
300
350
400
0
50
100
150
200
250
300
OutputCurrent : IOUT [mA]
85℃
25℃
-40℃
1CH最大出力電流
300mA
2CH最大出力電流
100mA
2CH
1CH
■GENERAL DESCRIPTION
The XC6419 series is a dual CMOS LDO regulator. The series features high accuracy, low output noise, high
ripple rejection and low dropout and consists of a voltage reference, error amplifier, driver transistor, current limiter,
thermal shutdown circuit and phase compensation circuit. Each output voltage is set independently by laser
trimming and selectable in 0.05V increments within a range of 0.8 to 5.0V.
The EN function turns each output of the two regulators off independently. In this state, the electric charge at the
output capacitor (CL) is discharged via the internal auto-discharge switch, and as a result the VOUT voltage quickly
returns to the VSS level. The output stabilization capacitor (CL) is also compatible with low ESR ceramic
capacitors. The high level of output stability is maintained even during frequent load fluctuations, due to the
excellent transient response performance. VR1 and VR2 are completely isolated so that a cross talk during load
fluctuations is minimized.
■APPLICATIONS
Mobile phones
Cordless phones, Wireless communication equipment
Portable games
Digital still cameras, Digital video cameras
Portable audio equipment
PDAs
FEATURES
Input Voltage Range
:
1.5~6.0V
Maximum Output Current
:
ch1.300mA / ch2.100mA
Output Voltage Range
:
0.8~5.0V
Output Accuracy
:
±1% (XC6419A/B)
±20mA@ VOUT≦2.0V
±2% (XC6419C/D)
±30mA@ VOUT≦1.5V
Dropout Voltage
VOUT=2.8V)
:
ch1.115mV@IOUT=200mA
ch2.115mV@IOUT=50mA
Low Power Consumption
:
ch1.28μA / ch2.23μA
Stand-by Current
:
Less than 0.1μA
Ripple Rejection
:
60dB@f=1kHz
Current Limit
:
ch1.400mA / ch2.150mA
Low ESR Capacitor
CL High Speed Discharge
Small Packages
:
USP-6C, SOT-26
■TYPICAL APPLICATION CIRCUITS
ETR0338-003
■TYPICAL PERFORMANCE
CHARACTERISTICS
●Dropout Voltage vs. Output Current
VOUT=2.8V
ch2 Maximum Output Current
ch1 Maximum Output Current
Output Current : IOUT (mA)
ch2
ch1


Similar Part No. - XC6419CA22MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6419CA01ER TOREX-XC6419CA01ER Datasheet
767Kb / 29P
   Dual LDO Regulator (ch1: 300mA, ch2: 100mA) with ON/OFF Switch
XC6419CA01ER-G TOREX-XC6419CA01ER-G Datasheet
767Kb / 29P
   Dual LDO Regulator (ch1: 300mA, ch2: 100mA) with ON/OFF Switch
XC6419CA01MR TOREX-XC6419CA01MR Datasheet
767Kb / 29P
   Dual LDO Regulator (ch1: 300mA, ch2: 100mA) with ON/OFF Switch
XC6419CA08ER TOREX-XC6419CA08ER Datasheet
767Kb / 29P
   Dual LDO Regulator (ch1: 300mA, ch2: 100mA) with ON/OFF Switch
XC6419CA08ER-G TOREX-XC6419CA08ER-G Datasheet
767Kb / 29P
   Dual LDO Regulator (ch1: 300mA, ch2: 100mA) with ON/OFF Switch
More results

Similar Description - XC6419CA22MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6419 TOREX-XC6419_1 Datasheet
767Kb / 29P
   Dual LDO Regulator (ch1: 300mA, ch2: 100mA) with ON/OFF Switch
XC6228 TOREX-XC6228 Datasheet
689Kb / 21P
   300mA High Speed LDO Regulator with ON/OFF Switch
XC6238 TOREX-XC6238 Datasheet
1Mb / 28P
   300mA High Speed LDO Regulator with ON/OFF Switch
XC6415 TOREX-XC6415_1 Datasheet
521Kb / 22P
   Dual LDO Regulators with ON/OFF Switch
XC6415 TOREX-XC6415 Datasheet
466Kb / 23P
   Dual LDO Regulators with ON/OFF Switch
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
RT9012 RICHTEK-RT9012 Datasheet
314Kb / 11P
   300mA Dual LDO Regulator with POR
logo
Torex Semiconductor
XC6224 TOREX-XC6224 Datasheet
490Kb / 26P
   150mA High Speed LDO Voltage Regulator with ON/OFF Switch
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com