Electronic Components Datasheet Search |
|
XC6225A102NR-G Datasheet(PDF) 1 Page - Torex Semiconductor |
|
XC6225A102NR-G Datasheet(HTML) 1 Page - Torex Semiconductor |
1 / 15 page 1/15 XC6225 Series 30mA High Speed LDO Regulator ■TYPICAL APPLICATION CIRCUIT ■APPLICATIONS ● Cellular phones ● Cordless phones, Wireless communication equipment ● Portable games ● Cameras, VCRs ● Portable AV equipment ● PDAs ■GENERAL DESCRIPTION The XC6225 series is a high accuracy, low noise, and low dropout CMOS LDO regulator. The series includes a reference voltage source, an error amplifier, a driver transistor, a current limiter, and a phase compensation circuit. The CE function enables the entire circuit to be turned off by a low level input signal to the CE pin. In this stand-by state, the XC6225B series can discharge the electric charge stored at the output capacitor through the internal auto-discharge switch, and as a result the VOUT pin quickly returns to the VSS level. The output stabilization capacitor (CL) is also compatible with low ESR ceramic capacitors. Output voltage is selectable in 0.05V increments within a range of 0.8V~5.0V. The current limit fold-back circuit works as a short circuit protection as well as the output current limiter. The series achieves a fast response with only 25μA of low power consumption. The current limit is set to 50mA (TYP.) so that the device is optimized to protect the circuit from over-current. It is ideally suited for applications requiring 30 mA or less. A small USP-4 package makes high density mounting possible. ETR0342-002 ■FEATURES Output Current : 30mA <50mA (TYP.) Limit> Dropout Voltage : 70mV@ IOUT=30mA, VOUT=3.2V Operating Voltage Range : 2.5V ~ 6.0V : 0.8V~5.0V (0.05V increments) Output Voltage Range Accuracy Low Power Consumption Stand-by Current : +2% (VOUT>1.5V) +0.03V (VOUT≦1.45V) : 25μA (TYP.) : Less than 0.1μA High Ripple Rejection : 70dB @ 1kHz Operating Temperature Range : -40℃~+85℃ Output Capacitor : 1.0μF ceramic capacitor CL High-Speed Auto-Discharge (XC6225B) Low Output Noise Packages : USP-4, SOT-25 SSOT-24 (under development) |
Similar Part No. - XC6225A102NR-G |
|
Similar Description - XC6225A102NR-G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |