Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F15353G Datasheet(PDF) 8 Page - Feature Integration Technology Inc.

Part # F15353G
Description  2-wire Real-time Clock
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F15353G Datasheet(HTML) 8 Page - Feature Integration Technology Inc.

Back Button F15353G Datasheet HTML 4Page - Feature Integration Technology Inc. F15353G Datasheet HTML 5Page - Feature Integration Technology Inc. F15353G Datasheet HTML 6Page - Feature Integration Technology Inc. F15353G Datasheet HTML 7Page - Feature Integration Technology Inc. F15353G Datasheet HTML 8Page - Feature Integration Technology Inc. F15353G Datasheet HTML 9Page - Feature Integration Technology Inc. F15353G Datasheet HTML 10Page - Feature Integration Technology Inc. F15353G Datasheet HTML 11Page - Feature Integration Technology Inc. F15353G Datasheet HTML 12Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Fintek
Feature Integration Technology Inc.
V0.12P
7
F15353
4.4. I2C Interface Pin
Pin No.
Pin Name
Type
PWR
Description
6
SCL
INst
VDD
Serial clock input pin. Since
signal
processing
is
done
on
the
SCL signal rising/falling edge, give great care to the
rising/falling
time
and
comply
strictly
with
the
specifications.
7
SDA
I/OD1ost
VDD
Serial data I/O pin. Normally, it is pulled up to the VDD voltage by a
resistor and connected with another open-drain output
or
open-collector
output
device
via
a wired-OR connection.


Similar Part No. - F15353G

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
F1535 POLYFET-F1535 Datasheet
36Kb / 2P
   PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR?
logo
List of Unclassifed Man...
F1535A ETC1-F1535A Datasheet
467Kb / 2P
   5V FR-4 Based Surface Mount Voltage Controlled Crystal Oscillators
F1535AD ETC1-F1535AD Datasheet
467Kb / 2P
   5V FR-4 Based Surface Mount Voltage Controlled Crystal Oscillators
F1535ADM ETC1-F1535ADM Datasheet
467Kb / 2P
   5V FR-4 Based Surface Mount Voltage Controlled Crystal Oscillators
More results

Similar Description - F15353G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-35390A SII-S-35390A Datasheet
701Kb / 54P
   2-WIRE REAL-TIME CLOCK
S-35392A SII-S-35392A Datasheet
618Kb / 47P
   2-WIRE REAL-TIME CLOCK
S-35399A02 SII-S-35399A02 Datasheet
787Kb / 55P
   2-WIRE REAL-TIME CLOCK
S35399A03 SII-S35399A03 Datasheet
3Mb / 54P
   2-WIRE REAL-TIME CLOCK
S35391A SII-S35391A Datasheet
2Mb / 53P
   2-WIRE REAL-TIME CLOCK
S35392A SII-S35392A Datasheet
2Mb / 48P
   2-WIRE REAL-TIME CLOCK
S-35399A03 SII-S-35399A03 Datasheet
571Kb / 51P
   2-WIRE REAL-TIME CLOCK
logo
Intersil Corporation
X1205 INTERSIL-X1205 Datasheet
331Kb / 22P
   2-Wire RTC Real Time Clock/Calendar
logo
Renesas Technology Corp
X1205 RENESAS-X1205 Datasheet
873Kb / 22P
   2-Wire??RTC Real Time Clock/Calendar
logo
Seiko Instruments Inc
S-35199A01 SII-S-35199A01 Datasheet
594Kb / 54P
   3-WIRE REAL-TIME CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com