Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F71806F Datasheet(PDF) 6 Page - Feature Integration Technology Inc.

Part # F71806F
Description  Super H/W Monitor LPC IO
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71806F Datasheet(HTML) 6 Page - Feature Integration Technology Inc.

Back Button F71806F Datasheet HTML 2Page - Feature Integration Technology Inc. F71806F Datasheet HTML 3Page - Feature Integration Technology Inc. F71806F Datasheet HTML 4Page - Feature Integration Technology Inc. F71806F Datasheet HTML 5Page - Feature Integration Technology Inc. F71806F Datasheet HTML 6Page - Feature Integration Technology Inc. F71806F Datasheet HTML 7Page - Feature Integration Technology Inc. F71806F Datasheet HTML 8Page - Feature Integration Technology Inc. F71806F Datasheet HTML 9Page - Feature Integration Technology Inc. F71806F Datasheet HTML 10Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 109 page
background image
July, 2007
V0.26P
4
F71806
1 General Description
The F71806 is the featured IO chip without KBC function specifically for clone chipset PC system.
Equipped with one IEEE 1284 parallel port , two UART port and FDC. The F71806 provides SIR, integrated
with hardware monitor, supports 11 sets of voltage sensor and 4 voltage fault signal outputs, 3 sets of creative
auto-controlling fans and 3 temperature sensor pins for the accurate current type temp. Measurement for CPU
thermal diode or external transistors 2N3906.
The F71806 provides flexible features for multi-directional application. For instance, supports 12 pins
CPU VID controlling for VRM9.0/10.0 and CPU VID OTF (On The Fly), provides 24 GPIO pins which include
pulse/level mode selection, IRQ sharing function also designed in UART feature for particular usage and
accurate current mode H/W monitor will be worth in measurement of temperature, provides 3 modes fan speed
control mechanism included Manual Mode/Speed Mode/Temperature Mode for users’ selection. The F71806 is
powered by 3.3V voltage, with the LPC interface in the package of 128-QFP.
2 Features
General Functions
Comply with LPC Spec. 1.0
Support DPM (Device Power Management), ACPI
Support 12 pins CPU VID controlling and comply with VRM9.0/10.0
Vcore monitoring supports dynamic VID
24 GPIO Pins for flexible application
24/48 MHz clock input
FDC
Compatible with IBM PC AT disk drive systems
Variable write pre-compensation with track selectable capability
Support vertical recording format
DMA enable logic
16-byte data FIFOs
Support floppy disk drives and tape drives
Detects all overrun and under run conditions
Built-in address mark detection circuit to simplify the read electronics
Completely compatible with industry standard 82077
360K/720K/1.2M/1.44M/2.88M format; 250K, 300K, 500K, 1M, 2M bps data transfer rate


Similar Part No. - F71806F

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F71805 FINTEK-F71805 Datasheet
719Kb / 94P
   Super H/W Monitor LPC IO
F71805F FINTEK-F71805F Datasheet
719Kb / 94P
   Super H/W Monitor LPC IO
F71805FG FINTEK-F71805FG Datasheet
719Kb / 94P
   Super H/W Monitor LPC IO
F71808A FINTEK-F71808A Datasheet
1Mb / 126P
   Smart LPC IO With CIR & Power Saving Function
F71808AU FINTEK-F71808AU Datasheet
1Mb / 126P
   Smart LPC IO With CIR & Power Saving Function
More results

Similar Description - F71806F

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F71872 FINTEK-F71872 Datasheet
2Mb / 115P
   Super H/W Monitor LPC IO
F71805 FINTEK-F71805 Datasheet
719Kb / 94P
   Super H/W Monitor LPC IO
logo
Nuvoton Technology Corp...
NCT7904D NUVOTON-NCT7904D Datasheet
1Mb / 140P
   H/W Monitor
logo
Feature Integration Tec...
F71889A FINTEK-F71889A Datasheet
1Mb / 132P
   Super Hardware Monitor LPC I/O
F71889 FINTEK-F71889 Datasheet
2Mb / 114P
   Super Hardware Monitor LPC I/O
F71889E FINTEK-F71889E Datasheet
3Mb / 114P
   Super Hardware Monitor LPC I/O
F71883 FINTEK-F71883 Datasheet
2Mb / 133P
   Super Hardware Monitor LPC I/O
F71862 FINTEK-F71862 Datasheet
837Kb / 110P
   Super Hardware Monitor LPC I/O
F71863 FINTEK-F71863 Datasheet
907Kb / 112P
   Super Hardware Monitor LPC I/O
F71882 FINTEK-F71882 Datasheet
2Mb / 130P
   Super Hardware Monitor LPC I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com