Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F72815SG Datasheet(PDF) 5 Page - Feature Integration Technology Inc.

Part # F72815SG
Description  Synchronous Buck PWM DC-DC Controller with External Reference Voltage Input
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F72815SG Datasheet(HTML) 5 Page - Feature Integration Technology Inc.

  F72815SG Datasheet HTML 1Page - Feature Integration Technology Inc. F72815SG Datasheet HTML 2Page - Feature Integration Technology Inc. F72815SG Datasheet HTML 3Page - Feature Integration Technology Inc. F72815SG Datasheet HTML 4Page - Feature Integration Technology Inc. F72815SG Datasheet HTML 5Page - Feature Integration Technology Inc. F72815SG Datasheet HTML 6Page - Feature Integration Technology Inc. F72815SG Datasheet HTML 7Page - Feature Integration Technology Inc. F72815SG Datasheet HTML 8Page - Feature Integration Technology Inc. F72815SG Datasheet HTML 9Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
F72815
Aug, 2007
V0.14
-2-
F72815
3. Pin Configuration
4. Pin Description
Pin No
Pin Name
Description
1
BOOT
Bootstrap supply pin for the upper gate driver. Connect the bootstrap capacitor between
BOOT pin and the PHASE pin. The bootstrap capacitor provides the charge to turn on
the upper MOSFET.
2
UGATE
Higher gate drive output. Connect this pin to gate of the high side MOSFET
3
VREF
Reference voltage input. The input range is 0.6V~1.8V.
4
LGATE
Lower gate drive output. Connect this pin to gate of the low side MOSFET
5
VCC
IC supply voltage. This voltage is monitored for power-on-reset purpose.
6
FB
Inverting input of the error amplifier used to compensate the feedback loop of the PWM
controller.
7
OCSET/SD
This is multi-function pin. Connecting a resistor ROCSET from this pin to PHASE, and an
internal 40uA current source from VCC. OCSET voltage can sense loading status when
low side MOSFET turn on. When OCSET voltage is under 0.15V, shut down (SD)
function will be enabled.
8
PHASE
Connect this pin to the source of the upper MOSFET and the drain of the lower MOSFET.
GND
9


Similar Part No. - F72815SG

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F72814 FINTEK-F72814 Datasheet
486Kb / 16P
   Synchronous Buck PWM DC-DC Controller
F72814SG FINTEK-F72814SG Datasheet
486Kb / 16P
   Synchronous Buck PWM DC-DC Controller
More results

Similar Description - F72815SG

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F72820 FINTEK-F72820 Datasheet
508Kb / 18P
   Synchronous Buck PWM DC-DC Controller
logo
Diodes Incorporated
AP2014 DIODES-AP2014 Datasheet
405Kb / 13P
   SYNCHRONOUS PWM DC-DC BUCK CONTROLLER
DS30883 Rev. 1 - 0
logo
Feature Integration Tec...
F72814 FINTEK-F72814 Datasheet
486Kb / 16P
   Synchronous Buck PWM DC-DC Controller
logo
Fitipower Integrated Te...
FP6329 FITIPOWER-FP6329 Datasheet
699Kb / 16P
   Synchronous Buck PWM DC-DC Controller
logo
Richtek Technology Corp...
RT9202B RICHTEK-RT9202B Datasheet
197Kb / 14P
   Single Synchronous Buck PWM DC-DC Controller
RT9202 RICHTEK-RT9202_07 Datasheet
197Kb / 14P
   Single Synchronous Buck PWM DC-DC Controller
RT9202 RICHTEK-RT9202 Datasheet
149Kb / 16P
   SINGLE SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Diodes Incorporated
AP3583 DIODES-AP3583 Datasheet
738Kb / 12P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER WITH REFERENCE INPUT
November 2018 Rev. 3- 2
logo
BCD Semiconductor Manuf...
AP3583,A BCDSEMI-AP3583,A Datasheet
629Kb / 13P
   Single Phase Synchronous Buck PWM Controller With Reference Input
logo
Excelliance MOS Corp.
EM5302 EXCELLIANCE-EM5302 Datasheet
402Kb / 11P
   5V/12V Synchronous Buck PWM Controller with Reference Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com