Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HW941A Datasheet(PDF) 6 Page - Seoul Semiconductor

Part # HW941A
Description  WHITE HIGH FLUX LED
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

HW941A Datasheet(HTML) 6 Page - Seoul Semiconductor

Back Button HW941A_1 Datasheet HTML 2Page - Seoul Semiconductor HW941A_1 Datasheet HTML 3Page - Seoul Semiconductor HW941A_1 Datasheet HTML 4Page - Seoul Semiconductor HW941A_1 Datasheet HTML 5Page - Seoul Semiconductor HW941A_1 Datasheet HTML 6Page - Seoul Semiconductor HW941A_1 Datasheet HTML 7Page - Seoul Semiconductor HW941A_1 Datasheet HTML 8Page - Seoul Semiconductor HW941A_1 Datasheet HTML 9Page - Seoul Semiconductor HW941A_1 Datasheet HTML 10Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Document No. : SSC-QP-7-07-24 (Rev.00)
Rev. 04
Rev. 04
December 2008
December 2008
www.ZLED.com
www.ZLED.com
5.Outline Dimension
Unit : mm
3.0°
5.08±0.3
0.4±0.2
5.08±0.2
0.76±0.1
1.5±0.2
7.62±0.5
CATHODE
8.5±0.2
ANODE
CHAMFER 1.2 X 1.2
Notes : Protruded epoxy is 1.0mm maximum.


Similar Part No. - HW941A_1

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
HW941A SEOUL-HW941A Datasheet
451Kb / 12P
   WHITE HIGH FLUX LED
More results

Similar Description - HW941A_1

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
HW321A SEOUL-HW321A Datasheet
448Kb / 12P
   WHITE HIGH FLUX LED
HW321A SEOUL-HW321A_1 Datasheet
568Kb / 17P
   WHITE HIGH FLUX LED
HW331A SEOUL-HW331A Datasheet
448Kb / 12P
   WHITE HIGH FLUX LED
HW941A SEOUL-HW941A Datasheet
451Kb / 12P
   WHITE HIGH FLUX LED
HW331A SEOUL-HW331A_1 Datasheet
566Kb / 17P
   WHITE HIGH FLUX LED
logo
List of Unclassifed Man...
AL-30-01UWC ETC-AL-30-01UWC Datasheet
269Kb / 4P
   SUPER FLUX WHITE LED
logo
OptoSupply Internationa...
OSW44DZ4E1P OPTOSUPPLY-OSW44DZ4E1P Datasheet
103Kb / 1P
   Super Flux Pure White LED
OSW57LZ3K1D OPTOSUPPLY-OSW57LZ3K1D Datasheet
154Kb / 1P
   Super Flux Pure White LED
OSM57LZ161D OPTOSUPPLY-OSM57LZ161D Datasheet
155Kb / 1P
   Super Flux Warm White LED
OSM54LZ5D1P OPTOSUPPLY-OSM54LZ5D1P Datasheet
112Kb / 1P
   Super Flux Warm White LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com