Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY310 Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # HY310
Description  YELLOW HIGH FLUX LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

HY310 Datasheet(HTML) 4 Page - Seoul Semiconductor

  HY310 Datasheet HTML 1Page - Seoul Semiconductor HY310 Datasheet HTML 2Page - Seoul Semiconductor HY310 Datasheet HTML 3Page - Seoul Semiconductor HY310 Datasheet HTML 4Page - Seoul Semiconductor HY310 Datasheet HTML 5Page - Seoul Semiconductor HY310 Datasheet HTML 6Page - Seoul Semiconductor HY310 Datasheet HTML 7Page - Seoul Semiconductor HY310 Datasheet HTML 8Page - Seoul Semiconductor HY310 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Rev. 00
Rev. 00
December 2007
December 2007
www.ZLED.com
www.ZLED.com
<080612> Rev. 1.7
2. Absolute Maximum Ratings ( Ta = 25ºC )
mW
224
P
D
Power Dissipation
V
5
V
R
Reverse Voltage
ºC
260ºC for 5second [2]
T
S
Solder Temperature
ºC
-40 ~ 100
T
opr
Operating Temperature
mA
100
I
FP
[1]
Forward Peak Pulse Current
ºC
-50 ~ 105
T
stg
Storage Temperature
mA
70
I
F
DC Forward Current
Unit
Value
Symbol
Item
Notes :
[1] t ≤ 0.1ms, D = 1/10
[2] No closer than 1.5mm from the base of the stopper.
3. Electro-Optical Characteristics ( Ta = 25ºC, IF=70mA )
mcd
-
10000
-
Iv
Luminous Intensity
600
590
nm
584
λ
d
Dominant Wavelength[5]
lm/W
-
33
-
ŋ
opt
Optical Efficiency
V
3.4
2.6
-
V
F
Forward Voltage[6]
ºC /W
220
Rθ
J-A
Thermal Resistance
40
deg.
2
θ
½
View Angle
5
-
-
6.0
4.4
µA
-
I
R
Reverse Current (at V
R = 5V)
Max.
Typ.
Min.
lm
Ф
V
[4]
Luminous Flux [3]
Unit
Value
Symbol
Item
Notes :
[3] SSC maintains a tolerance of
±10% on flux and power measurements.
[4] ФV is the total luminous flux output as measured with an integrated sphere.
[5] Dominant wavelength is derived from the CIE 1931 Chromaticity diagram.
A tolerance of
±0.5nm for dominant wavelength.
[6] A tolerance of
±0.05V on forward voltage measurements.


Similar Part No. - HY310

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
HY310 SEOUL-HY310 Datasheet
473Kb / 10P
   YELLOW HIGH FLUX LED
logo
HYCON Technology Corpor...
HY3102 HYCON-HY3102 Datasheet
2Mb / 34P
   24-Bit Analog-to-Digital Convert
HY3102-E016 HYCON-HY3102-E016 Datasheet
2Mb / 34P
   24-Bit Analog-to-Digital Convert
HY3106 HYCON-HY3106 Datasheet
2Mb / 34P
   24-Bit Analog-to-Digital Convert
HY3106-E016 HYCON-HY3106-E016 Datasheet
2Mb / 34P
   24-Bit Analog-to-Digital Convert
More results

Similar Description - HY310

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
HY310 SEOUL-HY310 Datasheet
473Kb / 10P
   YELLOW HIGH FLUX LED
HY330 SEOUL-HY330 Datasheet
488Kb / 11P
   YELLOW HIGH FLUX LED
HY330 SEOUL-HY330_1 Datasheet
576Kb / 14P
   YELLOW HIGH FLUX LED
logo
OptoSupply Internationa...
OS5YKEZ4E1P OPTOSUPPLY-OS5YKEZ4E1P Datasheet
113Kb / 1P
   Super Flux Yellow LED
OS5YKEZ4E1P OPTOSUPPLY-OS5YKEZ4E1P Datasheet
113Kb / 1P
   Super Flux Yellow LED
OSY5PAZ3K1D OPTOSUPPLY-OSY5PAZ3K1D Datasheet
158Kb / 1P
   Super Flux Premium Yellow LED
OSY5PAZ161D OPTOSUPPLY-OSY5PAZ161D Datasheet
159Kb / 1P
   Super Flux Premium Yellow LED
OSY5MAZ2C1P OPTOSUPPLY-OSY5MAZ2C1P Datasheet
101Kb / 1P
   Super Flux Phoenix Yellow LED
OSY5PAZ3K1D OPTOSUPPLY-OSY5PAZ3K1D_11 Datasheet
110Kb / 1P
   Super Flux Premium Yellow LED
OSY5CAZ2C1P OPTOSUPPLY-OSY5CAZ2C1P Datasheet
102Kb / 1P
   Super Flux Commercial Yellow LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com