Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F75385M Datasheet(PDF) 8 Page - Feature Integration Technology Inc.

Part # F75385M
Description  짹1oC Accuracy Temperature Sensor IC Datasheet
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75385M Datasheet(HTML) 8 Page - Feature Integration Technology Inc.

Back Button F75385M Datasheet HTML 4Page - Feature Integration Technology Inc. F75385M Datasheet HTML 5Page - Feature Integration Technology Inc. F75385M Datasheet HTML 6Page - Feature Integration Technology Inc. F75385M Datasheet HTML 7Page - Feature Integration Technology Inc. F75385M Datasheet HTML 8Page - Feature Integration Technology Inc. F75385M Datasheet HTML 9Page - Feature Integration Technology Inc. F75385M Datasheet HTML 10Page - Feature Integration Technology Inc. F75385M Datasheet HTML 11Page - Feature Integration Technology Inc. F75385M Datasheet HTML 12Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
July 2006
V0.21P
-5-
100°C
0110 0100
0.750°C
110 0 0000
145°C
1001 0001
0.875°C
111 0 0000
Remote-sensor transistor manufacturers
Manufacturer
Model Number
Panasonic
2SB0709 2N3906
Philips
PMBT3906
6.5
Alert#
Five events can trigger ALERT# to low:
(1). VT1(Local) temperature exceeds High Limit
(2). VT1(Local) temperature goes below Low Limit
(3). VT2(Remote) temperature exceeds High Limit
(4). VT2(Remote) temperature goes below Low Limit
(5). VT2(Remote) temperature is Open-circuit.
These five events are wired-NOR together. This means that when one of out-of-limit event occurs, the ALERT#
output goes low if the MASK control is disabled. ALERT# signal can be used as an IRQ-like interrupt or as an
SMBALERT. When ALERT# acts as an IRQ-like interrupt, the ALERT# will be de-asserted until the following 2
conditions are matched:
(1). The abnormal condition is gone
(2). Reading the Status register to clear the status
When ALERT# acts as a SMBALERT, the ALERT# will be de-asserted until the following 3 conditions are
matched:
(1). The abnormal condition is gone
(2). Reading the Status register to clear the status
(3). The ALERT# has been serviced by the SMBus master reading the device address.
For more information about SMBALERT, please see SMBus 1.1 specification.
6.6
THERM#
Either VT1(Local) or VT2(Remote) temperature exceeds the corresponding THERM limit, the THERM# output
will assert low. The asserted output will be de-asserted until the temperature goes below (THERM Limit – Hysteresis).
The hysteresis default value is 10°C and it can be programmed. Both VT1 and VT2 have their own THERM limits and


Similar Part No. - F75385M

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75383M FINTEK-F75383M Datasheet
659Kb / 21P
   짹1oC Accuracy Temperature Sensor IC Datasheet
F75383S FINTEK-F75383S Datasheet
659Kb / 21P
   짹1oC Accuracy Temperature Sensor IC Datasheet
F75384M FINTEK-F75384M Datasheet
659Kb / 21P
   짹1oC Accuracy Temperature Sensor IC Datasheet
F75384S FINTEK-F75384S Datasheet
659Kb / 21P
   짹1oC Accuracy Temperature Sensor IC Datasheet
F75386M FINTEK-F75386M Datasheet
878Kb / 28P
   Dual 짹1oC Accuracy Temperature Sensor IC with Fan Speed Control
More results

Similar Description - F75385M

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75383M FINTEK-F75383M Datasheet
659Kb / 21P
   짹1oC Accuracy Temperature Sensor IC Datasheet
F75363 FINTEK-F75363 Datasheet
773Kb / 25P
   짹1oC Accuracy Temperature Sensor IC with Fan Speed Control
F75386M FINTEK-F75386M Datasheet
878Kb / 28P
   Dual 짹1oC Accuracy Temperature Sensor IC with Fan Speed Control
logo
List of Unclassifed Man...
STSC1 ETC2-STSC1 Datasheet
706Kb / 13P
   High Accuracy Digital Temperature Sensor IC
logo
Feature Integration Tec...
F75395 FINTEK-F75395 Datasheet
688Kb / 22P
   짹1oC Temperature Sensor with 횩 Compensation
F75393 FINTEK-F75393 Datasheet
689Kb / 22P
   짹1oC Temperature Sensor with 횩 Compensation
F75367 FINTEK-F75367 Datasheet
519Kb / 21P
   짹1oC Temperature Sensor with I2C-SST Bridge
F75387 FINTEK-F75387 Datasheet
1Mb / 48P
   짹1oC Accuracy H/W Monitor IC with Automatic Fan Speed Control
logo
ams AG
AS6200 AMSCO-AS6200 Datasheet
709Kb / 35P
   The AS6200 IC is a high accuracy temperature sensor system
logo
Seiko Instruments Inc
S-5852ABCAC-A8T1U4 SII-S-5852ABCAC-A8T1U4 Datasheet
1Mb / 15P
   HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com