Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F75386M Datasheet(PDF) 11 Page - Feature Integration Technology Inc.

Part # F75386M
Description  Dual 짹1oC Accuracy Temperature Sensor IC with Fan Speed Control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75386M Datasheet(HTML) 11 Page - Feature Integration Technology Inc.

Back Button F75386M Datasheet HTML 7Page - Feature Integration Technology Inc. F75386M Datasheet HTML 8Page - Feature Integration Technology Inc. F75386M Datasheet HTML 9Page - Feature Integration Technology Inc. F75386M Datasheet HTML 10Page - Feature Integration Technology Inc. F75386M Datasheet HTML 11Page - Feature Integration Technology Inc. F75386M Datasheet HTML 12Page - Feature Integration Technology Inc. F75386M Datasheet HTML 13Page - Feature Integration Technology Inc. F75386M Datasheet HTML 14Page - Feature Integration Technology Inc. F75386M Datasheet HTML 15Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
F75386
F75386
July, 2007
V0.27P
-7-
6.4
Alert# Signal
ALERT#/FANIN (pin 6) can be used as ALERT# output or fan tachometer input by setting Configuration Register (index
03h). When pin 6 is used as ALERT# output, there are three different alert functions can be used. The interrupt methods that
ALERT# pin can act are (1) Comparator mode (2) Interrupt mode (3) Alert Response Address mode.
6.4.1 Comparator mode
When the Comparator Mode bit in Configuration Register (index BFh) is asserted, ALERT# is used as a temperature
comparator. If the triggering conditions occur, ALERT# will go to low and relative alert status will be asserted until those
conditions are no longer present. This mode is not the power-on default state. Note that the triggering conditions do not
include BUSY and OPEN status in Configuration Register (index 02h).
6.4.2 Interrupt mode
The F75386’s ALERT# output can be used as a simple interrupt signal if Comparator Mode bit is not asserted. If the
triggering conditions occur, relative alert status will be asserted and ALERT# will go to low. The F75386 will set the ALERT
Mask bit and relative alert status will be cleared after master’s reading of the Status Register (Index 02h or 18h). The ALERT
Mask bit is set in order to prevent further ALERT# triggering after the end of one temperature conversion if the triggering
conditions are still present. At the end of interrupt service routine, the master has to reset ALERT Mask bit in configuration
register. Note that the triggering conditions do not include BUSY and OPEN status in Configuration Register (index 02h).
Monitoring Remote Temperature
Remote Temperature High Limit
F75386 ALERT# pin
Remote High Alert Status
TIME


Similar Part No. - F75386M

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75383M FINTEK-F75383M Datasheet
659Kb / 21P
   짹1oC Accuracy Temperature Sensor IC Datasheet
F75383S FINTEK-F75383S Datasheet
659Kb / 21P
   짹1oC Accuracy Temperature Sensor IC Datasheet
F75384M FINTEK-F75384M Datasheet
659Kb / 21P
   짹1oC Accuracy Temperature Sensor IC Datasheet
F75384S FINTEK-F75384S Datasheet
659Kb / 21P
   짹1oC Accuracy Temperature Sensor IC Datasheet
F75385M FINTEK-F75385M Datasheet
537Kb / 17P
   짹1oC Accuracy Temperature Sensor IC Datasheet
More results

Similar Description - F75386M

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75363 FINTEK-F75363 Datasheet
773Kb / 25P
   짹1oC Accuracy Temperature Sensor IC with Fan Speed Control
F75387 FINTEK-F75387 Datasheet
1Mb / 48P
   짹1oC Accuracy H/W Monitor IC with Automatic Fan Speed Control
F75383M FINTEK-F75383M Datasheet
659Kb / 21P
   짹1oC Accuracy Temperature Sensor IC Datasheet
F75385M FINTEK-F75385M Datasheet
537Kb / 17P
   짹1oC Accuracy Temperature Sensor IC Datasheet
F75395 FINTEK-F75395 Datasheet
688Kb / 22P
   짹1oC Temperature Sensor with 횩 Compensation
F75393 FINTEK-F75393 Datasheet
689Kb / 22P
   짹1oC Temperature Sensor with 횩 Compensation
logo
Silicon Touch Technolog...
FC122 SITI-FC122 Datasheet
275Kb / 10P
   Fan Speed Control IC
logo
Feature Integration Tec...
F75367 FINTEK-F75367 Datasheet
519Kb / 21P
   짹1oC Temperature Sensor with I2C-SST Bridge
logo
Nuvoton Technology Corp...
NCT7509Y NUVOTON-NCT7509Y Datasheet
1Mb / 48P
   Nuvoton Thermal Sensor IC with Fan Control
logo
List of Unclassifed Man...
ASC7512 ETC2-ASC7512 Datasheet
343Kb / 35P
   DIGITAL TEMPERATURE SENSOR WITH INTEGRATED FAN CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com