Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F75393M Datasheet(PDF) 6 Page - Feature Integration Technology Inc.

Part # F75393M
Description  짹1oC Temperature Sensor withCompensation
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75393M Datasheet(HTML) 6 Page - Feature Integration Technology Inc.

Back Button F75393M Datasheet HTML 2Page - Feature Integration Technology Inc. F75393M Datasheet HTML 3Page - Feature Integration Technology Inc. F75393M Datasheet HTML 4Page - Feature Integration Technology Inc. F75393M Datasheet HTML 5Page - Feature Integration Technology Inc. F75393M Datasheet HTML 6Page - Feature Integration Technology Inc. F75393M Datasheet HTML 7Page - Feature Integration Technology Inc. F75393M Datasheet HTML 8Page - Feature Integration Technology Inc. F75393M Datasheet HTML 9Page - Feature Integration Technology Inc. F75393M Datasheet HTML 10Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
F75393
F75393
May, 2008
V0.16P
-2-
Resistor
A6
A5
A4
A3
A2
A1
A0
1k
1
0
0
1
1
1
1
4.7k
1
0
0
1
1
0
1
10k
1
0
0
1
1
1
0
20k
0
1
1
0
1
1
0
30k
0
1
1
0
1
0
1
47k
0
1
1
0
1
0
0
3.
Key Specifications
Supply Voltage
3.0~3.6V
Supply Current
180 uA (typ)
4. Pin Configuration
GND
VCC
SDA
D+
ALERT#
SCL
D-
THERM#
1
2
3
45
6
7
8
F75383
F75384
5. Pin Descriptions
I/O12t
- TTL level bi-directional pin with 12 mA source-sink capability
I/O12ts
- TTL level and schmitt trigger
O12
- Output pin with 12 mA source-sink capability
O24V4
- Output pin with 24 mA source-sink capability, output 4V
AOUT
- Output pin(Analog)
OD12
- Open-drain output pin with 12 mA sink capability
INt
- TTL level input pin
INts
- TTL level input pin and schmitt trigger
AIN
- Input pin(Analog)
F75393


Similar Part No. - F75393M

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75395 FINTEK-F75395 Datasheet
688Kb / 22P
   짹1oC Temperature Sensor with 횩 Compensation
F75395M FINTEK-F75395M Datasheet
688Kb / 22P
   짹1oC Temperature Sensor with 횩 Compensation
More results

Similar Description - F75393M

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75395 FINTEK-F75395 Datasheet
688Kb / 22P
   짹1oC Temperature Sensor with 횩 Compensation
F75367 FINTEK-F75367 Datasheet
519Kb / 21P
   짹1oC Temperature Sensor with I2C-SST Bridge
logo
Microchip Technology
EMC1412-1-ACZL-TR MICROCHIP-EMC1412-1-ACZL-TR Datasheet
764Kb / 47P
   Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
logo
Feature Integration Tec...
F75383M FINTEK-F75383M Datasheet
659Kb / 21P
   짹1oC Accuracy Temperature Sensor IC Datasheet
F75385M FINTEK-F75385M Datasheet
537Kb / 17P
   짹1oC Accuracy Temperature Sensor IC Datasheet
logo
SMSC Corporation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
   1째C Temperature Sensor with Beta Compensation
logo
Microchip Technology
EMC1403 MICROCHIP-EMC1403 Datasheet
1Mb / 55P
   1째C Temperature Sensor with Beta Compensation
10/28/13
logo
SMSC Corporation
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
   1째C Temperature Sensor with Beta Compensation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
   1째C Temperature Sensor with Beta Compensation
logo
Feature Integration Tec...
F75363 FINTEK-F75363 Datasheet
773Kb / 25P
   짹1oC Accuracy Temperature Sensor IC with Fan Speed Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com