Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F75395M Datasheet(PDF) 7 Page - Feature Integration Technology Inc.

Part # F75395M
Description  짹1oC Temperature Sensor withCompensation
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75395M Datasheet(HTML) 7 Page - Feature Integration Technology Inc.

Back Button F75395M Datasheet HTML 3Page - Feature Integration Technology Inc. F75395M Datasheet HTML 4Page - Feature Integration Technology Inc. F75395M Datasheet HTML 5Page - Feature Integration Technology Inc. F75395M Datasheet HTML 6Page - Feature Integration Technology Inc. F75395M Datasheet HTML 7Page - Feature Integration Technology Inc. F75395M Datasheet HTML 8Page - Feature Integration Technology Inc. F75395M Datasheet HTML 9Page - Feature Integration Technology Inc. F75395M Datasheet HTML 10Page - Feature Integration Technology Inc. F75395M Datasheet HTML 11Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
F75395
F75395
May, 2008
V0.15P
-3-
O24V4
- Output pin with 24 mA source-sink capability, output 4V
AOUT
- Output pin(Analog)
OD12
- Open-drain output pin with 12 mA sink capability
INt
- TTL level input pin
INts
- TTL level input pin and schmitt trigger
ILv/OD8-S1 -Low level bi-directional pin(VIH
0.9V, VIL
0.6V.). Output with 8mA drive and 1mA sink capability.
AIN
- Input pin(Analog)
PIN NO
PIN NAME
TYPE
PWR
DESCRIPTION
1
VCC
PWR
3VCC
Power Pin
2
D+
AIN
3VCC
Positive connection to remote temperature sensor (ex: thermal diode anode)
3
D-
AIN
3VCC
Negative connection to remote temperature sensor(ex: thermal diode
cathode)
4
SST
ILv/OD8-S1 3VCC
Intel SST hardware monitor interface.
5
GND
PWR
3VCC
Ground
6
ALERT#
OD12
3VCC
Active LOW output. Used as SMBus alert or Interrupt
7
SDA
INts/OD12 3VCC
Serial bus data
8
SCL
INts
3VCC
Serial bus clock
6. Functional Description
6.1
General Description
The F75395 is a simple temperature sensor with warning signal output. It includes a local and a remote temperature sensor. Both
measured temperature are compared with its high, low and THERM limits which are stored in the registers. When one or more
out-of-limit events occur, the flags in Status Register will be set and that may cause ALERT output to low. Also, measured
temperature exceeding THERM limit may cause THERM output to low.
6.2
The warning message
Pin4 and pin6 act as warning message when the temperature exceeds it threshold point.


Similar Part No. - F75395M

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75393 FINTEK-F75393 Datasheet
689Kb / 22P
   짹1oC Temperature Sensor with 횩 Compensation
F75393M FINTEK-F75393M Datasheet
689Kb / 22P
   짹1oC Temperature Sensor with 횩 Compensation
F75393S FINTEK-F75393S Datasheet
689Kb / 22P
   짹1oC Temperature Sensor with 횩 Compensation
More results

Similar Description - F75395M

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75393 FINTEK-F75393 Datasheet
689Kb / 22P
   짹1oC Temperature Sensor with 횩 Compensation
F75367 FINTEK-F75367 Datasheet
519Kb / 21P
   짹1oC Temperature Sensor with I2C-SST Bridge
logo
Microchip Technology
EMC1412-1-ACZL-TR MICROCHIP-EMC1412-1-ACZL-TR Datasheet
764Kb / 47P
   Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
logo
Feature Integration Tec...
F75383M FINTEK-F75383M Datasheet
659Kb / 21P
   짹1oC Accuracy Temperature Sensor IC Datasheet
F75385M FINTEK-F75385M Datasheet
537Kb / 17P
   짹1oC Accuracy Temperature Sensor IC Datasheet
logo
SMSC Corporation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
   1째C Temperature Sensor with Beta Compensation
logo
Microchip Technology
EMC1403 MICROCHIP-EMC1403 Datasheet
1Mb / 55P
   1째C Temperature Sensor with Beta Compensation
10/28/13
logo
SMSC Corporation
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
   1째C Temperature Sensor with Beta Compensation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
   1째C Temperature Sensor with Beta Compensation
logo
Feature Integration Tec...
F75363 FINTEK-F75363 Datasheet
773Kb / 25P
   짹1oC Accuracy Temperature Sensor IC with Fan Speed Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com