Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F75395M Datasheet(PDF) 9 Page - Feature Integration Technology Inc.

Part # F75395M
Description  짹1oC Temperature Sensor withCompensation
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75395M Datasheet(HTML) 9 Page - Feature Integration Technology Inc.

Back Button F75395M Datasheet HTML 5Page - Feature Integration Technology Inc. F75395M Datasheet HTML 6Page - Feature Integration Technology Inc. F75395M Datasheet HTML 7Page - Feature Integration Technology Inc. F75395M Datasheet HTML 8Page - Feature Integration Technology Inc. F75395M Datasheet HTML 9Page - Feature Integration Technology Inc. F75395M Datasheet HTML 10Page - Feature Integration Technology Inc. F75395M Datasheet HTML 11Page - Feature Integration Technology Inc. F75395M Datasheet HTML 12Page - Feature Integration Technology Inc. F75395M Datasheet HTML 13Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
F75395
F75395
May, 2008
V0.15P
-5-
0
Start By
Master
0
0011
00
01
001100
Ack
by
Master
R/W
Ack
by
395
SCL
SDA
78
0
7
8
0
Frame 2
Device Address
Frame 1
Alert Response Address
Figure 4. Alert Response Address
Stop by
Master
The F75395 provides SMBus address option function. Pull high register (Alert Pin) to select SMBus address by power on strapping
and entry key writing. These two conditions must be done both for address selection. If you only option pull high register without
entry key writing, the address will keep default value 98h. For example, use 30k resistor for address 6A selection. User need to
write entry key to register CRFAh.
Ex: Original chip default address is 98h
Bus Access Byte Write (98, FA, 19)
Bus Access Byte Write (98, FA, 34)
Bus Access Byte Write (98, FA, 01)
After Entry Key writing, Chip address will change to 6Ah.
The F75395 also support SST interface for PC system of Intel platform. The system can read temperature and related information by
SST interface. The F75395 can be read by Intel chipset SST interface. (Direct connect chipset pin SST to the pin SST of F75395). .
About more detail, please refer Intel SST Spec. document (Protocol is edited by Intel).
6.4
Temperature Monitoring
The F75395 monitors a local and a remote temperature sensor. Both can be measured from -40°C to 127.875°C.
The temperature format is as the following table:
Temperature ( High Byte )
Digital Output
Temperature ( Low Byte )
Digital Output
-40°C
1101 1000
-0.875°C
001 0 0000
-20°C
1110 1100
-0.325°C
110 0 0000
-1°C
1111 1111
-0.125°C
111 0 0000
0°C
0000 0000
0°C
000 0 0000
50°C
0011 0010
0.375°C
011 0 0000
75°C
0100 1011
0.500°C
100 0 0000
100°C
0110 0100
0.750°C
110 0 0000
127°C
0111 1111
0.875°C
111 0 0000


Similar Part No. - F75395M

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75393 FINTEK-F75393 Datasheet
689Kb / 22P
   짹1oC Temperature Sensor with 횩 Compensation
F75393M FINTEK-F75393M Datasheet
689Kb / 22P
   짹1oC Temperature Sensor with 횩 Compensation
F75393S FINTEK-F75393S Datasheet
689Kb / 22P
   짹1oC Temperature Sensor with 횩 Compensation
More results

Similar Description - F75395M

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75393 FINTEK-F75393 Datasheet
689Kb / 22P
   짹1oC Temperature Sensor with 횩 Compensation
F75367 FINTEK-F75367 Datasheet
519Kb / 21P
   짹1oC Temperature Sensor with I2C-SST Bridge
logo
Microchip Technology
EMC1412-1-ACZL-TR MICROCHIP-EMC1412-1-ACZL-TR Datasheet
764Kb / 47P
   Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
logo
Feature Integration Tec...
F75383M FINTEK-F75383M Datasheet
659Kb / 21P
   짹1oC Accuracy Temperature Sensor IC Datasheet
F75385M FINTEK-F75385M Datasheet
537Kb / 17P
   짹1oC Accuracy Temperature Sensor IC Datasheet
logo
SMSC Corporation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
   1째C Temperature Sensor with Beta Compensation
logo
Microchip Technology
EMC1403 MICROCHIP-EMC1403 Datasheet
1Mb / 55P
   1째C Temperature Sensor with Beta Compensation
10/28/13
logo
SMSC Corporation
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
   1째C Temperature Sensor with Beta Compensation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
   1째C Temperature Sensor with Beta Compensation
logo
Feature Integration Tec...
F75363 FINTEK-F75363 Datasheet
773Kb / 25P
   짹1oC Accuracy Temperature Sensor IC with Fan Speed Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com