Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KWT803-S Datasheet(PDF) 8 Page - Seoul Semiconductor

Part # KWT803-S
Description  surface-mount LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

KWT803-S Datasheet(HTML) 8 Page - Seoul Semiconductor

Back Button KWT803-S Datasheet HTML 4Page - Seoul Semiconductor KWT803-S Datasheet HTML 5Page - Seoul Semiconductor KWT803-S Datasheet HTML 6Page - Seoul Semiconductor KWT803-S Datasheet HTML 7Page - Seoul Semiconductor KWT803-S Datasheet HTML 8Page - Seoul Semiconductor KWT803-S Datasheet HTML 9Page - Seoul Semiconductor KWT803-S Datasheet HTML 10Page - Seoul Semiconductor KWT803-S Datasheet HTML 11Page - Seoul Semiconductor KWT803-S Datasheet HTML 12Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Rev. 02
Rev. 02
April 2008
April 2008
www.ZLED.com
www.ZLED.com
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
h
g
e
f
b
CIE Coord. (X)
● COLOR RANK
<IF=20mA, Ta=25℃>
0.4045
0.3525
0.3765
0.3365
0.3835
0.3625
0.3545
0.3465
0.3545
0.3465
0.3265
0.3305
0.3765
0.3365
0.3485
0.3205
y
x
y
x
h
g
0.3485
0.3205
0.3205
0.3045
0.2925
0.2885
0.3265
0.3305
0.2985
0.3145
0.2705
0.2985
0.2985
0.3145
0.2705
0.2985
0.2435
0.2835
0.3205
0.3045
0.2925
0.2885
0.2615
0.2695
y
x
y
x
y
x
f
e
b
* Measurement Uncertainty of the Color Coordinates : ± 0.01


Similar Part No. - KWT803-S

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
KWT803-S SEOUL-KWT803-S_11 Datasheet
646Kb / 17P
   White colored SMT package InGaN material
More results

Similar Description - KWT803-S

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
SMD22 VCC-SMD22 Datasheet
23Kb / 1P
   SURFACE MOUNT LED MOUNT
logo
Marktech Corporate
TLGE1005B MARKTECH-TLGE1005B Datasheet
81Kb / 3P
   Surface Mount LED
TLPGE1005B MARKTECH-TLPGE1005B Datasheet
80Kb / 3P
   Surface Mount LED
logo
Dialight Corporation
597-3XX1-1XX DIALIGHT-597-3XX1-1XX Datasheet
21Kb / 1P
   Surface Mount LED
597-3XX1-2XX DIALIGHT-597-3XX1-2XX Datasheet
28Kb / 2P
   Surface Mount LED
logo
Visual Communications C...
CMDA2 VCC-CMDA2 Datasheet
571Kb / 1P
   Surface Mount LED
logo
Seoul Semiconductor
MWT801-S SEOUL-MWT801-S Datasheet
318Kb / 13P
   surface-mount LED
USBT801 SEOUL-USBT801 Datasheet
490Kb / 12P
   surface-mount LED
AWT801-S SEOUL-AWT801-S Datasheet
651Kb / 16P
   surface-mount LED
CFT732-S SEOUL-CFT732-S Datasheet
924Kb / 22P
   surface-mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com