Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1566-1 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1566-1
Description  1.4nV/?숰z 180MHz Filter Building Block
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1566-1 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1566-1 Datasheet HTML 4Page - Linear Technology LTC1566-1 Datasheet HTML 5Page - Linear Technology LTC1566-1 Datasheet HTML 6Page - Linear Technology LTC1566-1 Datasheet HTML 7Page - Linear Technology LTC1566-1 Datasheet HTML 8Page - Linear Technology LTC1566-1 Datasheet HTML 9Page - Linear Technology LTC1566-1 Datasheet HTML 10Page - Linear Technology LTC1566-1 Datasheet HTML 11Page - Linear Technology LTC1566-1 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LT1567
8
1567fa
Functional Description
The LT1567 contains two low noise rail-to-rail output,
wideband operational amplifiers, one of them connected
internally as a unity-gain inverter. These two amplifiers
can form a second order multiple feedback filter configu-
ration (Figure 1) for megahertz signal frequencies, with
exceptionally low total noise. The amplifier in the dedi-
cated inverter (INV) is optimized for better high fre-
quency linearity while the uncommitted operational
amplifier (OA) is optimized for lower input noise voltage,
addressing the different sensitivities to these effects
when used as a filter section. This combination produces
a low noise filter with better distortion performance than
would be possible with identical amplifiers.
LT1567 Free Design Software
A spreadsheet-based design tool is available at
www.linear.com for designing lowpass and bandpass
filters using the LT1567.
APPLICATIO S I FOR ATIO
FREQUENCY (Hz)
100k
–30
GAIN IS MEASURED TO EITHER OUTPUT ALONE.
IF OUTPUT USED DIFFERENTIALLY, VOUT
+ – V
OUT
= 2× VIN
–21
–15
–9
0
1M
10M
1567 F01b
–27
–18
–12
–3
3
–6
–24
CHEBYSHEV
BUTTERWORTH
fO =
TRANSFER FUNCTION H(s) =
Q =
GAIN + 1
1
2
π√R2R3 C2
R2
R3
(2
πfO)2
(2
πfO)
Q
s2 +
s + (2
πfO)2
Figure 1. 2nd Order Lowpass Filter and Gain Response for fC = 1MHz
(Butterworth: C1 = C2 = 390pF, R1 = R2 = 576
Ω, R3 = 280Ω
Chebyshev: C1 = C2 = 390pF, R1 = R2 = 453
Ω, R3 = 174Ω)
Gain vs Frequency
+
7
VOUT
+
1567 F01a
VOUT
DESIGN EQUATIONS:
R1 = R2, C1 = C2, C1
6
600
600
2
1
C1
3
5
8
VIN
LT1567
0.1
µF
7pF
C2
R3
150
V+
V+
R1
R2
0.1
µF
1
1000 • fC
R2
R1
BUTTERWORTH R2 =
1
4.44 • C1 • fC
R2
2
R3 =
CHEBYSHEV 0.25dB RIPPLE R2 =
1
5.65 • C1 • fC
R2
2.62
R3 =
4
V
V
0.1
µF
fC IS THE FILTER’S CUTOFF FREQUENCY
GAIN = 1 AND fC ≤ 1MHz
()
GAIN =


Similar Part No. - LTC1566-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1566-1 LINER-LTC1566-1 Datasheet
194Kb / 8P
   Low Noise 2.3MHz Continuous Time Lowpass Filter
LTC1566-1 LINER-LTC1566-1 Datasheet
140Kb / 8P
   Low Noise 2.3MHz Continuous Time Lowpass Filter
LTC1566-1CS8 LINER-LTC1566-1CS8 Datasheet
194Kb / 8P
   Low Noise 2.3MHz Continuous Time Lowpass Filter
LTC1566-1IS8 LINER-LTC1566-1IS8 Datasheet
194Kb / 8P
   Low Noise 2.3MHz Continuous Time Lowpass Filter
LTC1566-1 LINER-LTC1566-1_15 Datasheet
140Kb / 8P
   Low Noise 2.3MHz Continuous Time Lowpass Filter
More results

Similar Description - LTC1566-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1567 LINER-LT1567 Datasheet
138Kb / 8P
   1.4nV/Hz 175MHz Op Amp and Inverter / Filter Building Block
LT1567 LINER-LT1567_15 Datasheet
209Kb / 16P
   Filter Building Block
LTC1060 LINER-LTC1060_09 Datasheet
263Kb / 20P
   Universal Dual Filter Building Block
LTC1060CS LINER-LTC1060CS Datasheet
173Kb / 3P
   Universal Dual Filter Building Block?
LTC1060 LINER-LTC1060_15 Datasheet
269Kb / 20P
   Universal Dual Filter Building Block
LTC1060 LINER-LTC1060 Datasheet
1Mb / 20P
   Universal Dual Filter Building Block
LTC1264 LINER-LTC1264_05 Datasheet
231Kb / 16P
   High Speed, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264 Datasheet
343Kb / 16P
   High Speed, Quad Universal Filter Building Block
LTC1061CS LINER-LTC1061CS Datasheet
212Kb / 3P
   High Performance Triple Universal Filter Building Block?
LTC1061 LINER-LTC1061_15 Datasheet
335Kb / 16P
   High Performance Triple Universal Filter Building Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com