Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY320 Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # LY320
Description  YELLOW LAMP LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LY320 Datasheet(HTML) 4 Page - Seoul Semiconductor

  LY320_1 Datasheet HTML 1Page - Seoul Semiconductor LY320_1 Datasheet HTML 2Page - Seoul Semiconductor LY320_1 Datasheet HTML 3Page - Seoul Semiconductor LY320_1 Datasheet HTML 4Page - Seoul Semiconductor LY320_1 Datasheet HTML 5Page - Seoul Semiconductor LY320_1 Datasheet HTML 6Page - Seoul Semiconductor LY320_1 Datasheet HTML 7Page - Seoul Semiconductor LY320_1 Datasheet HTML 8Page - Seoul Semiconductor LY320_1 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Rev. 00
Rev. 00
December 2007
December 2007
www.ZLED.com
www.ZLED.com
Document No. : SSC-QP-7-07-24 (Rev.00)
<080924> Rev. 0.2
2. Absolute Maximum Ratings ( Ta = 25ºC )
mW
81
P
D
Power Dissipation
V
5
V
R
Reverse Voltage
ºC
260ºC for 10seconds [2]
T
s
Solder Temperature
ºC
-40 ~ 100
T
opr
Operating Temperature
mA
100
I
FP
[1]
Forward Peak Pulse Current
ºC
-50 ~ 105
T
stg
Storage Temperature
mA
30
I
F
DC Forward Current
Unit
Value
Symbol
Item
Notes :
[1] t ≤ 0.1ms, D = 1/10
[2] No lower than 3mm from the base of the epoxy bulb.
3. Electro-Optical Characteristics ( Ta = 25ºC, IF=20mA )
nm
596
590
583
λ
d
Dominant Wavelength[5]
V
2.7
2.1
-
V
F
Forward Voltage [6]
16
deg.
2
θ
½
View Angle
5
-
-
850
700
µA
-
I
R
Reverse Current (at V
R = 5V)
Max.
Typ.
Min.
mcd
I
V
[4]
Luminous Intensity [3]
Unit
Value
Symbol
Item
Notes :
[3] SSC maintains a tolerance of
±10% on intensity and power measurements.
[4]
I
V is the luminous intensity output as measured with a cylinder.
[5] Dominant wavelength is derived from the CIE 1931 Chromaticity diagram.
A tolerance of
±0.5nm for dominant wavelength.
[6] A tolerance of
±0.05V on forward voltage measurements


Similar Part No. - LY320_1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LY3200ALH STMICROELECTRONICS-LY3200ALH Datasheet
239Kb / 13P
   MEMS motion sensor: high performance 짹2000 dps analog yaw-rate gyroscope
LY3200ALH STMICROELECTRONICS-LY3200ALH Datasheet
165Kb / 1P
   STMICROELECTRONICS Analog ICs
LY3200ALHTR STMICROELECTRONICS-LY3200ALHTR Datasheet
239Kb / 13P
   MEMS motion sensor: high performance 짹2000 dps analog yaw-rate gyroscope
logo
Seoul Semiconductor
LY320Z SEOUL-LY320Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
More results

Similar Description - LY320_1

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LY350 SEOUL-LY350 Datasheet
89Kb / 10P
   YELLOW LAMP LED
logo
Micro Electronics
MYB68DA-3 MICRO-ELECTRONICS-MYB68DA-3 Datasheet
95Kb / 1P
   YELLOW LED LAMP
logo
Seoul Semiconductor
LY350 SEOUL-LY350_1 Datasheet
285Kb / 12P
   YELLOW LAMP LED
LY530 SEOUL-LY530 Datasheet
341Kb / 10P
   YELLOW LAMP LED
logo
Micro Electronics
MYB31DA MICRO-ELECTRONICS-MYB31DA Datasheet
111Kb / 1P
   YELLOW LED LAMP
logo
Seoul Semiconductor
LY320 SEOUL-LY320 Datasheet
334Kb / 10P
   YELLOW LAMP LED
LY530 SEOUL-LY530_1 Datasheet
401Kb / 12P
   YELLOW LAMP LED
logo
Micro Electronics
MYB100D MICRO-ELECTRONICS-MYB100D Datasheet
40Kb / 1P
   HIGH EFFICIENCY YELLOW LED LAMP
logo
LUMEX INC.
SSP-1156B153S12 LUMEX-SSP-1156B153S12 Datasheet
72Kb / 1P
   1156 LED REPLACEMENT LAMP, YELLOW.
logo
LightKey Optoelectronic...
LLC520UYC-B90 LIGHTKEY-LLC520UYC-B90 Datasheet
76Kb / 2P
   5mm Cylindrical Yellow LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com